Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT7MMV4101S10BGI Datasheet(PDF) 7 Page - Integrated Device Technology

Part # IDT7MMV4101S10BGI
Description  128K x 24 Three Megabit 3.3V CMOS Static RAM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7MMV4101S10BGI Datasheet(HTML) 7 Page - Integrated Device Technology

  IDT7MMV4101S10BGI Datasheet HTML 1Page - Integrated Device Technology IDT7MMV4101S10BGI Datasheet HTML 2Page - Integrated Device Technology IDT7MMV4101S10BGI Datasheet HTML 3Page - Integrated Device Technology IDT7MMV4101S10BGI Datasheet HTML 4Page - Integrated Device Technology IDT7MMV4101S10BGI Datasheet HTML 5Page - Integrated Device Technology IDT7MMV4101S10BGI Datasheet HTML 6Page - Integrated Device Technology IDT7MMV4101S10BGI Datasheet HTML 7Page - Integrated Device Technology IDT7MMV4101S10BGI Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
6.42
IDT7MMV4101
128K x 24 Three Megabit 3.3V CMOS Static RAM
Commercial and Industrial Temperature Ranges
7
Package Dimensions
Ordering Information
NOTES:
1. All dimensions are in mm.
X
Power
X
Speed
X
Package
X
Process/
Temperature
Range
XXXXX
Device
Type
IDT
I
Blank
BG
10
12
15
S
7MMV4101
119 lead BGA (Ball Grid Array)
Speed in Nanoseconds
Commercial Temp Only
Commercial and Industrial Temp
Commercial and Industrial Temp
Standard Power
3 Megabit Static RAM
Industrial (-40°C to +85°C)
Commercial (0°C to +70°C)
4083 drw 09
,
14.00 + 0.1
22.0 + 0.1
2.15 Nom.
2.36 Max
A
B
C
D
E
F
G
H
I
J
K
L
M
N
O
P
Q
7
6
5
4
3
2
1
1.27 Typ
7.62 Ref
20.32 Ref
TOP VIEW
BOTTOM VIEW
0.84
REF
3.19
REF
,
4083 drw 08


Similar Part No. - IDT7MMV4101S10BGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7M1001 IDT-IDT7M1001 Datasheet
171Kb / 11P
   128K x 8 64K x 8 CMOS DUAL-PORT STATIC RAM MODULE
IDT7M1001S35C IDT-IDT7M1001S35C Datasheet
171Kb / 11P
   128K x 8 64K x 8 CMOS DUAL-PORT STATIC RAM MODULE
IDT7M1001S35CB IDT-IDT7M1001S35CB Datasheet
171Kb / 11P
   128K x 8 64K x 8 CMOS DUAL-PORT STATIC RAM MODULE
IDT7M1001S40C IDT-IDT7M1001S40C Datasheet
171Kb / 11P
   128K x 8 64K x 8 CMOS DUAL-PORT STATIC RAM MODULE
IDT7M1001S40CB IDT-IDT7M1001S40CB Datasheet
171Kb / 11P
   128K x 8 64K x 8 CMOS DUAL-PORT STATIC RAM MODULE
More results

Similar Description - IDT7MMV4101S10BGI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61LV12824 ISSI-IS61LV12824 Datasheet
77Kb / 13P
   128K x 24 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
logo
Samsung semiconductor
K6R3024V1D SAMSUNG-K6R3024V1D Datasheet
172Kb / 9P
   128K x 24 Bit High-Speed CMOS Static RAM(3.3V Operating)
logo
Cypress Semiconductor
CY7C1024AV33 CYPRESS-CY7C1024AV33 Datasheet
220Kb / 11P
   128K x 24 Static RAM
logo
List of Unclassifed Man...
P3C1024 ETC1-P3C1024 Datasheet
45Kb / 2P
   HIGH SPEED 128K x 8 3.3V STATIC CMOS RAM
logo
Winbond
W24100 WINBOND-W24100 Datasheet
172Kb / 11P
   128K X 8 CMOS STATIC RAM
W24L01 WINBOND-W24L01 Datasheet
182Kb / 11P
   128K X 8 CMOS STATIC RAM
logo
Integrated Silicon Solu...
62LV12816 ISSI-62LV12816 Datasheet
83Kb / 9P
   128K x 16 CMOS STATIC RAM
logo
List of Unclassifed Man...
PDM41024 ETC-PDM41024 Datasheet
294Kb / 8P
   1 Megabit Static RAM 128K x 8-Bit
logo
Cypress Semiconductor
CY7C1024DV33 CYPRESS-CY7C1024DV33 Datasheet
300Kb / 8P
   3-Mbit (128K X 24) Static RAM
CY7C1024DV33 CYPRESS-CY7C1024DV33_07 Datasheet
442Kb / 9P
   3-Mbit (128K X 24) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com