Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT70V08S20PF Datasheet(PDF) 6 Page - Integrated Device Technology

Part # IDT70V08S20PF
Description  HIGH-SPEED 64K x 8 DUAL-PORT STATIC RAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT70V08S20PF Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button IDT70V08S20PF Datasheet HTML 2Page - Integrated Device Technology IDT70V08S20PF Datasheet HTML 3Page - Integrated Device Technology IDT70V08S20PF Datasheet HTML 4Page - Integrated Device Technology IDT70V08S20PF Datasheet HTML 5Page - Integrated Device Technology IDT70V08S20PF Datasheet HTML 6Page - Integrated Device Technology IDT70V08S20PF Datasheet HTML 7Page - Integrated Device Technology IDT70V08S20PF Datasheet HTML 8Page - Integrated Device Technology IDT70V08S20PF Datasheet HTML 9Page - Integrated Device Technology IDT70V08S20PF Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
IDT70V08S/L
High-Speed 64K x 8 Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
6
AC Test Conditions
Figure 1. AC Output Load
Input Pulse Levels
Input Rise/Fall Times
Input Timing Reference Levels
Output Reference Levels
Output Load
GND to 3.0V
5ns Max.
1.5V
1.5V
Figures 1 and 2
3740 tbl 11
3740 drw 04
590
30pF
435
3.3V
DATAOUT
BUSY
INT
590
5pF
435
3.3V
DATAOUT
3740 drw 03
Figure 2. Output Test Load
(for tLZ, tHZ, tWZ, tOW)
* Including scope and jig.
DC Electrical Characteristics Over the Operating
Temperature and Supply Voltage Range(1,6,7) (VCC = 3.3V ± 0.3V)
NOTES:
1. 'X' in part numbers indicates power rating (S or L)
2. VCC = 3.3V, TA = +25°C, and are not production tested. ICCDC = 90mA (Typ.)
3. At f = fMAX
, address and control lines (except Output Enable) are cycling at the maximum frequency read cycle of 1/tRC, and using “AC Test Conditions" of input levels of GND
to 3V.
4. f = 0 means no address or control lines change.
5. Port "A" may be either left or right port. Port "B" is the opposite from port "A".
6. Refer to Chip Enable Truth Table.
7. Industrial temperature: for specific speeds, packages and powers contact your sales office.
Symbol
Parameter
Test Condition
Version
70V08X25
Com'l Only
Typ.
(2)
Max
70V08X35
Com'l Only
Typ.
(2)
Max
Unit
ICC
Dynamic Operating Current
(Both Ports Active)
CE = VIL, Outputs Disabled
SEM = VIH
f = fMAX
(3)
COM'L
S
L
120
120
205
170
110
110
195
160
mA
IND
S
L
____
____
____
____
____
____
____
____
ISB1
Standby Current
(Both Ports - TTL Level
Inputs)
CEL = CER = VIH
SEMR = SEML = VIH
f = fMAX
(3)
COM'L
S
L
17
15
45
40
15
13
40
35
mA
IND
S
L
____
____
____
____
____
____
____
____
ISB2
Standby Current
(One Port - TTL Level Inputs)
CE"A" = VIL and CE"B" = VIH(5)
Active Port Outputs Disabled,
f=fMAX
(3)
SEMR = SEML = VIH
COM'L
S
L
60
60
115
100
50
50
105
90
mA
IND
S
L
____
____
____
____
____
____
____
____
ISB3
Full Standby Current (Both
Ports - All CMOS Level
Inputs)
Both Ports
CEL and
CER > VCC - 0.2V
VIN > VCC - 0.2V or
VIN < 0.2V, f = 0
(4)
SEMR = SEML > VCC - 0.2V
COM'L
S
L
1.0
0.2
6
3
1.0
0.2
6
3
mA
IND
S
L
____
____
____
____
____
____
____
____
ISB4
Full Standby Current
(One Port - All CMOS Level
Inputs)
CE"A" < 0.2V and
CE"B" > VCC - 0.2V(5)
SEMR = SEML > VCC - 0.2V
VIN > VCC - 0.2V or VIN < 0.2V
Active Port Outputs Disabled
f = fMAX
(3)
COM'L
S
L
70
70
110
95
60
60
100
85
mA
IND
S
L
____
____
____
____
____
____
____
____
3740 tbl 10b


Similar Part No. - IDT70V08S20PF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V08S IDT-IDT70V08S Datasheet
662Kb / 21P
   HIGH-SPEED 3.3V 64K x 8 DUAL-PORT STATIC RAM
IDT70V08S IDT-IDT70V08S Datasheet
198Kb / 21P
   HIGH-SPEED 3.3V 64K x 8 DUAL-PORT STATIC RAM
IDT70V08S IDT-IDT70V08S_15 Datasheet
662Kb / 21P
   HIGH-SPEED 3.3V 64K x 8 DUAL-PORT STATIC RAM
IDT70V08S IDT-IDT70V08S_17 Datasheet
198Kb / 21P
   HIGH-SPEED 3.3V 64K x 8 DUAL-PORT STATIC RAM
More results

Similar Description - IDT70V08S20PF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7008S IDT-IDT7008S Datasheet
167Kb / 19P
   HIGH-SPEED 64K x 8 DUAL-PORT STATIC RAM
IDT7008S IDT-IDT7008S_16 Datasheet
717Kb / 20P
   HIGH-SPEED 64K x 8 DUAL-PORT STATIC RAM
IDT7008S IDT-IDT7008S_18 Datasheet
181Kb / 20P
   HIGH-SPEED 64K x 8 DUAL-PORT STATIC RAM
IDT709089S IDT-IDT709089S Datasheet
199Kb / 17P
   HIGH-SPEED 64K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V08S IDT-IDT70V08S_15 Datasheet
662Kb / 21P
   HIGH-SPEED 3.3V 64K x 8 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V08 RENESAS-70V08 Datasheet
363Kb / 22P
   HIGH-SPEED 3.3V 64K x 8 DUAL-PORT STATIC RAM
MAY 2019
logo
Integrated Device Techn...
IDT70V08S IDT-IDT70V08S_17 Datasheet
198Kb / 21P
   HIGH-SPEED 3.3V 64K x 8 DUAL-PORT STATIC RAM
IDT7038L IDT-IDT7038L Datasheet
155Kb / 17P
   HIGH - SPEED 64K x 18 DUAL - PORT STATIC RAM
IDT7028L IDT-IDT7028L_18 Datasheet
179Kb / 18P
   HIGH-SPEED 64K x 16 DUAL-PORT STATIC RAM
IDT7028L IDT-IDT7028L Datasheet
150Kb / 17P
   HIGH-SPEED 64K x 16 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com