Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC556MFKB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLC556MFKB
Description  DUAL LinCMOSE TIMERS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC556MFKB Datasheet(HTML) 1 Page - Texas Instruments

  TLC556MFKB Datasheet HTML 1Page - Texas Instruments TLC556MFKB Datasheet HTML 2Page - Texas Instruments TLC556MFKB Datasheet HTML 3Page - Texas Instruments TLC556MFKB Datasheet HTML 4Page - Texas Instruments TLC556MFKB Datasheet HTML 5Page - Texas Instruments TLC556MFKB Datasheet HTML 6Page - Texas Instruments TLC556MFKB Datasheet HTML 7Page - Texas Instruments TLC556MFKB Datasheet HTML 8Page - Texas Instruments TLC556MFKB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
TLC556, TLC556Y
DUAL LinCMOS
™ TIMERS
SLFS047B – FEBRUARY 1984 – REVISED SEPTEMBER 1997
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Very Low Power Consumption ...2 mW
Typ at VDD = 5 V
D Capable of Operation in Astable Mode
D CMOS Output Capable of Swinging Rail to
Rail
D High Output-Current Capability
Sink 100 mA Typ
Source 10 mA Typ
D Output Fully Compatible With CMOS, TTL,
and MOS
D Low Supply Current Reduces Spikes
During Output Transitions
D Single-Supply Operation From 2 V to 15 V
D Functionally interchangeable With the
NE556; Has Same Pinout
description
The TLC556 series are monolithic timing circuits
fabricated using the TI LinCMOS
™ process, which
provides full compatibility with CMOS, TTL, and
MOS logic and operates at frequencies up to
2 MHz. Accurate time delays and oscillations are
possible with smaller, less-expensive timing
capacitors than the NE556 because of the high
input impedance. Power consumption is low
across the full range of power supply voltages.
Like the NE556, the TLC556 has a trigger level
approximately one-third of the supply voltage and
a threshold level approximately two-thirds of the supply voltage. These levels can be altered by use of the control
voltage terminal. When the trigger input falls below the trigger level, the flip-flop is set and the output goes high.
If the trigger input is above the trigger level and the threshold input is above the threshold level, the flip-flop is
reset and the output is low. The reset input can override all other inputs and can be used to initiate a new timing
cycle. If the reset input is low, the flip-flop is reset and the output is low. Whenever the output is low, a
low-impedance path is provided between the discharge terminal and ground.
While the CMOS output is capable of sinking over 100 mA and sourcing over 10 mA, the TLC556 exhibits greatly
reduced supply-current spikes during output transitions. This minimizes the need for the large decoupling
capacitors required by the NE556.
These devices have internal electrostatic-discharge (ESD) protection circuits that prevent catastrophic failures
at voltages up to 2000 V as tested under MIL-STD-883C, Method 3015. However, care should be exercised in
handling these devices, as exposure to ESD may result in degradation of the device parametric performance.
All unused inputs should be tied to an appropriate logic level to prevent false triggering.
The TLC556C is characterized for operation from 0
°C to 70°C. The TLC556I is characterized for operation from
–40
°C to 85°C. The TLC556M is characterized for operation over the full military temperature range of –55°C
to 125
°C.
Copyright
© 1997, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
LinCMOS is a trademark of Texas Instruments Incorporated.
1 DISCH
1 THRES
1 CONT
1 RESET
1 OUT
1 TRIG
GND
1
2
3
4
5
6
7
14
13
12
11
10
9
8
VDD
2 DISCH
2 THRES
2 CONT
2 RESET
2 OUT
2 TRIG
D, J, OR N PACKAGE
(TOP VIEW)
3
2
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
2 THRES
NC
2 CONT
NC
2 RESET
1 CONT
NC
1 RESET
NC
1 OUT
FK PACKAGE
(TOP VIEW)
NC–No internal connection


Similar Part No. - TLC556MFKB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC556MFKB TI-TLC556MFKB Datasheet
236Kb / 18P
[Old version datasheet]   DUAL LinCMOSE TIMERS
TLC556MFKB TI1-TLC556MFKB Datasheet
1,005Kb / 22P
[Old version datasheet]   DUAL LinCMOSE TIMERS
More results

Similar Description - TLC556MFKB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC556IDG4 TI1-TLC556IDG4 Datasheet
1,005Kb / 22P
[Old version datasheet]   DUAL LinCMOSE TIMERS
TLC556 TI-TLC556 Datasheet
236Kb / 18P
[Old version datasheet]   DUAL LinCMOSE TIMERS
TLC551 TI1-TLC551_06 Datasheet
297Kb / 17P
[Old version datasheet]   LinCMOSE TIMERS
TLC551 TI-TLC551 Datasheet
277Kb / 16P
[Old version datasheet]   LinCMOSE TIMERS
TLC555 TI-TLC555 Datasheet
404Kb / 19P
[Old version datasheet]   LinCMOSE TIMERS
TLC555 TI1-TLC555_16 Datasheet
1Mb / 25P
[Old version datasheet]   LinCMOSE TIMERS
TLC552C TI-TLC552C Datasheet
134Kb / 9P
[Old version datasheet]   DUAL LINCMOSE TIMER
TLC552 TI1-TLC552 Datasheet
473Kb / 13P
[Old version datasheet]   DUAL LINCMOSE TIMER
TLC552C TI-TLC552C_06 Datasheet
148Kb / 10P
[Old version datasheet]   DUAL LINCMOSE??TIMER
TLC252 TI-TLC252 Datasheet
330Kb / 21P
[Old version datasheet]   LinCMOSE DUAL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com