Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC556MDG4 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TLC556MDG4
Description  DUAL LinCMOSE TIMERS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC556MDG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLC556MDG4 Datasheet HTML 3Page - Texas Instruments TLC556MDG4 Datasheet HTML 4Page - Texas Instruments TLC556MDG4 Datasheet HTML 5Page - Texas Instruments TLC556MDG4 Datasheet HTML 6Page - Texas Instruments TLC556MDG4 Datasheet HTML 7Page - Texas Instruments TLC556MDG4 Datasheet HTML 8Page - Texas Instruments TLC556MDG4 Datasheet HTML 9Page - Texas Instruments TLC556MDG4 Datasheet HTML 10Page - Texas Instruments TLC556MDG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
TLC556, TLC556Y
DUAL LinCMOS
™ TIMERS
SLFS047B – FEBRUARY 1984 – REVISED SEPTEMBER 1997
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics at specified free-air temperature, VDD = 15 V
PARAMETER
TEST
TA†
TLC556C
TLC556I
TLC556M
UNIT
PARAMETER
CONDITIONS
TA†
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
VIT
Input threshold voltage
25
°C
9.45
10
10.55
9.45
10
10.55
9.45
10
10.55
V
VIT
Input threshold voltage
Full range
9.35
10.65
9.35
10.65
9.35
10.65
V
Threshold current
25
°C
10
10
10
pA
Threshold current
MAX
75
150
5000
pA
V(t i
)
Trigger voltage
25
°C
4.65
5
5.35
4.65
5
5.35
4.65
5
5.35
V
V(trigger)
Trigger voltage
Full range
4.55
5.45
4.55
5.45
4.55
5.45
V
I(t i
)
Trigger current
25
°C
10
10
10
pA
I(trigger)
Trigger current
MAX
75
150
5000
pA
V(t)
Reset voltage
25
°C
0.4
1.1
1.5
0.4
1.1
1.5
0.4
1.1
1.5
V
V(reset)
Reset voltage
Full range
0.3
1.8
0.3
1.8
0.3
1.8
V
I(t)
Reset current
25
°C
10
10
10
pA
I(reset)
Reset current
MAX
75
150
5000
pA
Control voltage (open
circuit) as a percent-
age of supply voltage
MAX
66.7%
66.7%
66.7%
Discharge switch on-
IOL = 100 mA
25
°C
0.8
1.7
0.8
1.7
0.8
1.7
V
g
state voltage
IOL = 100 mA
Full range
1.8
1.8
1.8
V
Discharge switch off-
25
°C
0.1
0.1
0.1
nA
g
state current
MAX
0.5
2
120
nA
IOH =10 mA
25
°C
12.5
14.2
12.5
14.2
12.5
14.2
IOH = –10 mA
Full range
12.5
12.5
12.5
VOH
High-level output
IOH =5 mA
25
°C
13.5
14.6
13.5
14.6
13.5
14.6
V
VOH
g
voltage
IOH = –5 mA
Full range
13.5
13.5
13.5
V
IOH =1 mA
25
°C
14.2
14.9
14.2
14.9
14.2
14.9
IOH = –1 mA
Full range
14.2
14.2
14.2
IOL = 100 mA
25
°C
1.28
3.2
1.28
3.2
1.28
3.2
IOL = 100 mA
Full range
3.6
3.7
3.8
VOL
Low-level output
IOL =50mA
25
°C
0.63
1
0.63
1
0.63
1
V
VOL
voltage
IOL = 50 mA
Full range
1.3
1.4
1.5
V
IOL =10mA
25
°C
0.12
0.3
0.12
0.3
0.12
0.3
IOL = 10 mA
Full range
0.4
0.4
0.45
IDD
Supply current
See Note 2
25
°C
0.72
1.2
0.72
1.2
0.72
1.2
mA
IDD
Supply current
See Note 2
Full range
1.6
1.8
2
mA
† Full range is 0
°C to 70°C for TLC556C, –40°C to 85°C for TLC556I, and –55°C to 125°C for TLC556M.
NOTE 2:
These values apply for the expected operating configurations in which THRES is connected directly to DISCH or TRIG.


Similar Part No. - TLC556MDG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC556MDG4 TI1-TLC556MDG4 Datasheet
1,005Kb / 22P
[Old version datasheet]   DUAL LinCMOSE TIMERS
More results

Similar Description - TLC556MDG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC556IDG4 TI1-TLC556IDG4 Datasheet
1,005Kb / 22P
[Old version datasheet]   DUAL LinCMOSE TIMERS
TLC556 TI-TLC556 Datasheet
236Kb / 18P
[Old version datasheet]   DUAL LinCMOSE TIMERS
TLC551 TI1-TLC551_06 Datasheet
297Kb / 17P
[Old version datasheet]   LinCMOSE TIMERS
TLC551 TI-TLC551 Datasheet
277Kb / 16P
[Old version datasheet]   LinCMOSE TIMERS
TLC555 TI-TLC555 Datasheet
404Kb / 19P
[Old version datasheet]   LinCMOSE TIMERS
TLC555 TI1-TLC555_16 Datasheet
1Mb / 25P
[Old version datasheet]   LinCMOSE TIMERS
TLC552C TI-TLC552C Datasheet
134Kb / 9P
[Old version datasheet]   DUAL LINCMOSE TIMER
TLC552 TI1-TLC552 Datasheet
473Kb / 13P
[Old version datasheet]   DUAL LINCMOSE TIMER
TLC552C TI-TLC552C_06 Datasheet
148Kb / 10P
[Old version datasheet]   DUAL LINCMOSE??TIMER
TLC252 TI-TLC252 Datasheet
330Kb / 21P
[Old version datasheet]   LinCMOSE DUAL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com