Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC555IDG4 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TLC555IDG4
Description  LinCMOSE TIMERS
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC555IDG4 Datasheet(HTML) 4 Page - Texas Instruments

  TLC555IDG4 Datasheet HTML 1Page - Texas Instruments TLC555IDG4 Datasheet HTML 2Page - Texas Instruments TLC555IDG4 Datasheet HTML 3Page - Texas Instruments TLC555IDG4 Datasheet HTML 4Page - Texas Instruments TLC555IDG4 Datasheet HTML 5Page - Texas Instruments TLC555IDG4 Datasheet HTML 6Page - Texas Instruments TLC555IDG4 Datasheet HTML 7Page - Texas Instruments TLC555IDG4 Datasheet HTML 8Page - Texas Instruments TLC555IDG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
TLC555
LinCMOS TIMER
SLFS043F − SEPTEMBER 1983 − REVISED FEBRUARY 2005
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage, VDD (see Note 1)
18 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI (any input)
−0.3 to VDD
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Sink current, discharge or output
150 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Source current, output, IO
15 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation
See Dissipation Rating Table
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA: C-suffix
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
I-suffix
−40
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Q-suffix
−40
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
M-suffix
−55
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Case temperature for 60 seconds: FK package
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 60 seconds: JG package
300
°C
. . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds: D, DB, P, or PW package
260
°C
. . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: All voltage values are with respect to network GND.
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
POWER RATING
DERATING FACTOR
ABOVE TA = 25°C
TA = 70°C
POWER RATING
TA = 85°C
POWER RATING
TA = 125°C
POWER RATING
D
DB
FK
JG
P
PW
725 mW
525 mW
1375 mW
1050 mW
1000 mW
525 mW
5.8 mW/
°C
4.2 mW/
°C
11.0 mW/
°C
8.4 mW/
°C
8.0 mW/
°C
4.2 mW/
°C
464 mW
336 mW
880 mW
672 mW
640 mW
336 mW
377 mW
273 mW
715 mW
546 mW
520 mW
273 mW
145 mW
105 mW
275 mW
210 mW
200 mW
105 mW
recommended operating conditions
MIN
MAX
UNIT
Supply voltage, VDD
2
15
V
TLC555C
0
70
Operating free-air temperature range, TA
TLC555I
−40
85
°C
Operating free-air temperature range, TA
TLC555Q
−40
125
°C
TLC555M
−55
125


Similar Part No. - TLC555IDG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC555IDG4 TI-TLC555IDG4 Datasheet
404Kb / 19P
[Old version datasheet]   LinCMOSE TIMERS
TLC555IDG4 TI-TLC555IDG4 Datasheet
1Mb / 42P
[Old version datasheet]   TLC555 LinCMOS??Timer
TLC555IDG4 TI1-TLC555IDG4 Datasheet
992Kb / 42P
[Old version datasheet]   TLC555 LinCMOS™ Timer
REVISED JULY 2019
More results

Similar Description - TLC555IDG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC551 TI1-TLC551_06 Datasheet
297Kb / 17P
[Old version datasheet]   LinCMOSE TIMERS
TLC551 TI-TLC551 Datasheet
277Kb / 16P
[Old version datasheet]   LinCMOSE TIMERS
TLC555 TI-TLC555 Datasheet
404Kb / 19P
[Old version datasheet]   LinCMOSE TIMERS
TLC556 TI1-TLC556_16 Datasheet
1Mb / 22P
[Old version datasheet]   DUAL LinCMOSE TIMERS
TLC556IDG4 TI1-TLC556IDG4 Datasheet
1,005Kb / 22P
[Old version datasheet]   DUAL LinCMOSE TIMERS
TLC556 TI-TLC556 Datasheet
236Kb / 18P
[Old version datasheet]   DUAL LinCMOSE TIMERS
TLC552C TI-TLC552C Datasheet
134Kb / 9P
[Old version datasheet]   DUAL LINCMOSE TIMER
logo
ON Semiconductor
MC1455 ONSEMI-MC1455_06 Datasheet
171Kb / 11P
   Timers
February, 2006 ??Rev. 9
MC1455 ONSEMI-MC1455 Datasheet
147Kb / 10P
   Timers
March, 2004 ??Rev. 8
logo
Texas Instruments
TLC552 TI1-TLC552 Datasheet
473Kb / 13P
[Old version datasheet]   DUAL LINCMOSE TIMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com