Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C464A-15LMB Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY7C464A-15LMB
Description  Asynchronous, Cascadable 8K/16K/32K/64K x9 FIFOs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C464A-15LMB Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY7C464A-15LMB Datasheet HTML 4Page - Cypress Semiconductor CY7C464A-15LMB Datasheet HTML 5Page - Cypress Semiconductor CY7C464A-15LMB Datasheet HTML 6Page - Cypress Semiconductor CY7C464A-15LMB Datasheet HTML 7Page - Cypress Semiconductor CY7C464A-15LMB Datasheet HTML 8Page - Cypress Semiconductor CY7C464A-15LMB Datasheet HTML 9Page - Cypress Semiconductor CY7C464A-15LMB Datasheet HTML 10Page - Cypress Semiconductor CY7C464A-15LMB Datasheet HTML 11Page - Cypress Semiconductor CY7C464A-15LMB Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
CY7C460A/CY7C462A
CY7C464A/CY7C466A
Document #: 38-06011 Rev. *A
Page 8 of 15
Architecture
Resetting the FIFO
Upon power-up, the FIFO must be reset with a master reset
(MR) cycle. This causes the FIFO to enter the empty condition
signified by the Empty flag (EF) being LOW, and both the Half
Full (HF), and Full flags (FF) being HIGH. Read (R) and Write
(W) must be HIGH tRPW/tWPW before and tRMR after the rising
edge of MR for a valid reset cycle. If reading from the FIFO
after a reset cycle is attempted, the outputs will all be in the
high-impedance state.
Writing Data to the FIFO
The availability of at least one empty location is indicated by a
HIGH FF. The falling edge of W initiates a write cycle. Data
appearing at the inputs (D0−D8) tSD before and tHD after the
rising edge of W will be stored sequentially in the FIFO.
The EF LOW-to-HIGH transition occurs tWEF after the first
LOW-to-HIGH transition of W for an empty FIFO. HF goes
LOW tWHF after the falling edge of W following the FIFO actu-
ally being half full. Therefore, the HF is active once the FIFO
is filled to half its capacity plus one word. HF will remain LOW
while less than one half of total memory is available for writing.
The LOW-to-HIGH transition of HF occurs tRHF after the rising
edge of R when the FIFO goes from half full +1 to half full. HF
is available in standalone and width expansion modes. FF
goes LOW tWFF after the falling edge of W, during the cycle in
which the last available location is filled. Internal logic prevents
overrunning a full FIFO. Writes to a full FIFO are ignored and
the write pointer is not incremented. FF goes HIGH tRFF after
a read from a full FIFO.
Reading Data from the FIFO
The falling edge of R initiates a read cycle if the EF is not LOW.
Data outputs (Q0−Q8) are in a high-impedance condition be-
tween read operations (R HIGH), when the FIFO is empty, or
when the FIFO is not the active device in the depth expansion
mode.
When one word is in the FIFO, the falling edge of R initiates a
HIGH-to-LOW transition of EF. When the FIFO is empty, the
outputs are in a high-impedance state. Reads to an empty
FIFO are ignored and do not increment the read pointer. From
the empty condition, the FIFO can be read tWEF after a valid
write.
Retransmit
The retransmit feature is beneficial when transferring packets
of data. It enables the receipt of data to be acknowledged by
the receiver and retransmitted if necessary. The retransmit
(RT) input is active in the standalone and width expansion
modes. The retransmit feature is intended for use when a
Note:
13. Expansion out of device 1 (XO1) is connected to expansion in of device 2 (XI2).
Switching Waveforms[7] (continued)
Expansion TimingDiagrams
C460A–15
R
W
XO1(XI2)
D0−D 8
DATA VALID
DATA
DATA
VALID
VALID
t
XOL
tHD
tSD
tSD
tHD
tXOL
tLZR
tA
tDVR
tA
tDVR
tHZR
XO1(XI2)
Q0 −Q8
C460A–16
tWR
tRR
DATA VALID
t
XOH
tXOH
[13]
[13]


Similar Part No. - CY7C464A-15LMB

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C401 CYPRESS-CY7C401 Datasheet
270Kb / 13P
   64 x 4 Cascadable FIFO / 64 x 5 Cascadable FIFO
CY7C401-10DC CYPRESS-CY7C401-10DC Datasheet
270Kb / 13P
   64 x 4 Cascadable FIFO / 64 x 5 Cascadable FIFO
CY7C401-10DMB CYPRESS-CY7C401-10DMB Datasheet
270Kb / 13P
   64 x 4 Cascadable FIFO / 64 x 5 Cascadable FIFO
CY7C401-10LMB CYPRESS-CY7C401-10LMB Datasheet
270Kb / 13P
   64 x 4 Cascadable FIFO / 64 x 5 Cascadable FIFO
CY7C401-10PC CYPRESS-CY7C401-10PC Datasheet
270Kb / 13P
   64 x 4 Cascadable FIFO / 64 x 5 Cascadable FIFO
More results

Similar Description - CY7C464A-15LMB

ManufacturerPart #DatasheetDescription
logo
AverLogic Technologies ...
AL4CX263 AVERLOGIC-AL4CX263 Datasheet
41Kb / 2P
   16K/32K/64K/128K x9, 8K/16K/32K/64K x18 Synchronous FIFO
AL4CX3650 AVERLOGIC-AL4CX3650 Datasheet
33Kb / 2P
   2K/ 4K/ 8K/ 16K/ 32K x 36 Synchronous FIFOs
logo
Cypress Semiconductor
CY7C006A CYPRESS-CY7C006A Datasheet
422Kb / 20P
   32K/16K x8, 32K/16K x9 Dual-Port Static RAM
CY7C4261V CYPRESS-CY7C4261V Datasheet
205Kb / 16P
   16K/32K/64K/128K x 9 Low-Voltage Deep Sync FIFOs
CY7C4261V CYPRESS-CY7C4261V_05 Datasheet
453Kb / 16P
   16K/32K/64K/128K x 9 Low-Voltage Deep Sync??FIFOs
logo
Hitachi Semiconductor
HN58X2402-SR HITACHI-HN58X2402-SR Datasheet
86Kb / 21P
   Two-wire serial interface 2k / 4k / 8k / 16k / 32k / 64k EEPROM
logo
Cypress Semiconductor
CY7C4261 CYPRESS-CY7C4261 Datasheet
278Kb / 18P
   16K/32K x 9 Deep Sync FIFOs
CY7C4255 CYPRESS-CY7C4255 Datasheet
361Kb / 22P
   8K/16K x 18 Deep Sync FIFOs
CY7C4255 CYPRESS-CY7C4255_05 Datasheet
541Kb / 22P
   8K/16K x 18 Deep Sync FIFOs
CY7C4255 CYPRESS-CY7C4255_09 Datasheet
655Kb / 23P
   8K/16K x 18 Deep Sync FIFOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com