Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC1551I Datasheet(PDF) 1 Page - Texas Instruments

Part # TLC1551I
Description  10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH PARALLEL OUTPUTS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC1551I Datasheet(HTML) 1 Page - Texas Instruments

  TLC1551I Datasheet HTML 1Page - Texas Instruments TLC1551I Datasheet HTML 2Page - Texas Instruments TLC1551I Datasheet HTML 3Page - Texas Instruments TLC1551I Datasheet HTML 4Page - Texas Instruments TLC1551I Datasheet HTML 5Page - Texas Instruments TLC1551I Datasheet HTML 6Page - Texas Instruments TLC1551I Datasheet HTML 7Page - Texas Instruments TLC1551I Datasheet HTML 8Page - Texas Instruments TLC1551I Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
TLC1550I, TLC1550M, TLC1551I
10BIT ANALOGTODIGITAL CONVERTERS
WITH PARALLEL OUTPUTS
SLAS043G − MAY 1991 − REVISED NOVEMBER 2003
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Power Dissipation . . . 40 mW Max
D Advanced LinEPIC Single-Poly Process
Provides Close Capacitor Matching for
Better Accuracy
D Fast Parallel Processing for DSP and µP
Interface
D Either External or Internal Clock Can Be
Used
D Conversion Time ...6 µs
D Total Unadjusted Error . . . ±1 LSB Max
D CMOS Technology
description
The TLC1550x and TLC1551 are data acquisition
analog-to-digital converters (ADCs) using a 10-bit,
switched-capacitor, successive-approximation net-
work. A high-speed, 3-state parallel port directly
interfaces to a digital signal processor (DSP) or
microprocessor (
µP) system data bus. D0 through
D9 are the digital output terminals with D0 being
the least significant bit (LSB). Separate power
terminals for the analog and digital portions
minimize noise pickup in the supply leads.
Additionally, the digital power is divided into two
parts to separate the lower current logic from the
higher current bus drivers. An external clock can be
applied to CLKIN to override the internal system
clock if desired.
The TLC1550I and TLC1551I are characterized for
operation from − 40
°C to 85°C. The TLC1550M is
characterized over the full military range of − 55
°C
to 125
°C.
AVAILABLE OPTIONS
PACKAGE
TA
CERAMIC CHIP CARRIER
(FK)
PLASTIC CHIP CARRIER
(FN)
CERAMIC DIP
(J)
SOIC
(DW)
−40
°C to 85°C
TLC1550IFN
TLC1551IFN
TLC1550IDW
TLC1551IDW
−55
°C to 125°C
TLC1550MFK
TLC1550MJ
This device contains circuits to protect its inputs and outputs against damage due to high static voltages or electrostatic fields. These
circuits have been qualified to protect this device against electrostatic discharges (ESD) of up to 2 kV according to MIL-STD-883C,
Method 3015; however, it is advised that precautions be taken to avoid application of any voltage higher than maximum-rated
voltages to these high-impedance circuits. During storage or handling, the device leads should be shorted together or the device
should be placed in conductive foam. In a circuit, unused inputs should always be connected to an appropriated logic voltage level,
preferably either VCC or ground.
Copyright
 2003, Texas Instruments Incorporated
On products compliant to MILPRF38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Advanced LinEPIC is a trademark of Texas Instruments.
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
REF+
REF −
ANLG GND
AIN
ANLG VDD
DGTL GND1
DGTL GND2
DGTL VDD1
DGTL VDD2
EOC
D0
D1
RD
WR
CLKIN
CS
D9
D8
D7
D6
D5
D4
D3
D2
J† OR DW PACKAGE
(TOP VIEW)
32 1
13 14
5
6
7
8
9
10
11
CS
D9
D8
NC
D7
D6
D5
AIN
ANLG VDD
DGTL GND1
NC
DGTL GND2
DGTL VDD1
DGTL VDD2
4
15 16 17 18
28 27 26
25
24
23
22
21
20
19
12
NC − No internal connection
FK OR FN PACKAGE
(TOP VIEW)
† Refer to the mechanical data for the JW
package.


Similar Part No. - TLC1551I

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC1551I TI-TLC1551I Datasheet
139Kb / 9P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH PARALLEL OUTPUTS
TLC1551I TI-TLC1551I Datasheet
371Kb / 16P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH PARALLEL OUTPUTS
TLC1551IDW TI-TLC1551IDW Datasheet
371Kb / 16P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH PARALLEL OUTPUTS
TLC1551IDW TI1-TLC1551IDW Datasheet
329Kb / 17P
[Old version datasheet]   Power Dissipation . . . 40 mW Max Advanced LinEPIC田?Single-Poly Process
TLC1551IDWG4 TI-TLC1551IDWG4 Datasheet
371Kb / 16P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH PARALLEL OUTPUTS
More results

Similar Description - TLC1551I

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC1550I TI-TLC1550I Datasheet
139Kb / 9P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH PARALLEL OUTPUTS
TLC1550I TI-TLC1550I_07 Datasheet
371Kb / 16P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH PARALLEL OUTPUTS
TLC5615C TI-TLC5615C Datasheet
244Kb / 18P
[Old version datasheet]   10-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5615C TI-TLC5615C_15 Datasheet
702Kb / 23P
[Old version datasheet]   10-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5615C TI-TLC5615C_07 Datasheet
467Kb / 21P
[Old version datasheet]   10-BIT DIGITAL-TO-ANALOG CONVERTERS
logo
Microchip Technology
MCP300X MICROCHIP-MCP300X Datasheet
450Kb / 2P
   MCP300X 10-Bit Analog-to-Digital Converters
2001
logo
Texas Instruments
TLC876M TI-TLC876M_07 Datasheet
383Kb / 22P
[Old version datasheet]   10-BIT 20 MSPS PARALLEL OUTPUT CMOS ANALOG-TO-DIGITAL CONVERTERS
TLC876M TI-TLC876M Datasheet
314Kb / 23P
[Old version datasheet]   10-BIT 20 MSPS PARALLEL OUTPUT CMOS ANALOG-TO-DIGITAL CONVERTERS
TLC876 TI1-TLC876 Datasheet
346Kb / 22P
[Old version datasheet]   10-BIT 20 MSPS PARALLEL OUTPUT CMOS ANALOG-TO-DIGITAL CONVERTERS
TLV1549C TI1-TLV1549C_14 Datasheet
598Kb / 20P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com