Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC545C Datasheet(PDF) 3 Page - Texas Instruments

Part # TLC545C
Description  8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 19 INPUTS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC545C Datasheet(HTML) 3 Page - Texas Instruments

  TLC545C Datasheet HTML 1Page - Texas Instruments TLC545C Datasheet HTML 2Page - Texas Instruments TLC545C Datasheet HTML 3Page - Texas Instruments TLC545C Datasheet HTML 4Page - Texas Instruments TLC545C Datasheet HTML 5Page - Texas Instruments TLC545C Datasheet HTML 6Page - Texas Instruments TLC545C Datasheet HTML 7Page - Texas Instruments TLC545C Datasheet HTML 8Page - Texas Instruments TLC545C Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
TLC545C, TLC545I, TLC546C, TLC546I
8-BIT ANALOG-TO-DIGITAL CONVERTERS
WITH SERIAL CONTROL AND 19 INPUTS
SLAS066B – DECEMBER 1985 – REVISED OCTOBER 1996
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
typical equivalent inputs
INPUT CIRCUIT IMPEDANCE DURING SAMPLING MODE
INPUT CIRCUIT IMPEDANCE DURING HOLD MODE
1 k
Ω TYP
Ci = 60 pF TYP
(equivalent input
capacitance)
5 M
Ω TYP
INPUT
A0 – A18
INPUT
A0 – A18
operating sequence
Access
Cycle B
(see Note C)
B0
B2
C4
twH(CS)
Don’t Care
B7
B0
B1
B2
B3
B4
B5
B6
B7
C3
C2
C1
C0
LSB
MSB
Conversion Data B
MSB
MSB
LSB
Hi-Z State
Don’t Care
MSB
LSB
(see Note B)
MSB
Previous Conversion Data A
A7
A7
A6
A5
A4
A3
A2
A1
A0
LSB
B1
B3
MSB
B4
Don’t
1
1
See Note A
tconv
Sample Cycle B
88
7
6
5
4
3
2
7
6
5
4
3
2
I/O
CLOCK
CS
DATA
OUT
ADDRESS
INPUT
Care
Access
Cycle C
Sample
Cycle C
Hi-Z
State
NOTES: A. The conversion cycle, which requires 36 system clock periods, is initiated with the eighth I/O CLOCK
↓ after CS↓ for the channel
whose address exists in memory at that time.
B. The most significant bit (MSB) will automatically be placed on the DATA OUT bus after CS is brought low. The remaining seven bits
(A6–A0) will be clocked out on the first seven I/O CLOCK falling edges.
C. To minimize errors caused by noise at the CS input, the internal circuitry waits for three system clock cycles (or less) after a chip
select transition before responding to control input signals. Therefore, no attempt should be made to clock-in address data until the
minimum chip-select setup time has elapsed.


Similar Part No. - TLC545C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC545C TI-TLC545C Datasheet
184Kb / 13P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 19 INPUTS
TLC545CFN TI-TLC545CFN Datasheet
184Kb / 13P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 19 INPUTS
TLC545CN TI-TLC545CN Datasheet
184Kb / 13P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 19 INPUTS
More results

Similar Description - TLC545C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC545C TI-TLC545C Datasheet
184Kb / 13P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 19 INPUTS
TLC542 TI1-TLC542 Datasheet
178Kb / 12P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 INPUTS
TLC540I TI1-TLC540I_14 Datasheet
844Kb / 19P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 INPUTS
TLC542C TI-TLC542C Datasheet
169Kb / 11P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 INPUTS
TLC540I TI-TLC540I Datasheet
164Kb / 11P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 INPUTS
TLC542C TI1-TLC542C_14 Datasheet
176Kb / 13P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 INPUTS
TLV2543IDBR TI1-TLV2543IDBR Datasheet
536Kb / 28P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543C TI-TLC2543C Datasheet
431Kb / 27P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543-Q1 TI1-TLC2543-Q1_16 Datasheet
700Kb / 28P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC1542 TI1-TLC1542_13 Datasheet
1Mb / 33P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com