Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FMS6418 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FMS6418
Description  Triple Video Driver with Selectable HD/SD Video Filters for RGB or YUV Signals
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FMS6418 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FMS6418 Datasheet HTML 1Page - Fairchild Semiconductor FMS6418 Datasheet HTML 2Page - Fairchild Semiconductor FMS6418 Datasheet HTML 3Page - Fairchild Semiconductor FMS6418 Datasheet HTML 4Page - Fairchild Semiconductor FMS6418 Datasheet HTML 5Page - Fairchild Semiconductor FMS6418 Datasheet HTML 6Page - Fairchild Semiconductor FMS6418 Datasheet HTML 7Page - Fairchild Semiconductor FMS6418 Datasheet HTML 8Page - Fairchild Semiconductor FMS6418 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
REV. 3G June 28, 2004
DATA SHEET
FMS6418A
Electrical Specifications
(TC = 25°C, Vi = 1Vpp; VCCA = 3.3V, VCCO = 5.0V, all inputs AC coupled with 0.1
µF, all outputs AC coupled with 220µF
into 150
Ω, referenced to 400kHz; unless otherwise noted)
Standard Definition Electrical Specifications
(TC = 25°C, Vi = 1Vpp; VCCA = 3.3V, VCCO = 5.0V, FSEL = 0, all inputs DC coupled, all outputs AC coupled with 220
µF
into 150
Ω, referenced to 400kHz; unless otherwise noted)
High Definition Electrical Specifications
(TC = 25°C, Vi = 1Vpp; VCCA = 3.3V, VCCO = 5.0V, FSEL = 1, all inputs DC coupled, all outputs AC coupled with 220
µF
into 150
Ω, referenced to 400kHz; unless otherwise noted)
Notes:
1. 100% tested at 25°C.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
ICCA
Supply Current1
VCCA no load
35
45
70
mA
ICCO
Supply Current1
VCCO no load
30
45
60
mA
Vi
Input Voltage Max
Reference to ground
1.3
V
Vil
Digital Input Low1
FSEL, INMUX
0
0.8
V
Vih
Digital Input High1
FSEL, INMUX
2.4
VCCO
V
PSSR
PSSR (all channels)
DC
-40
dB
Symbol
Parameter
Conditions
Min
Typ
Max
Units
AVRGBSD
RGB SD Gain1
R,G,B channels SD Mode
5.6
6.0
6.4
dB
f1dBSD
-1dB Bandwidth for SD1
R,G,B channels
4.5
6.0
MHz
fCSD
-3dB Bandwidth for SD
R,G,B channels
8.2
MHz
fSBSD
Attenuation: SD (stopband reject)1
R,G,B channels at f = 27MHz
-40
-55
dB
dG
Differential Gain
R,G,B channels
0.6
%
d
φ
Differential Phase
R,G,B channels
0.15
°
THD
Output Distortion (all channels)
VOUT = 1.8Vpp, RGB Out at 1MHz
0.4
%
XTALK
Crosstalk (channel-to-channel)
at 1MHz
-70
dB
INMUXISO
INMUX Isolation
at 1MHz
-90
dB
SNR
Signal-to-Noise Ratio
R,G,B channels, NTC-7 weighting
4.2MHz lowpass, 100kHz highpass
-73
dB
tpdSD
Prop Delay for SD
Delay from input to output at 4.5MHz
70
ns
Symbol
Parameter
Conditions
Min
Typ
Max
Units
AVRGBHD
RGB HD Gain1
R,G,B channels HD Mode
5.6
6.0
6.4
dB
f1dBHD
-1dB Bandwidth for HD1
R,G,B channels
20
23
MHz
fCHD
-3dB Bandwidth for HD
R,G,B channels
32
MHz
fSBHD
Attenuation: HD (stopband reject)1
R,G,B channels at f = 74.25MHz
-30
-36
dB
XTALKB
Crosstalk (channel-to-channel)
at 1MHz
-70
dB
INMUXISO
INMUX Isolation
at 1MHz
-90
dB
SNR
Signal-to-Noise Ratio
R,G,B channels
-73
dB
tpdHD
Prop Delay for HD
Delay from input to output at 20MHz
20
ns


Similar Part No. - FMS6418

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS6418B FAIRCHILD-FMS6418B Datasheet
313Kb / 11P
   Triple Video Driver with Selectable HD/SD Video Filters for RGB, YUV or YPbPr Signals
FMS6418BM16 FAIRCHILD-FMS6418BM16 Datasheet
313Kb / 11P
   Triple Video Driver with Selectable HD/SD Video Filters for RGB, YUV or YPbPr Signals
FMS6418BM16X FAIRCHILD-FMS6418BM16X Datasheet
313Kb / 11P
   Triple Video Driver with Selectable HD/SD Video Filters for RGB, YUV or YPbPr Signals
FMS6418BMTC14 FAIRCHILD-FMS6418BMTC14 Datasheet
313Kb / 11P
   Triple Video Driver with Selectable HD/SD Video Filters for RGB, YUV or YPbPr Signals
FMS6418BMTC14X FAIRCHILD-FMS6418BMTC14X Datasheet
313Kb / 11P
   Triple Video Driver with Selectable HD/SD Video Filters for RGB, YUV or YPbPr Signals
More results

Similar Description - FMS6418

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
VF8418 UTC-VF8418 Datasheet
165Kb / 6P
   TRIPLE VIDEO DRIVER WITH SELECTABLE HD/SD VIDEO FILTERS FOR RGB OR YUV SIGNALS
logo
Fairchild Semiconductor
FMS6418B FAIRCHILD-FMS6418B Datasheet
313Kb / 11P
   Triple Video Driver with Selectable HD/SD Video Filters for RGB, YUV or YPbPr Signals
FMS6403 FAIRCHILD-FMS6403_05 Datasheet
291Kb / 17P
   Triple Video Drivers with Selectable HD/PS/SD/ Bypass Filters for RGB and YPbPr Signals
FMS6403 FAIRCHILD-FMS6403_08 Datasheet
676Kb / 14P
   Triple Video Drivers with Selectable HD/PS/SD Bypass Filters for RGB and YPbPr Signals
logo
ON Semiconductor
NCS2566 ONSEMI-NCS2566 Datasheet
220Kb / 13P
   Six-Channel Video Driver with Triple SD & Triple Selectable SD/HD Filters
September, 2009 ??Rev. 2
logo
Fairchild Semiconductor
FMS6408 FAIRCHILD-FMS6408 Datasheet
250Kb / 9P
   Triple Video Filter Driver for RGB and YUV Signals
FMS6403 FAIRCHILD-FMS6403 Datasheet
426Kb / 1P
   Triple Video Drivers w/Selectable HD/Progressive/SD/ Bypass Filters for RGB and YPbPr Signals
FMS6419 FAIRCHILD-FMS6419_05 Datasheet
125Kb / 10P
   Selectable RGB (YUV) HD/SD Video Filter Driver with Y, C, Composite Outputs
FMS6419 FAIRCHILD-FMS6419 Datasheet
160Kb / 10P
   Selectable RGB (YUV) HD/SD Video Filter Driver with Y, C, Composite Outputs
FMS6408 FAIRCHILD-FMS6408_07 Datasheet
394Kb / 11P
   Precision Triple Video Filter Driver for RGB and YUV Signals
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com