Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FMS6418 Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # FMS6418
Description  Triple Video Driver with Selectable HD/SD Video Filters for RGB or YUV Signals
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FMS6418 Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button FMS6418 Datasheet HTML 2Page - Fairchild Semiconductor FMS6418 Datasheet HTML 3Page - Fairchild Semiconductor FMS6418 Datasheet HTML 4Page - Fairchild Semiconductor FMS6418 Datasheet HTML 5Page - Fairchild Semiconductor FMS6418 Datasheet HTML 6Page - Fairchild Semiconductor FMS6418 Datasheet HTML 7Page - Fairchild Semiconductor FMS6418 Datasheet HTML 8Page - Fairchild Semiconductor FMS6418 Datasheet HTML 9Page - Fairchild Semiconductor FMS6418 Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
REV. 3G June 28, 2004
9
FMS6418A
DATA SHEET
E/2
2X
ddd C B A
6
6
1.0
1.0
12 3
9
e /2
E1 E
e
N
8
– B – 7
2X
N/2 TIPS
1.0 DIA
– A –
7
– C –
aaa C
ccc
8
3
D
CB A
bbb M
b NX
A1
A2
A
c1
c
(b)
b1
5
SECTION AA
10
A
A
– H –
GAGE
PLANE
0.25
(0.20)
(02)
R1
R
01
(L1)
L
(03)
NOTES:
1 All dimensions are in millimeters (angle in degrees).
2
Dimensioning and tolerancing per ASME Y14.5–1994.
3
Dimensions "D" does not include mold flash, protusions or gate burrs. Mold flash protusions or gate burrs shall not exceed 0.15 per side .
4
Dimension "E1" does not include interlead flash or protusion. Interlead flash or protusion shall not exceed 0.25 per side.
5
Dimension "b" does not include dambar protusion. Allowable dambar protusion shall be 0.08mm total in excess of the "b" dimension at maximum
material condition. Dambar connot be located on the lower radius of the foot. Minimum space between protusion and adjacent lead is 0.07mm
for 0.5mm pitch packages.
6
Terminal numbers are shown for reference only.
7
Datums – A – and – B – to be determined at datum plane – H – .
8
Dimensions "D" and "E1" to be determined at datum plane – H – .
9
This dimensions applies only to variations with an even number of leads per side. For variation with an odd number of leads per side, the "center"
lead must be coincident with the package centerline, Datum A.
10
Cross sections A – A to be determined at 0.10 to 0.25mm from the leadtip.
SYMBOL
MIN
NOM
MAX
A
1.10
A1
0.05
0.15
A2
0.85
0.90
0.95
L
0.50
0.60
0.75
R
0.09
R1
0.09
b
0.19
0.30
b1
0.19
0.22
0.25
c
0.09
0.20
c1
0.09
0.16
01
L1
1.0 REF
aaa
0.10
bbb
0.10
ccc
0.05
ddd
0.20
e
0.65 BSC
02
12° REF
03
12° REF
TSSOP-14
D
4.90
5.00
5.10
E1
4.30
4.40
4.50
E
6.4 BSC
e
0.65 BSC
N
14
Package Dimensions
TSSOP-14
SOIC-16


Similar Part No. - FMS6418

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS6418B FAIRCHILD-FMS6418B Datasheet
313Kb / 11P
   Triple Video Driver with Selectable HD/SD Video Filters for RGB, YUV or YPbPr Signals
FMS6418BM16 FAIRCHILD-FMS6418BM16 Datasheet
313Kb / 11P
   Triple Video Driver with Selectable HD/SD Video Filters for RGB, YUV or YPbPr Signals
FMS6418BM16X FAIRCHILD-FMS6418BM16X Datasheet
313Kb / 11P
   Triple Video Driver with Selectable HD/SD Video Filters for RGB, YUV or YPbPr Signals
FMS6418BMTC14 FAIRCHILD-FMS6418BMTC14 Datasheet
313Kb / 11P
   Triple Video Driver with Selectable HD/SD Video Filters for RGB, YUV or YPbPr Signals
FMS6418BMTC14X FAIRCHILD-FMS6418BMTC14X Datasheet
313Kb / 11P
   Triple Video Driver with Selectable HD/SD Video Filters for RGB, YUV or YPbPr Signals
More results

Similar Description - FMS6418

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
VF8418 UTC-VF8418 Datasheet
165Kb / 6P
   TRIPLE VIDEO DRIVER WITH SELECTABLE HD/SD VIDEO FILTERS FOR RGB OR YUV SIGNALS
logo
Fairchild Semiconductor
FMS6418B FAIRCHILD-FMS6418B Datasheet
313Kb / 11P
   Triple Video Driver with Selectable HD/SD Video Filters for RGB, YUV or YPbPr Signals
FMS6403 FAIRCHILD-FMS6403_05 Datasheet
291Kb / 17P
   Triple Video Drivers with Selectable HD/PS/SD/ Bypass Filters for RGB and YPbPr Signals
FMS6403 FAIRCHILD-FMS6403_08 Datasheet
676Kb / 14P
   Triple Video Drivers with Selectable HD/PS/SD Bypass Filters for RGB and YPbPr Signals
logo
ON Semiconductor
NCS2566 ONSEMI-NCS2566 Datasheet
220Kb / 13P
   Six-Channel Video Driver with Triple SD & Triple Selectable SD/HD Filters
September, 2009 ??Rev. 2
logo
Fairchild Semiconductor
FMS6408 FAIRCHILD-FMS6408 Datasheet
250Kb / 9P
   Triple Video Filter Driver for RGB and YUV Signals
FMS6403 FAIRCHILD-FMS6403 Datasheet
426Kb / 1P
   Triple Video Drivers w/Selectable HD/Progressive/SD/ Bypass Filters for RGB and YPbPr Signals
FMS6419 FAIRCHILD-FMS6419_05 Datasheet
125Kb / 10P
   Selectable RGB (YUV) HD/SD Video Filter Driver with Y, C, Composite Outputs
FMS6419 FAIRCHILD-FMS6419 Datasheet
160Kb / 10P
   Selectable RGB (YUV) HD/SD Video Filter Driver with Y, C, Composite Outputs
FMS6408 FAIRCHILD-FMS6408_07 Datasheet
394Kb / 11P
   Precision Triple Video Filter Driver for RGB and YUV Signals
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com