Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1021BV33L-12VC Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C1021BV33L-12VC
Description  64K x 16 Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1021BV33L-12VC Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C1021BV33L-12VC Datasheet HTML 1Page - Cypress Semiconductor CY7C1021BV33L-12VC Datasheet HTML 2Page - Cypress Semiconductor CY7C1021BV33L-12VC Datasheet HTML 3Page - Cypress Semiconductor CY7C1021BV33L-12VC Datasheet HTML 4Page - Cypress Semiconductor CY7C1021BV33L-12VC Datasheet HTML 5Page - Cypress Semiconductor CY7C1021BV33L-12VC Datasheet HTML 6Page - Cypress Semiconductor CY7C1021BV33L-12VC Datasheet HTML 7Page - Cypress Semiconductor CY7C1021BV33L-12VC Datasheet HTML 8Page - Cypress Semiconductor CY7C1021BV33L-12VC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
64K x 16 Static RAM
CY7C1021BV33
Cypress Semiconductor Corporation
3901 North First Street
San Jose
CA 95134
408-943-2600
Document #: 38-05148 Rev. *A
Revised September 13, 2002
021BV33
Features
• 3.3V operation (3.0V–3.6V)
• High speed
— tAA = 10/12/15 ns
• CMOS for optimum speed/power
• Low Active Power (L version)
— 576 mW (max.)
• Low CMOS Standby Power (L version)
— 1.80 mW (max.)
• Automatic power-down when deselected
• Independent control of upper and lower bits
• Available in 44-pin TSOP II and 400-mil SOJ
• Available in a 48-Ball Mini BGA package
Functional Description[1]
The CY7C1021BV is a high-performance CMOS static RAM
organized as 65,536 words by 16 bits. This device has an au-
tomatic power-down feature that significantly reduces power
consumption when deselected.
Writing to the device is accomplished by taking Chip Enable
(CE) and Write Enable (WE) inputs LOW. If Byte Low Enable
(BLE) is LOW, then data from I/O pins (I/O1 through I/O8), is
written into the location specified on the address pins (A0
through A15). If Byte High Enable (BHE) is LOW, then data
from I/O pins (I/O9 through I/O16) is written into the location
specified on the address pins (A0 through A15).
Reading from the device is accomplished by taking Chip En-
able (CE) and Output Enable (OE) LOW while forcing the Write
Enable (WE) HIGH. If Byte Low Enable (BLE) is LOW, then
data from the memory location specified by the address pins
will appear on I/O1 to I/O8. If Byte High Enable (BHE) is LOW,
then data from memory will appear on I/O9 to I/O16. See the
truth table at the back of this data sheet for a complete descrip-
tion of read and write modes.
The input/output pins (I/O1 through I/O16) are placed in a
high-impedance state when the device is deselected
(CE HIGH), the outputs are disabled (OE HIGH), the BHE and
BLE are disabled (BHE, BLE HIGH), or during a write opera-
tion (CE LOW, and WE LOW).
The CY7C1021BV is available in 400-mil-wide SOJ, standard
44-pin TSOP Type II, and 48-ball mini BGA packages.
WE
Logic Block Diagram
Pin Configurations
1
2
3
4
5
6
7
8
9
10
11
14
31
32
36
35
34
33
37
40
39
38
Top View
SOJ / TSOP II
12
13
41
44
43
42
16
15
29
30
VCC
A15
A14
A13
A12
NC
A4
A3
OE
VSS
A5
I/O16
A2
CE
I/O3
I/O1
I/O2
BHE
NC
A1
A0
18
17
20
19
I/O4
27
28
25
26
22
21
23
24
NC
VSS
I/O7
I/O5
I/O6
I/O8
A6
A7
BLE
VCC
I/O15
I/O14
I/O13
I/O12
I/O11
I/O10
I/O9
A8
A9
A10
A11
64K x 16
RAM Array
I/O1–I/O8
A7
A6
A5
A4
A3
A0
COLUMN DECODER
512 X 2048
DATA IN DRIVERS
OE
A2
A1
I/O9–I/O16
CE
WE
BLE
BHE
Selection Guide
7C1021BV-8
7C1021BV-10
7C1021BV-12
7C1021BV-15
Maximum Access Time (ns)
810
12
15
Maximum Operating Current (mA)
Commercial
170
160
150
140
Industrial
190
180
170
160
Maximum CMOS Standby Current
(mA)
Commercial
55
5
5
L
0.500
0.500
0.500
0.500
Shaded areas contain advance information.
Note:
1.
For guidelines on SRAM system design, please refer to the ‘System Design Guidelines’ Cypress application note, available on the internet at www.cypress.com.


Similar Part No. - CY7C1021BV33L-12VC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1021B CYPRESS-CY7C1021B Datasheet
370Kb / 10P
   1-Mbit (64K x 16) Static RAM
CY7C1021B CYPRESS-CY7C1021B Datasheet
322Kb / 10P
   1-Mbit (64K x 16) Static RAM
CY7C1021B-12VC CYPRESS-CY7C1021B-12VC Datasheet
370Kb / 10P
   1-Mbit (64K x 16) Static RAM
CY7C1021B-12VI CYPRESS-CY7C1021B-12VI Datasheet
370Kb / 10P
   1-Mbit (64K x 16) Static RAM
CY7C1021B-12ZC CYPRESS-CY7C1021B-12ZC Datasheet
370Kb / 10P
   1-Mbit (64K x 16) Static RAM
More results

Similar Description - CY7C1021BV33L-12VC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62126BV CYPRESS-CY62126BV Datasheet
188Kb / 9P
   64K x 16 Static RAM
logo
Weida Semiconductor, In...
WCFS1016C1C WEIDA-WCFS1016C1C Datasheet
185Kb / 9P
   64K x 16 Static RAM
logo
Cypress Semiconductor
CY7C1021BNV33 CYPRESS-CY7C1021BNV33 Datasheet
534Kb / 10P
   64K x 16 Static RAM
CY7C1021CV33 CYPRESS-CY7C1021CV33 Datasheet
231Kb / 12P
   64K x 16 Static RAM
CY62127BV CYPRESS-CY62127BV Datasheet
264Kb / 11P
   64K x 16 Static RAM
CY7C1021BNV33 CYPRESS-CY7C1021BNV33_09 Datasheet
521Kb / 10P
   64K x 16 Static RAM
CY7C1021 CYPRESS-CY7C1021 Datasheet
181Kb / 9P
   64K x 16 Static RAM
CY7C1021BNV33 CYPRESS-CY7C1021BNV33_10 Datasheet
727Kb / 11P
   64K x 16 Static RAM
logo
Weida Semiconductor, In...
WCMA1016U4X WEIDA-WCMA1016U4X Datasheet
308Kb / 11P
   64K x 16 Static RAM
WCFS1016V1C WEIDA-WCFS1016V1C Datasheet
187Kb / 9P
   64K x 16 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com