Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P300M Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # P300M
Description  AXIAL LEADED SILICON RECTIFIER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

P300M Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  P300M Datasheet HTML 1Page - SUNMATE electronic Co., LTD P300M Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
P300M
P300K
P300J
P300G
P300D
P300A - P300M
P300B
P300A
VOLTAGE RANGE: 50 - 1000V
1 of 2
Case: DO-201AD
Features
High Current Capability and Low Forward
Voltage Drop
Low Reverse Leakage Current
Plastic Material: UL Flammability
Classification Rating 94V-0
Mechanical Data
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
Polarity: Cathode Band
Weight: 1.1 grams (approx.)
Mounting Position: Any
Marking: Type Number
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current
@ TA = 105°C
(Note 1)
IO
3.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on rated load
(JEDEC Method)
IFSM
200
A
Forward Voltage
@ IF = 3.0A
VFM
1.0
V
Peak Reverse Current
@ TA = 25°C
at Rated DC Blocking Voltage
@ TA = 150°C
IRM
10
100
mA
Typical Junction Capacitance
(Note 2)
Cj
50
25
pF
Typical Thermal Resistance Junction to Ambient
RqJA
15
K/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Notes:
1. Valid provided that leads are kept at ambient temperature at a distance of 9.5mm from the case.
2. Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
www.sunmate.tw
CURRENT: 3.0 A
AXIAL LEADED SILICON RECTIFIER DIODES
!
!
!
!
!
!
!
!
!
!
Characteristic
Symbol
DO-201AD
Dim
Min
Max
A
25.40
¾
B
7.20
9.50
C
1.20
1.30
D
4.80
5.30
All Dimensions in mm
A
A
B
C
D


Similar Part No. - P300M

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
P300M MIC-P300M Datasheet
93Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
logo
GOOD-ARK Electronics
P300M GOOD-ARK-P300M Datasheet
191Kb / 2P
   General Purpose Plastic Rectifiers
logo
Vishay Siliconix
P300M VISHAY-P300M Datasheet
70Kb / 4P
   General Purpose Plastic Rectifier
Revision: 04-Nov-09
logo
Shenzhen Taychipst Elec...
P300M TAYCHIPST-P300M Datasheet
4Mb / 2P
   General Purpose Plastic Rectifier
logo
Vishay Siliconix
P300M VISHAY-P300M Datasheet
71Kb / 4P
   General Purpose Plastic Rectifier
01-Jan-2022
More results

Similar Description - P300M

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
EM1Y SUNMATE-EM1Y Datasheet
301Kb / 2P
   AXIAL LEADED SILICON RECTIFIER DIODES
GP25A SUNMATE-GP25A Datasheet
1Mb / 2P
   AXIAL LEADED SILICON RECTIFIER DIODES
8A05 SUNMATE-8A05 Datasheet
363Kb / 2P
   AXIAL LEADED SILICON RECTIFIER DIODES
GPP10A SUNMATE-GPP10A Datasheet
308Kb / 2P
   AXIAL LEADED SILICON RECTIFIER DIODES
GPP20A SUNMATE-GPP20A Datasheet
1,004Kb / 2P
   AXIAL LEADED SILICON RECTIFIER DIODES
GPP15A SUNMATE-GPP15A Datasheet
283Kb / 2P
   AXIAL LEADED SILICON RECTIFIER DIODES
10EDB60 SUNMATE-10EDB60 Datasheet
293Kb / 2P
   AXIAL LEADED SILICON RECTIFIER DIODES
EM513 SUNMATE-EM513 Datasheet
303Kb / 2P
   AXIAL LEADED SILICON RECTIFIER DIODES
10JDA10 SUNMATE-10JDA10 Datasheet
305Kb / 2P
   AXIAL LEADED SILICON RECTIFIER DIODES
BY251 SUNMATE-BY251 Datasheet
1Mb / 2P
   AXIAL LEADED SILICON RECTIFIER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com