Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL2045 Datasheet(PDF) 9 Page - Intersil Corporation

Part # EL2045
Description  Low-Power 100MHz Gain-of-2 Stable Operational Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2045 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button EL2045 Datasheet HTML 2Page - Intersil Corporation EL2045 Datasheet HTML 3Page - Intersil Corporation EL2045 Datasheet HTML 4Page - Intersil Corporation EL2045 Datasheet HTML 5Page - Intersil Corporation EL2045 Datasheet HTML 6Page - Intersil Corporation EL2045 Datasheet HTML 7Page - Intersil Corporation EL2045 Datasheet HTML 8Page - Intersil Corporation EL2045 Datasheet HTML 9Page - Intersil Corporation EL2045 Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
FN7030.1
February 11, 2005
EL2045 Macromodel
* Connections: +input
*
|
| -input
*
|
|
+Vsupply
*
|
|
|
-Vsupply
*
|
|
|
|
output
*
|
|
|
|
|
.subckt M2045 3
2
7
4
6
*
* Input stage
*
ie 7 37 0.9mA
r6 36 37 400
r7 38 37 400
rc1 4 30 850
rc2 4 39 850
q1 30 3 36 qp
q2 39 2 38 qpa
ediff 33 0 39 30 1.0
rdiff 33 0 1Meg
*
* Compensation Section
*
ga 0 34 33 0 1m
rh 34 0 2Meg
ch 34 0 1.5pF
rc 34 40 1K
cc 40 0 1pF
*
* Poles
*
ep 41 0 40 0 1
rpa 41 42 200
cpa 42 0 2pF
rpb 42 43 200
cpb 43 0 2pF
*
* Output Stage
*
ios1 7 50 1.0mA
ios2 51 4 1.0mA
q3 4 43 50 qp
q4 7 43 51 qn
q5 7 50 52 qn
q6 4 51 53 qp
ros1 52 6 25
ros2 6 53 25
*
* Power Supply Current
*
ips 7 4 2.7mA
*
* Models
*
.model qn npn(is=800E-18 bf=200 tf=0.2nS)
.model qpa pnp(is=864E-18 bf=100 tf=0.2nS)
.model qp pnp(is=800E-18 bf=125 tf=0.2nS)
.ends
EL2045


Similar Part No. - EL2045

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL2045 RENESAS-EL2045 Datasheet
687Kb / 10P
   Low-Power 100MHz Gain-of-2 Stable Operational Amplifier
logo
Elantec Semiconductor
EL2045C ELANTEC-EL2045C Datasheet
306Kb / 12P
   Low-Power 100 MHz Gain-of-2 Stable Operational Amplifier
EL2045CN ELANTEC-EL2045CN Datasheet
306Kb / 12P
   Low-Power 100 MHz Gain-of-2 Stable Operational Amplifier
logo
Renesas Technology Corp
EL2045CN RENESAS-EL2045CN Datasheet
687Kb / 10P
   Low-Power 100MHz Gain-of-2 Stable Operational Amplifier
logo
Elantec Semiconductor
EL2045CS ELANTEC-EL2045CS Datasheet
306Kb / 12P
   Low-Power 100 MHz Gain-of-2 Stable Operational Amplifier
More results

Similar Description - EL2045

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL2045 RENESAS-EL2045 Datasheet
687Kb / 10P
   Low-Power 100MHz Gain-of-2 Stable Operational Amplifier
logo
Elantec Semiconductor
EL2045C ELANTEC-EL2045C Datasheet
306Kb / 12P
   Low-Power 100 MHz Gain-of-2 Stable Operational Amplifier
EL2245C ELANTEC-EL2245C Datasheet
450Kb / 14P
   Dual/Quad Low-Power 100MHz Gain-of-2 Stable Op Amp
logo
Intersil Corporation
EL2445 INTERSIL-EL2445 Datasheet
244Kb / 12P
   Dual/Quad Low-Power 100MHz Gain-of-2 Stable Op Amp
EL2074 INTERSIL-EL2074 Datasheet
227Kb / 10P
   400MHz GBWP Gain-of-2 Stable Operational Amplifier
logo
Elantec Semiconductor
EL2074C ELANTEC-EL2074C Datasheet
400Kb / 12P
   400MHz GBWP Gain-of-2 Stable Operational Amplifier
logo
Intersil Corporation
EL2075 INTERSIL-EL2075 Datasheet
174Kb / 8P
   2GHz GBWP Gain-of-10 Stable Operational Amplifier
logo
Elantec Semiconductor
EL2075C ELANTEC-EL2075C Datasheet
466Kb / 11P
   2GHz GBWP Gain-of-10 Stable Operational Amplifier
logo
Intersil Corporation
EL2044 INTERSIL-EL2044 Datasheet
258Kb / 10P
   Low Power/Low Voltage 120MHz Unity-Gain Stable Operational Amplifier
logo
Elantec Semiconductor
EL2044C ELANTEC-EL2044C Datasheet
414Kb / 13P
   Low Power/Low Voltage 120MHz Unity-Gain Stable Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com