Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C462A-10JC Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY7C462A-10JC
Description  Asynchronous, Cascadable 8K/16K/32K/64K x9 FIFOs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C462A-10JC Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY7C462A-10JC Datasheet HTML 1Page - Cypress Semiconductor CY7C462A-10JC Datasheet HTML 2Page - Cypress Semiconductor CY7C462A-10JC Datasheet HTML 3Page - Cypress Semiconductor CY7C462A-10JC Datasheet HTML 4Page - Cypress Semiconductor CY7C462A-10JC Datasheet HTML 5Page - Cypress Semiconductor CY7C462A-10JC Datasheet HTML 6Page - Cypress Semiconductor CY7C462A-10JC Datasheet HTML 7Page - Cypress Semiconductor CY7C462A-10JC Datasheet HTML 8Page - Cypress Semiconductor CY7C462A-10JC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
CY7C460A/CY7C462A
CY7C464A/CY7C466A
Document #: 38-06011 Rev. *A
Page 3 of 15
AC Test Loads and Waveforms
3.0V
5V
OUTPUT
R1 500
R2
333
30 pF
INCLUDING
JIG AND
SCOPE
GND
90%
10%
90%
10%
≤ 5ns
≤ 5 ns
5V
OUTPUT
R1 500
R2
333
5pF
INCLUDING
JIG AND
SCOPE
OUTPUT
2V
Equivalent to:
THÉVENIN EQUIVALENT
(b)
C460A–4
C460A–5
C460A–6
(a)
ALL INPUT PULSES
200
Switching Characteristics Over the Operating Range[3, 6]
Parameter
Description
7C460A-10
7C462A-10
7C464A-10
7C466A-10
7C460A-15
7C462A-15
7C464A-15
7C466A-15
7C460A-25
7C462A-25
7C464A-25
7C466A-25
Unit
Min.
Max.
Min.
Max.
Min.
Max.
tRC
Read Cycle Time
20
25
35
ns
tA
Access Time
10
15
25
ns
tRR
Read Recovery Time
10
10
10
ns
tPR
Read Pulse Width
10
15
25
ns
tLZR
Read LOW to Low Z
3
3
3
ns
tDVR
[7]
Data Valid After Read HIGH
3
3
3
ns
tHZR
[7]
Read HIGH to High Z
15
15
18
ns
tWC
Write Cycle Time
20
25
35
ns
tPW
Write Pulse Width
10
15
25
ns
tHWZ
Write HIGH to Low Z
5
5
5
ns
tWR
Write Recovery Time
10
10
10
ns
tSD
Data Set-Up Time
9
9
9
ns
tHD
Data Hold Time
0
0
0
ns
tMRSC
MR Cycle Time
20
25
35
ns
tPMR
MR Pulse Width
10
15
25
ns
tRMR
MR Recovery Time
10
10
10
ns
tRPW
Read HIGH to MR HIGH
10
15
25
ns
tWPW
Write HIGH to MR HIGH
10
15
25
ns
tRTC
Retransmit Cycle Time
20
25
35
ns
tPRT
Retransmit Pulse Width
10
15
25
ns
tRTR
Retransmit Recovery Time
10
10
10
ns
tEFL
MR to EF LOW
20
25
35
ns
tHFH
MR to HF HIGH
20
25
35
ns
tFFH
MR to FF HIGH
20
25
35
ns
tREF
Read LOW to EF LOW
10
15
25
ns
tRFF
Read HIGH to FF HIGH
10
15
25
ns
Notes:
6.
Test conditions assume signal transmission time of 5 ns or less, timing reference levels of 1.5V and output loading of the specified IOL/IOH and 30-pF load
capacitance, as in part (a) of AC Test Loads, unless otherwise specified.
7.
tHZR and tDVR use capacitance loading as in part (b) of AC Test Loads.


Similar Part No. - CY7C462A-10JC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C401 CYPRESS-CY7C401 Datasheet
270Kb / 13P
   64 x 4 Cascadable FIFO / 64 x 5 Cascadable FIFO
CY7C401-10DC CYPRESS-CY7C401-10DC Datasheet
270Kb / 13P
   64 x 4 Cascadable FIFO / 64 x 5 Cascadable FIFO
CY7C401-10DMB CYPRESS-CY7C401-10DMB Datasheet
270Kb / 13P
   64 x 4 Cascadable FIFO / 64 x 5 Cascadable FIFO
CY7C401-10LMB CYPRESS-CY7C401-10LMB Datasheet
270Kb / 13P
   64 x 4 Cascadable FIFO / 64 x 5 Cascadable FIFO
CY7C401-10PC CYPRESS-CY7C401-10PC Datasheet
270Kb / 13P
   64 x 4 Cascadable FIFO / 64 x 5 Cascadable FIFO
More results

Similar Description - CY7C462A-10JC

ManufacturerPart #DatasheetDescription
logo
AverLogic Technologies ...
AL4CX263 AVERLOGIC-AL4CX263 Datasheet
41Kb / 2P
   16K/32K/64K/128K x9, 8K/16K/32K/64K x18 Synchronous FIFO
AL4CX3650 AVERLOGIC-AL4CX3650 Datasheet
33Kb / 2P
   2K/ 4K/ 8K/ 16K/ 32K x 36 Synchronous FIFOs
logo
Cypress Semiconductor
CY7C006A CYPRESS-CY7C006A Datasheet
422Kb / 20P
   32K/16K x8, 32K/16K x9 Dual-Port Static RAM
CY7C4261V CYPRESS-CY7C4261V Datasheet
205Kb / 16P
   16K/32K/64K/128K x 9 Low-Voltage Deep Sync FIFOs
CY7C4261V CYPRESS-CY7C4261V_05 Datasheet
453Kb / 16P
   16K/32K/64K/128K x 9 Low-Voltage Deep Sync??FIFOs
logo
Hitachi Semiconductor
HN58X2402-SR HITACHI-HN58X2402-SR Datasheet
86Kb / 21P
   Two-wire serial interface 2k / 4k / 8k / 16k / 32k / 64k EEPROM
logo
Cypress Semiconductor
CY7C4261 CYPRESS-CY7C4261 Datasheet
278Kb / 18P
   16K/32K x 9 Deep Sync FIFOs
CY7C4255 CYPRESS-CY7C4255 Datasheet
361Kb / 22P
   8K/16K x 18 Deep Sync FIFOs
CY7C4255 CYPRESS-CY7C4255_05 Datasheet
541Kb / 22P
   8K/16K x 18 Deep Sync FIFOs
CY7C4255 CYPRESS-CY7C4255_09 Datasheet
655Kb / 23P
   8K/16K x 18 Deep Sync FIFOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com