Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1021BV33L-10VC Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY7C1021BV33L-10VC
Description  64K x 16 Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1021BV33L-10VC Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY7C1021BV33L-10VC Datasheet HTML 1Page - Cypress Semiconductor CY7C1021BV33L-10VC Datasheet HTML 2Page - Cypress Semiconductor CY7C1021BV33L-10VC Datasheet HTML 3Page - Cypress Semiconductor CY7C1021BV33L-10VC Datasheet HTML 4Page - Cypress Semiconductor CY7C1021BV33L-10VC Datasheet HTML 5Page - Cypress Semiconductor CY7C1021BV33L-10VC Datasheet HTML 6Page - Cypress Semiconductor CY7C1021BV33L-10VC Datasheet HTML 7Page - Cypress Semiconductor CY7C1021BV33L-10VC Datasheet HTML 8Page - Cypress Semiconductor CY7C1021BV33L-10VC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
CY7C1021BV33
Document #: 38-05148 Rev. *A
Page 4 of 11
Switching Characteristics[4] Over the Operating Range
Parameter
Description
7C1021BV-8
7C1021BV-10
7C1021BV-12
7C1021BV-15
Unit
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
READ CYCLE
tRC
Read Cycle Time
8
10
12
15
ns
tAA
Address to Data Valid
810
12
15
ns
tOHA
Data Hold from Address Change
3
3
3
3
ns
tACE
CE LOW to Data Valid
810
12
15
ns
tDOE
OE LOW to Data Valid
44
6
7
ns
tLZOE
OE LOW to Low Z
0
0
0
0
ns
tHZOE
OE HIGH to High Z[5, 6]
45
6
7
ns
tLZCE
CE LOW to Low Z[6]
3
3
3
3
ns
tHZCE
CE HIGH to High Z[5, 6]
45
6
7
ns
tPU
CE LOW to Power-Up
0
0
0
0
ns
tPD
CE HIGH to Power-Down
12
12
12
15
ns
tDBE
Byte Enable to Data Valid
4
5
6
7
ns
tLZBE
Byte Enable to Low Z
0
0
0
0
ns
tHZBE
Byte Disable to High Z
45
6
7
ns
WRITE CYCLE[7]
tWC
Write Cycle Time
8
10
12
15
ns
tSCE
CE LOW to Write End
7
8
9
10
ns
tAW
Address Set-Up to Write End
6
7
8
10
ns
tHA
Address Hold from Write End
0
0
0
0
ns
tSA
Address Set-Up to Write Start
0
0
0
0
ns
tPWE
WE Pulse Width
6
8
8
10
ns
tSD
Data Set-Up to Write End
4
6
6
8
ns
tHD
Data Hold from Write End
0
0
0
0
ns
tLZWE
WE HIGH to Low Z[6]
3
3
3
3
ns
tHZWE
WE LOW to High Z[5, 6]
45
6
7
ns
tBW
Byte Enable to End of Write
8
8
8
9
ns
Shaded areas contain advance information.
Data Retention Characteristics Over the Operating Range (L version only)
Parameter
Description
Conditions[8]
Min.
Max.
Unit
VDR
VCC for Data Retention
2.0
V
ICCDR
Data Retention Current
Com’l
VCC = VDR = 2.0V,
CE > VCC – 0.3V,
VIN > VCC – 0.3V or VIN < 0.3V
100
µA
tCDR
[9]
Chip Deselect to Data Retention Time
0
ns
tR
[10]
Operation Recovery Time
tRC
ns
Notes:
4.
Test conditions assume signal transition time of 3 ns or less, timing reference levels of 1.5V, input pulse levels of 0 to 3.0V, and output loading of the specified
IOL/IOH and 30-pF load capacitance.
5.
tHZOE, tHZBE, tHZCE, and tHZWE are specified with a load capacitance of 5 pF as in part (b) of AC Test Loads. Transition is measured ±500 mV from steady-state voltage.
6.
At any given temperature and voltage condition, tHZCE is less than tLZCE, tHZOE is less than tLZOE, and tHZWE is less than tLZWE for any given device.
7.
The internal write time of the memory is defined by the overlap of CE LOW, WE LOW and BHE / BLE LOW. CE, WE and BHE / BLE must be LOW to initiate a write,
and the transition of these signals can terminate the write. The input data set-up and hold timing should be referenced to the leading edge of the signal that terminates the write.
8.
No input may exceed VCC + 0.5V.
9.
Tested initially and after any design or process changes that may affect these parameters.
10. tr < 3 ns for the -12 and -15 speeds. tr < 5 ns for the -20 and slower speeds.


Similar Part No. - CY7C1021BV33L-10VC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1021B CYPRESS-CY7C1021B Datasheet
370Kb / 10P
   1-Mbit (64K x 16) Static RAM
CY7C1021B CYPRESS-CY7C1021B Datasheet
322Kb / 10P
   1-Mbit (64K x 16) Static RAM
CY7C1021B-12VC CYPRESS-CY7C1021B-12VC Datasheet
370Kb / 10P
   1-Mbit (64K x 16) Static RAM
CY7C1021B-12VI CYPRESS-CY7C1021B-12VI Datasheet
370Kb / 10P
   1-Mbit (64K x 16) Static RAM
CY7C1021B-12ZC CYPRESS-CY7C1021B-12ZC Datasheet
370Kb / 10P
   1-Mbit (64K x 16) Static RAM
More results

Similar Description - CY7C1021BV33L-10VC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62126BV CYPRESS-CY62126BV Datasheet
188Kb / 9P
   64K x 16 Static RAM
logo
Weida Semiconductor, In...
WCFS1016C1C WEIDA-WCFS1016C1C Datasheet
185Kb / 9P
   64K x 16 Static RAM
logo
Cypress Semiconductor
CY7C1021BNV33 CYPRESS-CY7C1021BNV33 Datasheet
534Kb / 10P
   64K x 16 Static RAM
CY7C1021CV33 CYPRESS-CY7C1021CV33 Datasheet
231Kb / 12P
   64K x 16 Static RAM
CY62127BV CYPRESS-CY62127BV Datasheet
264Kb / 11P
   64K x 16 Static RAM
CY7C1021BNV33 CYPRESS-CY7C1021BNV33_09 Datasheet
521Kb / 10P
   64K x 16 Static RAM
CY7C1021 CYPRESS-CY7C1021 Datasheet
181Kb / 9P
   64K x 16 Static RAM
CY7C1021BNV33 CYPRESS-CY7C1021BNV33_10 Datasheet
727Kb / 11P
   64K x 16 Static RAM
logo
Weida Semiconductor, In...
WCMA1016U4X WEIDA-WCMA1016U4X Datasheet
308Kb / 11P
   64K x 16 Static RAM
WCFS1016V1C WEIDA-WCFS1016V1C Datasheet
187Kb / 9P
   64K x 16 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com