Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1019CV33-12ZI Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY7C1019CV33-12ZI
Description  128K x 8 Static RAM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1019CV33-12ZI Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY7C1019CV33-12ZI Datasheet HTML 1Page - Cypress Semiconductor CY7C1019CV33-12ZI Datasheet HTML 2Page - Cypress Semiconductor CY7C1019CV33-12ZI Datasheet HTML 3Page - Cypress Semiconductor CY7C1019CV33-12ZI Datasheet HTML 4Page - Cypress Semiconductor CY7C1019CV33-12ZI Datasheet HTML 5Page - Cypress Semiconductor CY7C1019CV33-12ZI Datasheet HTML 6Page - Cypress Semiconductor CY7C1019CV33-12ZI Datasheet HTML 7Page - Cypress Semiconductor CY7C1019CV33-12ZI Datasheet HTML 8Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
CY7C1019CV33
Document #: 38-05130 Rev. *D
Page 2 of 8
Maximum Ratings
(Above which the useful life may be impaired. For user guide-
lines, not tested.)
Storage Temperature ................................. –65°C to +150°C
Ambient Temperature with
Power Applied............................................. –55°C to +125°C
Supply Voltage on VCC to Relative GND
[1] ... –0.5V to + 4.6V
DC Voltage Applied to Outputs
in High-Z State[1] ....................................–0.5V to VCC + 0.5V
DC Input Voltage[1].................................–0.5V to VCC + 0.5V
Current into Outputs (LOW)......................................... 20 mA
Static Discharge Voltage............................................ >2001V
(per MIL-STD-883, Method 3015)
Latch-up Current...................................................... >200 mA
Operating Range
Range
Ambient
Temperature
VCC
Commercial
0°C to +70°C
3.3V
± 10%
Industrial
–40
°C to +85°C
3.3V
± 10%
Electrical Characteristics Over the Operating Range
Parameter
Description
Test Conditions
7C1019CV33
-8
7C1019CV33
-10
7C1019CV33
-12
7C1019CV33
-15
Unit
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
VOH
Output HIGH Voltage
VCC = Min.,
IOH = –4.0 mA
2.4
2.4
2.4
2.4
V
VOL
Output LOW Voltage
VCC = Min.,
IOL = 8.0 mA
0.40.4
0.40.4
V
VIH
Input HIGH Voltage
2.0
VCC
+ 0.3
2.0
VCC
+ 0.3
2.0
VCC
+ 0.3
2.0
VCC
+ 0.3
V
VIL
Input LOW Voltage[1]
–0.3
0.8
–0.3
0.8
–0.3
0.8
–0.3
0.8
V
IIX
Input Load Current
GND < VI < VCC
–1+1
–1+1
–1+1
–1+1
µA
IOZ
Output Leakage
Current
GND < VI < VCC,
Output Disabled
–1+1
–1+1
–1+1
–1+1
µA
IOS
[2.]
Output Short
Circuit Current
VCC = Max.,
VOUT = GND
–300
–300
–300
–300
mA
ICC
VCC Operating
Supply Current
VCC = Max.,
IOUT = 0 mA,
f = fMAX = 1/tRC
85
80
75
70
mA
ISB1
Automatic CE
Power-down Current
—TTL Inputs
Max. VCC, CE > VIH
VIN > VIH or
VIN < VIL, f = fMAX
15
15
15
15
mA
ISB2
Automatic CE
Power-down Current
—CMOS Inputs
Max. VCC,
CE > VCC – 0.3V,
VIN > VCC – 0.3V,
or VIN < 0.3V, f = 0
5
555
mA
Capacitance[3]
Parameter
Description
Test Conditions
Max.
Unit
CIN
Input Capacitance
TA = 25°C, f = 1 MHz,
VCC = 5.0V
8pF
COUT
Output Capacitance
8
pF
Notes:
1.
VIL (min.) = –2.0V for pulse durations of less than 20 ns.
2.
Not more than one output should be shorted at one time. Duration of the short circuit should not exceed 30 seconds.
3.
Tested initially and after any design or process changes that may affect these parameters.


Similar Part No. - CY7C1019CV33-12ZI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1019CV33-12ZC CYPRESS-CY7C1019CV33-12ZC Datasheet
382Kb / 10P
   128K x 8 Static RAM
CY7C1019CV33-12ZXC CYPRESS-CY7C1019CV33-12ZXC Datasheet
382Kb / 10P
   128K x 8 Static RAM
More results

Similar Description - CY7C1019CV33-12ZI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62128 CYPRESS-CY62128 Datasheet
250Kb / 8P
   128K x 8 Static RAM
logo
Weida Semiconductor, In...
WCMA1008C1X WEIDA-WCMA1008C1X Datasheet
211Kb / 11P
   128K x 8 Static RAM
WCMA1008U1X WEIDA-WCMA1008U1X Datasheet
237Kb / 12P
   128K x 8 Static RAM
logo
LOGIC Devices Incorpora...
L7C108 LODEV-L7C108 Datasheet
711Kb / 15P
   128K x 8 Static RAM
logo
Cypress Semiconductor
CY7C1018BV33 CYPRESS-CY7C1018BV33 Datasheet
258Kb / 9P
   128K x 8 Static RAM
CY7C1019B CYPRESS-CY7C1019B_06 Datasheet
329Kb / 8P
   128K x 8 Static RAM
CY7C1018V33 CYPRESS-CY7C1018V33 Datasheet
168Kb / 8P
   128K x 8 Static RAM
CY7C1019BV33 CYPRESS-CY7C1019BV33 Datasheet
252Kb / 7P
   128K x 8 Static RAM
logo
Mosel Vitelic, Corp
V62C5181024 MOSEL-V62C5181024 Datasheet
59Kb / 12P
   128K X 8 STATIC RAM
logo
Cypress Semiconductor
CY7C1009V33 CYPRESS-CY7C1009V33 Datasheet
201Kb / 9P
   128K x 8 Static RAM
CY62128V CYPRESS-CY62128V_01 Datasheet
344Kb / 12P
   128K x 8 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com