Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMZ20501SILT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LMZ20501SILT
Description  1.0 A SIMPLE SWITCHER짰 Nano Module
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMZ20501SILT Datasheet(HTML) 5 Page - Texas Instruments

  LMZ20501SILT Datasheet HTML 1Page - Texas Instruments LMZ20501SILT Datasheet HTML 2Page - Texas Instruments LMZ20501SILT Datasheet HTML 3Page - Texas Instruments LMZ20501SILT Datasheet HTML 4Page - Texas Instruments LMZ20501SILT Datasheet HTML 5Page - Texas Instruments LMZ20501SILT Datasheet HTML 6Page - Texas Instruments LMZ20501SILT Datasheet HTML 7Page - Texas Instruments LMZ20501SILT Datasheet HTML 8Page - Texas Instruments LMZ20501SILT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
LMZ20501
www.ti.com
SNVS874C – AUGUST 2012 – REVISED APRIL 2015
7.4 Thermal Information
LMZ20501
THERMAL METRIC(1)
USIP (SIL)
UNIT
8 PINS
RθJA
Junction-to-ambient thermal resistance
42.6
RθJC(top)
Junction-to-case (top) thermal resistance
20.8
RθJB
Junction-to-board thermal resistance
9.4
°C/W
ψJT
Junction-to-top characterization parameter
1.5
ψJB
Junction-to-board characterization parameter
9.3
RθJC(bot)
Junction-to-case (bottom) thermal resistance
1.8
(1)
The values given in this table are only valid for comparison with other packages and can not be used for design purposes. For design
information please see the Maximum Ambient Temperature section. For more information about traditional and new thermal metrics, see
the IC Package Thermal Metrics application report, SPRA953.
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMZ20501


Similar Part No. - LMZ20501SILT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMZ20501EVM TI-LMZ20501EVM Datasheet
3Mb / 13P
[Old version datasheet]   LMZ20502 SIMPLE SWITCHER짰 Evaluation Board
LMZ20501 TI-LMZ20501_15 Datasheet
1Mb / 31P
[Old version datasheet]   LMZ14203H SIMPLE SWITCHER짰 6V to 42V, 3A High Output Voltage Power Module
More results

Similar Description - LMZ20501SILT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMZ20502 TI-LMZ20502_15 Datasheet
1Mb / 37P
[Old version datasheet]   LMZ20502 2 A SIMPLE SWITCHER짰 Nano Module
logo
National Semiconductor ...
LMZ10500 NSC-LMZ10500 Datasheet
1Mb / 20P
   650mA SIMPLE SWITCHER짰 Nano Module with 5.5V Maximum Input Voltage
LMZ10501 NSC-LMZ10501 Datasheet
1Mb / 20P
   1A SIMPLE SWITCHER짰 Nano Module with 5.5V Maximum Input Voltage
logo
Texas Instruments
LMZ21701 TI1-LMZ21701 Datasheet
1Mb / 37P
[Old version datasheet]   LMZ21701 1 A SIMPLE SWITCHER짰 Nano Module with 17 V Maximum Input Voltage
LMZ21701 TI-LMZ21701_15 Datasheet
1Mb / 37P
[Old version datasheet]   LMZ21701 1 A SIMPLE SWITCHER짰 Nano Module with 17 V Maximum Input Voltage
LMZ10501 TI1-LMZ10501_16 Datasheet
1Mb / 31P
[Old version datasheet]   LMZ10501 1-A SIMPLE SWITCHER짰 Nano Module With 5.5-V Maximum Input Voltage
LMZ10500 TI1-LMZ10500 Datasheet
1Mb / 22P
[Old version datasheet]   LMZ10500 650mA SIMPLE SWITCHER짰 Nano Module with 5.5V Maximum Input Voltage
LMZ10501 TI1-LMZ10501 Datasheet
1Mb / 22P
[Old version datasheet]   LMZ10501 1A SIMPLE SWITCHER짰 Nano Module with 5.5V Maximum Input Voltage
LMZ31704EVM-003 TI-LMZ31704EVM-003 Datasheet
628Kb / 12P
[Old version datasheet]   Simple Switcher짰 Power Module Evaluation Module
LMZ31503EVM-692 TI-LMZ31503EVM-692 Datasheet
978Kb / 22P
[Old version datasheet]   Simple Switcher짰 Power Module Evaluation Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com