Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMV841 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LMV841
Description  LMV84x CMOS Input, RRIO, Low Power, Wide Supply Range, 4.5-MHz Operational Amplifiers
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV841 Datasheet(HTML) 1 Page - Texas Instruments

  LMV841 Datasheet HTML 1Page - Texas Instruments LMV841 Datasheet HTML 2Page - Texas Instruments LMV841 Datasheet HTML 3Page - Texas Instruments LMV841 Datasheet HTML 4Page - Texas Instruments LMV841 Datasheet HTML 5Page - Texas Instruments LMV841 Datasheet HTML 6Page - Texas Instruments LMV841 Datasheet HTML 7Page - Texas Instruments LMV841 Datasheet HTML 8Page - Texas Instruments LMV841 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
+
-
+
-
SENSOR
RS
VS
+
-
+
-
Active Band-Pass Filter
High Impedance Sensor Interface
CMOS Input Feature
High-Side, Current-Sensing
Rail-to-Rail Input and Output Feature
VIN
LOAD
+
-
RS
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
LMV841, LMV842, LMV844
LMV841-Q1, LMV842-Q1, LMV844-Q1
SNOSAT1H – OCTOBER 2006 – REVISED JULY 2016
LMV84x CMOS Input, RRIO, Low Power, Wide Supply Range, 4.5-MHz Operational
Amplifiers
1
1 Features
1
AEC-Q100 Automotive Qualification Test
Guidance With the Following:
Device Temperature Grade 1: –40°C to
+125°C Ambient Operating Temperature
Device HBM ESD Classification Level 2
Device CDM ESD Classification Level C3
Unless Otherwise Noted, Typical Values at
TA = 25 °C, V
+ = 5 V.
Small 5-Pin SC70 Package (2.00 mm × 1.25 mm
× 0.95 mm)
Wide Supply Voltage Range: 2.7 V to 12 V
Specified Performance at 3.3 V, 5 V and ±5 V
Low Supply Current: 1 mA Per Channel
Unity Gain Bandwidth: 4.5 MHz
Open-Loop Gain: 133 dB
Input Offset Voltage: 500 µV Maximum
Input Bias Current: 0.3 pA
CMRR at 112 dB and PSSR at 108 dB
Input Voltage Noise: 20 nV/
√Hz
Temperature Range:
−40°C to 125°C
Rail-to-Rail Input and Output (RRIO)
2 Applications
High Impedance Sensor Interface
Battery-Powered Instrumentation
High Gain and Instrumentation Amplifiers
DAC Buffers and Active Filters
3 Description
The LMV84x devices are low-voltage and low-power
operational
amplifiers
that
operate
with
supply
voltages ranging from 2.7 V to 12 V and have rail-to-
rail input and output capability. Their low offset
voltage, low supply current, and CMOS inputs make
them ideal for high impedance sensor interface and
battery-powered applications.
The single LMV841 is offered in the space-saving 5-
Pin SC70 package, the dual LMV842 in the 8-Pin
VSSOP and 8-Pin SOIC packages, and the quad
LMV844 in the 14-Pin TSSOP and 14-Pin SOIC
packages. These small packages are ideal solutions
for area-constrained PCBs and portable electronics.
The
LMV841-Q1,
LMV842-Q1,
and
LMV844-Q1
incorporate enhanced manufacturing and support
processes for the automotive market, including defect
detection methodologies.
Reliability
qualification
is
compliant
with
the
requirements and temperature grades defined in the
AEC-Q100 standard.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LMV841
SC70 (5)
2.00 mm × 1.25 mm
LMV842
VSSOP (8)
3.00 mm × 3.00 mm
SOIC (8)
4.90 mm × 3.91 mm
LMV844
SOIC (14)
8.65 mm × 3.91 mm
TSSOP (14)
5.00 mm × 4.40 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Applications


Similar Part No. - LMV841

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV841 NSC-LMV841 Datasheet
1Mb / 20P
   CMOS Input, RRIO, Wide Supply Range Operational Amplifiers
LMV841 NSC-LMV841 Datasheet
1Mb / 22P
   CMOS Input, RRIO, Wide Supply Range Operational Amplifiers
logo
Texas Instruments
LMV841 TI-LMV841 Datasheet
1Mb / 37P
[Old version datasheet]   LMV841/LMV841Q/LMV842/LMV842Q/LMV844/LMV844Q CMOS Input, RRIO, Wide Supply Range Operational Amplifiers
LMV841 TI-LMV841 Datasheet
1Mb / 38P
[Old version datasheet]   CMOS Input, RRIO, Wide Supply Range Operational Amplifiers
LMV841-Q1 TI-LMV841-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   CMOS Input, RRIO, Wide Supply Range Operational Amplifiers
More results

Similar Description - LMV841

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV841 TI-LMV841_15 Datasheet
1Mb / 38P
[Old version datasheet]   CMOS Input, RRIO, Wide Supply Range Operational Amplifiers
logo
National Semiconductor ...
LMV841 NSC-LMV841_09 Datasheet
1Mb / 22P
   CMOS Input, RRIO, Wide Supply Range Operational Amplifiers
LMV841_0710 NSC-LMV841_0710 Datasheet
1Mb / 20P
   CMOS Input, RRIO, Wide Supply Range Operational Amplifiers
logo
Texas Instruments
82592 TI-82592 Datasheet
1Mb / 24P
[Old version datasheet]   Precision, CMOS Input, RRIO, Wide Supply Range Amplifiers
logo
National Semiconductor ...
LMP7701 NSC-LMP7701_06 Datasheet
1Mb / 22P
   Precision, CMOS Input, RRIO, Wide Supply Range Amplifiers
logo
Texas Instruments
LMP7701 TI1-LMP7701 Datasheet
1Mb / 44P
[Old version datasheet]   Precision, CMOS Input, RRIO, Wide Supply Range Amplifiers
logo
National Semiconductor ...
LMP7707 NSC-LMP7707 Datasheet
1Mb / 24P
   Precision, CMOS Input, RRIO, Wide Supply Range Decompensated Amplifiers
logo
Texas Instruments
LMP7707 TI1-LMP7707 Datasheet
1Mb / 41P
[Old version datasheet]   Precision, CMOS Input, RRIO, Wide Supply Range Decompensated Amplifiers
LMV841QMG TI-LMV841QMG Datasheet
1Mb / 37P
[Old version datasheet]   LMV841/LMV841Q/LMV842/LMV842Q/LMV844/LMV844Q CMOS Input, RRIO, Wide Supply Range Operational Amplifiers
LMP7702MA TI-LMP7702MA Datasheet
1Mb / 35P
[Old version datasheet]   LMP7701/LMP7702/LMP7704 Precision, CMOS Input, RRIO, Wide Supply Range Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com