Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C133-25JC Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C133-25JC
Description  2K x 16 Dual-Port Static RAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C133-25JC Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C133-25JC Datasheet HTML 1Page - Cypress Semiconductor CY7C133-25JC Datasheet HTML 2Page - Cypress Semiconductor CY7C133-25JC Datasheet HTML 3Page - Cypress Semiconductor CY7C133-25JC Datasheet HTML 4Page - Cypress Semiconductor CY7C133-25JC Datasheet HTML 5Page - Cypress Semiconductor CY7C133-25JC Datasheet HTML 6Page - Cypress Semiconductor CY7C133-25JC Datasheet HTML 7Page - Cypress Semiconductor CY7C133-25JC Datasheet HTML 8Page - Cypress Semiconductor CY7C133-25JC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
2K x 16 Dual-Port Static RAM
CY7C133
CY7C143
Cypress Semiconductor Corporation
3901 North First Street
San Jose
, CA 95134
408-943-2600
Document #: 38-06036 Rev. *B
Revised June 22, 2004
Features
• True dual-ported memory cells which allow
simultaneous reads of the same memory location
• 2K x 16 organization
• 0.65-micron CMOS for optimum speed/power
• High-speed access: 25/35/55 ns
• Low operating power: ICC = 150 mA (typ.)
• Fully asynchronous operation
• Master CY7C133 expands data bus width to 32 bits or
more using slave CY7C143
• BUSY output flag on CY7C133; BUSY input flag on
CY7C143
• Available in 68-pin PLCC
Functional Description
The CY7C133 and CY7C143 are high-speed CMOS 2K by 16
dual-port static RAMs. Two ports are provided permitting
independent access to any location in memory. The CY7C133
can be utilized as either a stand-alone 16-bit dual-port static
RAM or as a master dual-port RAM in conjunction with the
CY7C143 slave dual-port device in systems requiring 32-bit or
greater word widths. It is the solution to applications requiring
shared or buffered data, such as cache memory for DSP,
bit-slice, or multiprocessor designs.
Each port has independent control pins; Chip Enable (CE),
Write Enable (R/WUB, R/WLB), and Output Enable (OE).
BUSY signals that the port is trying to access the same
location currently being accessed by the other port. An
automatic power-down feature is controlled independently on
each port by the Chip Enable (CE) pin.
The CY7C133 and CY7C143 are available in 68-pin PLCC.
Note:
1.
CY7C133 (Master): BUSY is open drain output and requires pull-up resistor. CY7C143 (Slave): BUSY is input.
R/WLUB
CEL
OEL
A10L
A0L
R/WRUB
CER
CER
OER
CE L
OE L
R/WLUB
R/WRUB
I/O8L – I/O15L
ARBITRATION
LOGIC
(CY7C133 ONLY)
CONTROL
I/O
MEMORY
ARRAY
ADDRESS
DECODER
ADDRESS
DECODER
BUSYL[1]
CONTROL
I/O
R/WLLB
R/WRLB
I/O0L –I/O7L
R/WRLB
OER
A10R
A0R
I/O8R – I/O15R
BUSYR
[ ]
I/O0R – I/O7R
R/WLLB
1
Logic Block Diagram


Similar Part No. - CY7C133-25JC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1330AV25 CYPRESS-CY7C1330AV25 Datasheet
397Kb / 19P
   18-Mbit (512K x 36/1Mbit x 18) Pipelined Register-Register Late Write
CY7C1330AV25-200BGC CYPRESS-CY7C1330AV25-200BGC Datasheet
397Kb / 19P
   18-Mbit (512K x 36/1Mbit x 18) Pipelined Register-Register Late Write
CY7C1330AV25-200BGXC CYPRESS-CY7C1330AV25-200BGXC Datasheet
397Kb / 19P
   18-Mbit (512K x 36/1Mbit x 18) Pipelined Register-Register Late Write
CY7C1330AV25-250BGC CYPRESS-CY7C1330AV25-250BGC Datasheet
397Kb / 19P
   18-Mbit (512K x 36/1Mbit x 18) Pipelined Register-Register Late Write
CY7C1330AV25-250BGXC CYPRESS-CY7C1330AV25-250BGXC Datasheet
397Kb / 19P
   18-Mbit (512K x 36/1Mbit x 18) Pipelined Register-Register Late Write
More results

Similar Description - CY7C133-25JC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C132 CYPRESS-CY7C132_05 Datasheet
562Kb / 18P
   2K x 8 Dual-Port Static RAM
CY7C146 CYPRESS-CY7C146 Datasheet
455Kb / 15P
   2K x 8 Dual-Port Static RAM
CY7C136 CYPRESS-CY7C136 Datasheet
455Kb / 15P
   2K x 8 Dual-Port Static RAM
CY7C132 CYPRESS-CY7C132_12 Datasheet
364Kb / 17P
   2K x 8 Dual-Port Static RAM
CY7C132 CYPRESS-CY7C132_09 Datasheet
468Kb / 15P
   2K x 8 Dual-Port Static RAM
CG5982AF CYPRESS-CG5982AF Datasheet
215Kb / 12P
   2K x 8 Automotive Dual-port Static RAM
logo
Integrated Device Techn...
IDT7132SA IDT-IDT7132SA_15 Datasheet
203Kb / 16P
   HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
IDT71321SA IDT-IDT71321SA_08 Datasheet
143Kb / 17P
   HIGH SPEED 2K X 8 DUAL-PORT STATIC RAM
IDT7132SA IDT-IDT7132SA_18 Datasheet
169Kb / 16P
   HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
IDT71321SA IDT-IDT71321SA_18 Datasheet
184Kb / 18P
   HIGH SPEED 2K X 8 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com