Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1019CV33-10VI Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY7C1019CV33-10VI
Description  128K x 8 Static RAM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1019CV33-10VI Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY7C1019CV33-10VI Datasheet HTML 1Page - Cypress Semiconductor CY7C1019CV33-10VI Datasheet HTML 2Page - Cypress Semiconductor CY7C1019CV33-10VI Datasheet HTML 3Page - Cypress Semiconductor CY7C1019CV33-10VI Datasheet HTML 4Page - Cypress Semiconductor CY7C1019CV33-10VI Datasheet HTML 5Page - Cypress Semiconductor CY7C1019CV33-10VI Datasheet HTML 6Page - Cypress Semiconductor CY7C1019CV33-10VI Datasheet HTML 7Page - Cypress Semiconductor CY7C1019CV33-10VI Datasheet HTML 8Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
CY7C1019CV33
Document #: 38-05130 Rev. *D
Page 3 of 8
AC Test Loads and Waveforms[4]
Switching Characteristics[5] Over the Operating Range
Parameter
Description
7C1019CV33-8 7C1019CV33-10 7C1019CV33-12 7C1019CV33-15
Unit
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Read Cycle
tRC
Read Cycle Time
8
10
12
15
ns
tAA
Address to Data Valid
8
10
12
15
ns
tOHA
Data Hold from Address Change
3
3
3
3
ns
tACE
CE LOW to Data Valid
8
10
12
15
ns
tDOE
OE LOW to Data Valid
5
5
6
7
ns
tLZOE
OE LOW to Low Z
0
0
0
0
ns
tHZOE
OE HIGH to High Z[6, 7]
456
7
ns
tLZCE
CE LOW to Low Z[7]
333
3
ns
tHZCE
CE HIGH to High Z[6, 7]
456
7
ns
tPU
[8]
CE LOW to Power-Up
0
0
0
0
ns
tPD
[8]
CE HIGH to Power-Down
8
10
12
15
ns
Write Cycle[9, 10]
tWC
Write Cycle Time
8
10
12
15
ns
tSCE
CE LOW to Write End
789
10
ns
tAW
Address Set-Up to Write End
7
8
9
10
ns
tHA
Address Hold from Write End
0
0
0
0
ns
tSA
Address Set-Up to Write Start
0
0
0
0
ns
tPWE
WE Pulse Width
678
10
ns
tSD
Data Set-Up to Write End
5
5
6
8
ns
tHD
Data Hold from Write End
0
0
0
0
ns
tLZWE
WE HIGH to Low Z[7]
333
3
ns
tHZWE
WE LOW to High Z[6, 7]
456
7
ns
Notes:
4.
AC characteristics (except High-Z) for all 8-ns parts are tested using the load conditions shown in Figure (a). All other speeds are tested using the Thevenin
load shown in Figure (b). High-Z characteristics are tested for all speeds using the test load shown in Figure (d).
5.
Test conditions assume signal transition time of 3 ns or less, timing reference levels of 1.5V, input pulse levels of 0 to 3.0V.
6.
tHZOE, tHZCE, and tHZWE are specified with a load capacitance of 5 pF as in part (d) of AC Test Loads. Transition is measured ±500 mV from steady-state voltage.
7.
At any given temperature and voltage condition, tHZCE is less than tLZCE, tHZOE is less than tLZOE, and tHZWE is less than tLZWE for any given device.
8.
This parameter is guaranteed by design and is not tested.
9.
The internal write time of the memory is defined by the overlap of CE LOW and WE LOW. CE and WE must be LOW to initiate a write, and the transition of any of these
signals can terminate the write. The input data set-up and hold timing should be referenced to the leading edge of the signal that terminates the write.
10. The minimum write cycle time for Write Cycle no. 3 (WE controlled, OE LOW) is the sum of tHZWE and tSD.
90%
10%
3.0V
GND
90%
10%
ALL INPUT PULSES
3.3V
OUTPUT
30 pF
* CAPACITIVE LOAD CONSISTS
OF ALL COMPONENTS OF THE
TEST ENVIRONMENT
(b)
R 317
R2
351
Rise Time: 1 V/ns
Fall Time: 1 V/ns
30pF*
OUTPUT
Z = 50
50
1.5V
(c)
(a)
3.3V
OUTPUT
5 pF
(d)
R 317
R2
351
8-ns devices:
10-, 12-, 15-ns devices:
High-Z characteristics:


Similar Part No. - CY7C1019CV33-10VI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1019CV33-10VC CYPRESS-CY7C1019CV33-10VC Datasheet
382Kb / 10P
   128K x 8 Static RAM
More results

Similar Description - CY7C1019CV33-10VI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62128 CYPRESS-CY62128 Datasheet
250Kb / 8P
   128K x 8 Static RAM
logo
Weida Semiconductor, In...
WCMA1008C1X WEIDA-WCMA1008C1X Datasheet
211Kb / 11P
   128K x 8 Static RAM
WCMA1008U1X WEIDA-WCMA1008U1X Datasheet
237Kb / 12P
   128K x 8 Static RAM
logo
LOGIC Devices Incorpora...
L7C108 LODEV-L7C108 Datasheet
711Kb / 15P
   128K x 8 Static RAM
logo
Cypress Semiconductor
CY7C1018BV33 CYPRESS-CY7C1018BV33 Datasheet
258Kb / 9P
   128K x 8 Static RAM
CY7C1019B CYPRESS-CY7C1019B_06 Datasheet
329Kb / 8P
   128K x 8 Static RAM
CY7C1018V33 CYPRESS-CY7C1018V33 Datasheet
168Kb / 8P
   128K x 8 Static RAM
CY7C1019BV33 CYPRESS-CY7C1019BV33 Datasheet
252Kb / 7P
   128K x 8 Static RAM
logo
Mosel Vitelic, Corp
V62C5181024 MOSEL-V62C5181024 Datasheet
59Kb / 12P
   128K X 8 STATIC RAM
logo
Cypress Semiconductor
CY7C1009V33 CYPRESS-CY7C1009V33 Datasheet
201Kb / 9P
   128K x 8 Static RAM
CY62128V CYPRESS-CY62128V_01 Datasheet
344Kb / 12P
   128K x 8 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com