Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMV711IDCKRG4 Datasheet(PDF) 4 Page - Texas Instruments

Part # LMV711IDCKRG4
Description  SINGLE LOW-POWER RRIO OPERATIONAL AMPLIFIERS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV711IDCKRG4 Datasheet(HTML) 4 Page - Texas Instruments

  LMV711IDCKRG4 Datasheet HTML 1Page - Texas Instruments LMV711IDCKRG4 Datasheet HTML 2Page - Texas Instruments LMV711IDCKRG4 Datasheet HTML 3Page - Texas Instruments LMV711IDCKRG4 Datasheet HTML 4Page - Texas Instruments LMV711IDCKRG4 Datasheet HTML 5Page - Texas Instruments LMV711IDCKRG4 Datasheet HTML 6Page - Texas Instruments LMV711IDCKRG4 Datasheet HTML 7Page - Texas Instruments LMV711IDCKRG4 Datasheet HTML 8Page - Texas Instruments LMV711IDCKRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
www.ti.com
Electrical Characteristics
LMV710, LMV711, LMV715
SINGLE LOW-POWER RRIO OPERATIONAL AMPLIFIERS
WITH HIGH OUTPUT CURRENT DRIVE AND SHUTDOWN
SLOS463A – APRIL 2005 – REVISED JULY 2005
V
CC+ = 2.7 V, VCC– = GND, VIC = 1.35 V, and RL > 1 MΩ (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
25
°C
0.4
3
VIO
Input offset voltage
VIC = 0.85 V and 1.85 V
mV
–40
°C to 85°C
3.2
IIB
Input bias current
25
°C
4
pA
25
°C
50
75
CMRR
Common-mode rejection ratio
0
≤ V
IC ≤ 2.7 V
dB
–40
°C to 85°C
45
25
°C
70
110
2.7 V
≤ V
CC+ ≤ 5 V,
VIC = 0.85 V
–40
°C to 85°C
68
kSVR
Supply-voltage rejection ratio
dB
25
°C
70
95
2.7 V
≤ V
CC+ ≤ 5 V,
VIC = 1.85 V
–40
°C to 85°C
68
Common-mode
–0.2
–0.3
VICR
CMRR
≥ 50 dB
25
°C
V
input voltage range
to 2.9
to 3
25
°C
15
28
Sourcing VO = 0
–40
°C to 85°C
12
IOS
Output short circuit current(1)
mA
25
°C
25
40
Sinking VO = 5 V
–40
°C to 85°C
22
25
°C
2.62
2.68
VOH
–40
°C to 85°C
2.6
RL = 10 kΩ to 1.35 V
25
°C
0.01
0.12
VOL
–40
°C to 85°C
0.15
VO
Output voltage
V
25
°C
2.52
2.55
VOH
–40
°C to 85°C
2.5
RL = 600 Ω to 1.35 V
25
°C
0.05
0.23
VOL
–40
°C to 85°C
0.3
Output voltage level in
VO(SD)
LMV711 only
25
°C
50
200
mV
shutdown mode
Output leakage current in
IO(SD)
LMV715 only
25
°C
1
pA
shutdown mode
Output capacitance in
CO(SD)
LMV715 only
25
°C
32
pF
shutdown mode
25
°C
1.22
1.7
ON mode
mA
ICC
Supply current
–40
°C to 85°C
1.9
Shutdown mode, SHDN = 0
25
°C
0.002
10
µA
25
°C
80
115
Sourcing RL = 10 kΩ,
VO = 1.35 V to 2.3 V
–40
°C to 85°C
76
25
°C
80
113
Sinking RL = 10 kΩ,
VO = 0.4 V to 1.35 V
–40
°C to 85°C
76
AV
Large-signal voltage gain
dB
25
°C
80
110
Sourcing RL = 600 Ω,
VO = 1.35 V to 2.2 V
–40
°C to 85°C
76
25
°C
80
100
Sinking RL = 600 Ω,
VO = 0.5 V to 1.35 V
–40
°C to 85°C
76
SR(2)
Slew rate
25
°C
5
V/
µs
GBWP
Gain bandwidth product
25
°C
5
MHz
Φ
m
Phase margin
25
°C
60
deg
T(on)
Amplifier turn-on time
25
°C
<10
µs
(1)
Shorting the output to either supply rails will adversely affect reliability.
(2)
Number specified is the slower of the positive and negative slew rates.
4
Not Recommended for New Designs


Similar Part No. - LMV711IDCKRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV711IDCKR TI-LMV711IDCKR Datasheet
404Kb / 15P
[Old version datasheet]   SINGLE LOW-POWER RRIO OPERATIONAL AMPLIFIERS WITH HIGH OUTPUT CURRENT DRIVE AND SHUTDOWN
LMV711IDCKRE4 TI-LMV711IDCKRE4 Datasheet
404Kb / 15P
[Old version datasheet]   SINGLE LOW-POWER RRIO OPERATIONAL AMPLIFIERS WITH HIGH OUTPUT CURRENT DRIVE AND SHUTDOWN
More results

Similar Description - LMV711IDCKRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV710-N TI1-LMV710-N Datasheet
1Mb / 25P
[Old version datasheet]   Low Power, RRIO Operational Amplifiers
logo
Analog Devices
OP296 AD-OP296_15 Datasheet
2Mb / 19P
   Micropower RRIO Operational Amplifiers
OP196GSZ-REEL7 AD-OP196GSZ-REEL7 Datasheet
2Mb / 19P
   Micropower RRIO Operational Amplifiers
REV. E
logo
National Semiconductor ...
LMV931 NSC-LMV931 Datasheet
625Kb / 19P
   1.8V, RRIO Operational Amplifiers
logo
Analog Devices
OP496 AD-OP496_15 Datasheet
2Mb / 19P
   Micropower RRIO Operational Amplifiers
OP196 AD-OP196_15 Datasheet
2Mb / 19P
   Micropower RRIO Operational Amplifiers
logo
Intersil Corporation
ISL28130CHZ-T7 INTERSIL-ISL28130CHZ-T7 Datasheet
864Kb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
February 13, 2014
ISL28130 INTERSIL-ISL28130_11 Datasheet
1Mb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
ISL28130_1012 INTERSIL-ISL28130_1012 Datasheet
1Mb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
ISL28130 INTERSIL-ISL28130_10 Datasheet
903Kb / 17P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com