Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMV651 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LMV651
Description  LMV65x 12-MHz, Low Voltage, Low Power Amplifiers
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV651 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LMV651 Datasheet HTML 5Page - Texas Instruments LMV651 Datasheet HTML 6Page - Texas Instruments LMV651 Datasheet HTML 7Page - Texas Instruments LMV651 Datasheet HTML 8Page - Texas Instruments LMV651 Datasheet HTML 9Page - Texas Instruments LMV651 Datasheet HTML 10Page - Texas Instruments LMV651 Datasheet HTML 11Page - Texas Instruments LMV651 Datasheet HTML 12Page - Texas Instruments LMV651 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
0
0.1
0.2
0.3
0.4
0.5
0
10
20
30
40
50
VOUT FROM RAIL (V)
-40°C
25°C
125°C
VS = 5V
180
100
10k
1M
100M
FREQUENCY (Hz)
-60
0
90
10M
100k
1k
150
120
60
30
-30
180
-60
0
90
150
120
60
30
-30
PHASE
GAIN
CL = 20 pF
CL = 100 pF
RL = 2 k:
CL = 100 pF
CL = 50 pF
CL = 50 pF
0
0.05 0.1 0.15 0.2 0.25 0.3 0.35 0.4
VOUT FROM RAIL (V)
0
10
20
30
40
50
VS = 5V
125°C
25°C
-40°C
0 0.05 0.1 0.15 0.2 0.25 0.3 0.35 0.4 0.45
0
10
20
30
40
50
VOUT FROM RAIL (V)
25°C
-40°C
125°C
VS = 5V
3
3.4
3.8
4.2
4.6
5
0
15
30
45
60
75
90
VS (V)
-40°C
25°C
125°C
RL = 10 k:
125°C
-40°C
0
0.25
0.5
0.75
1
1.25
1.5
VOUT FROM RAIL (V)
0
5
10
15
20
25
30
25°C
VS = 5V
9
LMV651, LMV652, LMV654
www.ti.com
SNOSAI7K – SEPTEMBER 2005 – REVISED MAY 2016
Product Folder Links: LMV651 LMV652 LMV654
Submit Documentation Feedback
Copyright © 2005–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
Unless otherwise specified, TA= 25°C, VS= 5 V, V
+= 5 V, V= 0 V, V
CM= VS/2
Figure 13. Negative Output Swing vs Supply Voltage
Figure 14. Sourcing Current vs Output Voltage
Figure 15. Sinking Current vs Output Voltage (LMV651)
Figure 16. Sinking Current vs Output Voltage (LMV652)
Figure 17. Sinking Current vs Output Voltage (LMV654)
Figure 18. Open-Loop Gain and Phase With Capacitive Load


Similar Part No. - LMV651

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV651 NSC-LMV651 Datasheet
499Kb / 5P
   12MHz, Low Voltage, Low Power Amplifier
LMV651 NSC-LMV651 Datasheet
473Kb / 16P
   12 MHz, Low Voltage, Low Power Amplifier
LMV651 NSC-LMV651 Datasheet
1,004Kb / 16P
   12 MHz, Low Voltage, Low Power Amplifiers
LMV651MF NSC-LMV651MF Datasheet
1,004Kb / 16P
   12 MHz, Low Voltage, Low Power Amplifiers
LMV651MFX NSC-LMV651MFX Datasheet
1,004Kb / 16P
   12 MHz, Low Voltage, Low Power Amplifiers
More results

Similar Description - LMV651

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV651 NSC-LMV651_08 Datasheet
1,004Kb / 16P
   12 MHz, Low Voltage, Low Power Amplifiers
logo
Texas Instruments
LMV651 TI-LMV651_15 Datasheet
1Mb / 28P
[Old version datasheet]   LMV651/LMV652/LMV654 12 MHz, Low Voltage, Low Power Amplifiers
logo
National Semiconductor ...
LMV651 NSC-LMV651_07 Datasheet
473Kb / 16P
   12 MHz, Low Voltage, Low Power Amplifier
logo
Texas Instruments
LMV721 TI-LMV721 Datasheet
684Kb / 21P
[Old version datasheet]   10-MHz LOW-NOISE LOW-VOLTAGE LOW-POWER OPERATIONAL AMPLIFIERS
logo
Analog Devices
AD8039ARZ AD-AD8039ARZ Datasheet
533Kb / 17P
   Low Power, 350 MHz Voltage Feedback Amplifiers
Rev. G
AD8038 AD-AD8038 Datasheet
346Kb / 12P
   Low Power 350 MHz Voltage Feedback Amplifiers
REV. B
AD8038 AD-AD8038_15 Datasheet
533Kb / 17P
   Low Power, 350 MHz Voltage Feedback Amplifiers
Rev. G
AD8039 AD-AD8039_15 Datasheet
533Kb / 17P
   Low Power, 350 MHz Voltage Feedback Amplifiers
Rev. G
AD8038 AD-AD8038_04 Datasheet
256Kb / 12P
   Low Power 350 MHz Voltage Feedback Amplifiers
REV. F
logo
National Semiconductor ...
LMV654 NSC-LMV654 Datasheet
509Kb / 5P
   Quad, 12 MHz, Low Voltage, Low Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com