Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS34LV86TM Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS34LV86TM
Description  3V Enhanced CMOS Quad Differential Line Receiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS34LV86TM Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DS34LV86TM Datasheet HTML 1Page - National Semiconductor (TI) DS34LV86TM Datasheet HTML 2Page - National Semiconductor (TI) DS34LV86TM Datasheet HTML 3Page - National Semiconductor (TI) DS34LV86TM Datasheet HTML 4Page - National Semiconductor (TI) DS34LV86TM Datasheet HTML 5Page - National Semiconductor (TI) DS34LV86TM Datasheet HTML 6Page - National Semiconductor (TI) DS34LV86TM Datasheet HTML 7Page - National Semiconductor (TI) DS34LV86TM Datasheet HTML 8Page - National Semiconductor (TI) DS34LV86TM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
DS34LV86T
3V Enhanced CMOS Quad Differential Line Receiver
General Description
The DS34LV86T is a high speed quad differential CMOS re-
ceiver that meets the requirements of both TIA/EIA-422-B
and ITU-T V.11. The CMOS DS34LV86T features typical low
static I
CC of 9 mA which makes it ideal for battery powered
and power conscious applications. The TRI-STATE® en-
ables, EN, allow the device to be disabled when not in use to
minimize power consumption. The dual enable scheme al-
lows for flexibility in turning receivers on and off.
The receiver output (RO) is guaranteed to be High when the
inputs are left open. The receiver can detect signals as low
as ±200 mV over the common mode range of ±10V. The re-
ceiver outputs (RO) are compatible with TTL and LVCMOS
levels.
Features
n Low power CMOS design (30 mW typical)
n Interoperable with existing 5V RS-422 networks
n Industrial temperature range
n Meets TIA/EIA-422-B (RS-422) and ITU-T V.11
recommendation
n 3.3V Operation
n ±7V common mode range VID =3V
n ±10V common mode range VID = 0.2V
n Receiver OPEN input failsafe feature
n Guaranteed AC parameter:
Maximum Receiver Skew:
4 ns
Transition time:
10 ns
n Pin compatible with DS34C86T
n 32 MHz Toggle Frequency
n 6.5k ESD Tolerance (HBM)
n Available in SOIC packaging
Connection Diagram
Truth Table
Enable
Inputs
Output
EN
RI+–RI−
RO
LX
Z
HV
ID ≥ +0.2V
H
HV
ID ≤ −0.2V
L
H
Open
H
L = Logic Low
H = Logic High
X = Irrelevant
Z = TRI-STATE
= Open, Not Terminated
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
Dual-In-Line Package
DS012644-1
Top View
Order Number DS34LV86TN, DS34LV86TM
See NS Package Number M16A or N16E
February 1997
© 1998 National Semiconductor Corporation
DS012644
www.national.com


Similar Part No. - DS34LV86TM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS34LV86TM TI1-DS34LV86TM Datasheet
912Kb / 15P
[Old version datasheet]   DS34LV86T 3V Enhanced CMOS Quad Differential Line Receiver
DS34LV86TM/NOPB TI1-DS34LV86TM/NOPB Datasheet
912Kb / 15P
[Old version datasheet]   DS34LV86T 3V Enhanced CMOS Quad Differential Line Receiver
DS34LV86TMX TI1-DS34LV86TMX Datasheet
912Kb / 15P
[Old version datasheet]   DS34LV86T 3V Enhanced CMOS Quad Differential Line Receiver
DS34LV86TMX/NOPB TI1-DS34LV86TMX/NOPB Datasheet
912Kb / 15P
[Old version datasheet]   DS34LV86T 3V Enhanced CMOS Quad Differential Line Receiver
More results

Similar Description - DS34LV86TM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS26LV32AT NSC-DS26LV32AT Datasheet
167Kb / 10P
   3V Enhanced CMOS Quad Differential Line Receiver
logo
Texas Instruments
DS26LV32AW-QML TI-DS26LV32AW-QML Datasheet
136Kb / 8P
[Old version datasheet]   DS26LV32AQML 3V Enhanced CMOS Quad Differential Line Receiver
DS34LV86T TI1-DS34LV86T_14 Datasheet
912Kb / 15P
[Old version datasheet]   DS34LV86T 3V Enhanced CMOS Quad Differential Line Receiver
DS26LV32ATMX TI1-DS26LV32ATMX Datasheet
912Kb / 16P
[Old version datasheet]   DS26LV32AT 3V Enhanced CMOS Quad Differential Line Receiver
DS26LV32AQML TI1-DS26LV32AQML Datasheet
493Kb / 8P
[Old version datasheet]   DS26LV32AQML 3V Enhanced CMOS Quad Differential Line Receiver
DS26LV32ATM TI-DS26LV32ATM Datasheet
893Kb / 16P
[Old version datasheet]   DS26LV32AT 3V Enhanced CMOS Quad Differential Line Receiver
DS26LV32AT TI1-DS26LV32AT_15 Datasheet
913Kb / 16P
[Old version datasheet]   DS26LV32AT 3V Enhanced CMOS Quad Differential Line Receiver
logo
National Semiconductor ...
DS26LV31T NSC-DS26LV31T Datasheet
121Kb / 8P
   3V Enhanced CMOS Quad Differential Line Driver
DS26LV31QML NSC-DS26LV31QML Datasheet
457Kb / 5P
   3V Enhanced CMOS Quad Differential Line Driver
logo
Texas Instruments
DS90LV032AQML TI1-DS90LV032AQML_13 Datasheet
457Kb / 16P
[Old version datasheet]   3V LVDS Quad CMOS Differential Line Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com