Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PST3226 Datasheet(PDF) 1 Page - Mitsumi Electronics, Corp.

Part # PST3226
Description  CMOS System Reset
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

PST3226 Datasheet(HTML) 1 Page - Mitsumi Electronics, Corp.

  PST3226 Datasheet HTML 1Page - Mitsumi Electronics, Corp. PST3226 Datasheet HTML 2Page - Mitsumi Electronics, Corp. PST3226 Datasheet HTML 3Page - Mitsumi Electronics, Corp. PST3226 Datasheet HTML 4Page - Mitsumi Electronics, Corp. PST3226 Datasheet HTML 5Page - Mitsumi Electronics, Corp. PST3226 Datasheet HTML 6Page - Mitsumi Electronics, Corp. PST3226 Datasheet HTML 7Page - Mitsumi Electronics, Corp. PST3226 Datasheet HTML 8Page - Mitsumi Electronics, Corp. PST3226 Datasheet HTML 9Page - Mitsumi Electronics, Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
MITSUMI
CMOS System Reset PST3XXX
CMOS System Reset
Monolithic IC PST3XXX Series
Outline
This IC is a system reset IC developed using the CMOS process. Super low consumption current of 0.25µA
typ. has been achieved through use of the CMOS process. Also, detection voltage is high precision detection
of ±2%.
Features
(1) Super low consumption current
0.25µA typ. (when VDD = Vs + 1V)
(2) High precision detection voltage
±2%
(3) Hysteresis characteristic
5% typ.
(4) Operating range
0.95 ~ 10V
(5) Wide operating temperature range
-30 ~ +85°C
(6) Detection voltage
2 ~ 6V (0.1V step)
Package
SC-82AB (PST31XX, PST32XX)
SOT-25 (PST33XX, PST34XX)
Applications
(1) Microcomputer, CPU, MPU reset circuits
(2) Logic circuit reset circuits
(3) Battery voltage check circuits
(4) Back-up circuit switching circuits
(5) Level detection circuits
Pin Assignment
13
5
2
4
SC-82AB
12
43
SOT-25
1
OUT
2
VDD
3
VSS
4
NC
5
1
OUT
2
VDD
3
NC
4
VSS


Similar Part No. - PST3226

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
PST3226 MITSUMI-PST3226 Datasheet
89Kb / 9P
   IC for CMOS System Reset
More results

Similar Description - PST3226

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA56606-20 PHILIPS-SA56606-20 Datasheet
123Kb / 12P
   CMOS system reset
2001 Jun 19
SA56606-XX PHILIPS-SA56606-XX Datasheet
123Kb / 12P
   CMOS system reset
2001 Jun 19
SA56614-XX PHILIPS-SA56614-XX Datasheet
113Kb / 14P
   CMOS system reset
2001 Jun 19
logo
Renesas Technology Corp
RNA50C27AUS RENESAS-RNA50C27AUS Datasheet
87Kb / 8P
   CMOS System-Reset IC
RNA50C27AUS RENESAS-RNA50C27AUS_15 Datasheet
229Kb / 8P
   CMOS System-Reset IC
RNA50C27A RENESAS-RNA50C27A_15 Datasheet
251Kb / 30P
   CMOS System-Reset IC
RNA55A125FLP RENESAS-RNA55A125FLP Datasheet
131Kb / 12P
   CMOS System Reset IC
Mar 01, 2013
RNA55A125FLP RENESAS-RNA55A125FLP_15 Datasheet
132Kb / 12P
   CMOS System Reset IC
RNA62782LP RENESAS-RNA62782LP_15 Datasheet
78Kb / 5P
   CMOS System Reset IC
logo
Mitsumi Electronics, Co...
PST31XX MITSUMI-PST31XX Datasheet
89Kb / 9P
   IC for CMOS System Reset
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com