Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UF07M Datasheet(PDF) 1 Page - Diode Semiconductor Korea

Part # UF07M
Description  HIGH EFFICIENCY RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

UF07M Datasheet(HTML) 1 Page - Diode Semiconductor Korea

  UF07M Datasheet HTML 1Page - Diode Semiconductor Korea UF07M Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2.8±0.1
Cathode Band
Top View
3.7±0.2
0.6±0.25
FEATURES
◇ Low forward surge current
◇ Ideal for surface mouted applications
◇ Low leakage current
MECHANICAL DATA
◇ Case:JEDEC SOD-123FL,molded plastic over
passivated chip
◇ Terminals:Solder Plated, solderable per
MIL-STD-750, Method 2026
◇ Polarity: Color band denotes cathode end
◇ Weight: 0.006 ounces, 0.02 gram
◇ Mounting position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase,half wave,60Hz,resistive or inductive load.For capactive load,derate current by 20%.
ABSOLUTE RATINGS
UB
UD
UG
UJ
UK
UM
VRRM
100
200
400
600
800
1000
V
VRMS
70
140
280
420
560
700
V
VDC
100
200
400
600
800
1000
V
RθJA
℃/W
Tj
TSTG
NOTE1.Pulse test: pulse width 300
µsec,duty cycle 2%.
µA
trr
ns
IR
10
200
Typical thermal resistance junction to lead
180
Maximum instantaneous
forward voltage @IFM=0.7A (Note 1)
VF
07A
07B
07D
07G
07J
07K
07M
UA
UNITS
Device marking code
UF07A---UF07M
50
A
I(AV)
A
35
50
- 55 --- + 150
IFSM
- 55 --- + 150
HIGH EFFICIENCY RECTIFIERS
0.7
20
UF
UF
UF
UF
UF
UF
UF
REVERSE VOLTAGE: 50 - 1000 V
CURRENT: 0.7 A
SOD - 123FL
Maximum recurrent peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward
rectified current @TA=75℃
Peak forward surge current 8.3ms single
half-sine-wave superimposed
Maximum DC reverse current @TA=25℃
at rated DC blocking voltage @TA=125℃
Operating temperature range
Storage temperature range
on rated load
Maximum reverse
V
1
1.0
1.4
1.7
50
75
recovery time (Note 2)
2.Measured with IF=0.5A,IR=1.0A,Irr=0.25A.
Dimensions in millimeters
www.diode.kr
Diode Semiconductor Korea


Similar Part No. - UF07M

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
UF07M BILIN-UF07M Datasheet
260Kb / 2P
   HIGH EFFICIENCY RECTIFIERS REVERSE VOLTAGE: 50 - 1000 V CURRENT: 0.7 A
logo
Shenzhen Taychipst Elec...
UF07M TAYCHIPST-UF07M Datasheet
3Mb / 2P
   HIGH EFFICIENCY RECTIFIERS
logo
Shenzhen Luguang Electr...
UF07M LUGUANG-UF07M Datasheet
218Kb / 2P
   High Efficiency Rectifiers
logo
Microdiode Electronics ...
UF07M CHENDA-UF07M Datasheet
87Kb / 2P
   SURFACE MOUNT HIGH EFFICIENCY RECTIFIER
logo
Nanjing International G...
UF07M DGNJDZ-UF07M Datasheet
2Mb / 3P
   1 Amp Ultra Fast Recovery
More results

Similar Description - UF07M

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
HER510T LUGUANG-HER510T Datasheet
208Kb / 2P
   High Efficiency Rectifiers
HER1010 LUGUANG-HER1010 Datasheet
209Kb / 2P
   High Efficiency Rectifiers
HER601 LUGUANG-HER601 Datasheet
290Kb / 2P
   High Efficiency Rectifiers
EG01Y LUGUANG-EG01Y Datasheet
174Kb / 2P
   High Efficiency Rectifiers
EGP50A LUGUANG-EGP50A Datasheet
215Kb / 2P
   High Efficiency Rectifiers
logo
Microdiode Electronics ...
1H2 CHENDA-1H2 Datasheet
74Kb / 2P
   HIGH EFFICIENCY RECTIFIERS
logo
Leshan Radio Company
HER103 LRC-HER103_15 Datasheet
201Kb / 7P
   High Efficiency Rectifiers
HER208 LRC-HER208_15 Datasheet
153Kb / 7P
   High Efficiency Rectifiers
HER305 LRC-HER305_15 Datasheet
195Kb / 7P
   High Efficiency Rectifiers
logo
Shenzhen Luguang Electr...
ERB32-01 LUGUANG-ERB32-01 Datasheet
1Mb / 2P
   High Efficiency Rectifiers
logo
Diode Semiconductor Kor...
TVR1B DSK-TVR1B Datasheet
282Kb / 2P
   HIGH EFFICIENCY RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com