Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP38512-ADJ Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LP38512-ADJ
Description  1.5A Fast-Transient Response Adjustable Low-Dropout Linear Voltage Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP38512-ADJ Datasheet(HTML) 6 Page - Texas Instruments

Back Button LP38512-ADJ Datasheet HTML 2Page - Texas Instruments LP38512-ADJ Datasheet HTML 3Page - Texas Instruments LP38512-ADJ Datasheet HTML 4Page - Texas Instruments LP38512-ADJ Datasheet HTML 5Page - Texas Instruments LP38512-ADJ Datasheet HTML 6Page - Texas Instruments LP38512-ADJ Datasheet HTML 7Page - Texas Instruments LP38512-ADJ Datasheet HTML 8Page - Texas Instruments LP38512-ADJ Datasheet HTML 9Page - Texas Instruments LP38512-ADJ Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
LP38512-ADJ
SNVS546D – JANUARY 2009 – REVISED APRIL 2013
www.ti.com
Typical Performance Characteristics (continued)
Unless otherwise specified: TJ = 25°C, VIN = 2.50V, VOUT= VADJ, VEN = 2.0V, CIN = 10 µF, COUT = 10 µF, IOUT = 10 mA.
VOUT
Load regulation
vs
vs
VEN
Temperature
Figure 9.
Figure 10.
Line Regulation
Current Limit
vs
vs
Temperature
Temperature
Figure 11.
Figure 12.
Load Transient 10 mA to 1.5A
Load Transient, 10 mA to 1.5A
VOUT = VADJ, COUT = 10 μF Ceramic
VOUT = 1.20V, COUT = 10 μF Ceramic
Figure 13.
Figure 14.
6
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LP38512-ADJ


Similar Part No. - LP38512-ADJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP38512-ADJ NSC-LP38512-ADJ Datasheet
388Kb / 14P
   1.5A Fast-Transient Response Adjustable Low-Dropout Linear Voltage Regulator
More results

Similar Description - LP38512-ADJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP38512-ADJ NSC-LP38512-ADJ Datasheet
388Kb / 14P
   1.5A Fast-Transient Response Adjustable Low-Dropout Linear Voltage Regulator
LP38513-ADJ NSC-LP38513-ADJ Datasheet
382Kb / 12P
   3A Fast-Transient Response Adjustable Low-Dropout Linear Voltage Regulator
LP38511-ADJ NSC-LP38511-ADJ Datasheet
403Kb / 14P
   800mA Fast-Transient Response Adjustable Low-Dropout Linear Voltage Regulator
logo
Texas Instruments
LP38511-ADJ TI1-LP38511-ADJ_16 Datasheet
1Mb / 23P
[Old version datasheet]   800mA Fast-Transient Response Adjustable Low-Dropout Linear Voltage Regulator
LP38513-ADJ TI1-LP38513-ADJ Datasheet
1Mb / 18P
[Old version datasheet]   3A Fast-Transient Response Adjustable Low-Dropout Linear Voltage Regulator
LP38512 TI-LP38512_15 Datasheet
1Mb / 21P
[Old version datasheet]   1.5A Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
LP38512-18 TI1-LP38512-18_14 Datasheet
1Mb / 20P
[Old version datasheet]   1.5A Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
logo
National Semiconductor ...
LP38512-1.8 NSC-LP38512-1.8 Datasheet
339Kb / 14P
   1.5A Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
logo
Texas Instruments
LP38512 TI1-LP38512 Datasheet
359Kb / 16P
[Old version datasheet]   1.5A Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
logo
National Semiconductor ...
LP38512 NSC-LP38512_09 Datasheet
366Kb / 14P
   1.5A Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com