Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS7374IPWRG4 Datasheet(PDF) 6 Page - Texas Instruments

Part # THS7374IPWRG4
Description  4-Channel SDTV Video Amplifier with 6th-Order Filters and 6-dB Gain
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS7374IPWRG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button THS7374IPWRG4 Datasheet HTML 2Page - Texas Instruments THS7374IPWRG4 Datasheet HTML 3Page - Texas Instruments THS7374IPWRG4 Datasheet HTML 4Page - Texas Instruments THS7374IPWRG4 Datasheet HTML 5Page - Texas Instruments THS7374IPWRG4 Datasheet HTML 6Page - Texas Instruments THS7374IPWRG4 Datasheet HTML 7Page - Texas Instruments THS7374IPWRG4 Datasheet HTML 8Page - Texas Instruments THS7374IPWRG4 Datasheet HTML 9Page - Texas Instruments THS7374IPWRG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
THS7374
SLOS590B – JULY 2008 – REVISED JANUARY 2011
www.ti.com
ELECTRICAL CHARACTERISTICS VS+ = +5 V (continued)
RL = 150 Ω to GND and dc-coupled input and output, Giler Mode, unless otherwise noted.
THS7374
TYP
OVER TEMPERATURE
MIN/
0°C to
–40°C to
TYP/
PARAMETER
TEST CONDITIONS
+25°C
+25°C
+70°C
+85°C
MAX
UNITS
POWER SUPPLY
Maximum operating voltage
VS+ to GND
5
5.5
5.5
5.5
Max
V
Minimum operating voltage
VS+ to GND
(2)
5
2.85
2.85
2.85
Min
V
Maximum total quiescent current
VIN = 0 V, VS+ = 5 V
10
12.5
13.5
14.5
Max
mA
Minimum total quiescent current
VIN = 0 V, VS+ = 5 V
10
8
7.5
7
Min
mA
Disabled total quiescent current
Disable pin = 3 V
1
10
10
10
Max
mA
Power-supply rejection (+PSRR)
52
Typ
dB
DISABLE CHARACTERISTICS(3)
VIH
Disabled/bypass engaged(4)
2.1
2.2
2.2
2.2
Min
V
VIL
Enabled/bypass disengaged
0.8
0.8
0.8
0.8
Max
V
IIH
0.2
Typ
mA
IIL
0.2
Typ
mA
Disable time
80
Typ
ns
Enable time
80
Typ
ns
Bypass/filter switch time
5
Typ
ns
Disabled output impedance
Disable pin = 3 V
20 || 3
Typ
k
Ω || pF
(2)
The min/max values listed for this specification are ensured by design and characterization only.
(3)
The logic input pins should not be left floating. They must be connected to logic low (or GND) or logic high (or VS+).
(4)
Defined as applied logic voltage to achieve total quiescent current of less than 100 mA.
6
Submit Documentation Feedback
Copyright © 2008–2011, Texas Instruments Incorporated
Product Folder Link(s): THS7374


Similar Part No. - THS7374IPWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS7374IPWR TI-THS7374IPWR Datasheet
817Kb / 37P
[Old version datasheet]   4-Channel SDTV Video Amplifier with 6th-Order Filters and 6-dB Gain
More results

Similar Description - THS7374IPWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS7374 TI-THS7374 Datasheet
817Kb / 37P
[Old version datasheet]   4-Channel SDTV Video Amplifier with 6th-Order Filters and 6-dB Gain
THS7314 TI1-THS7314_14 Datasheet
969Kb / 31P
[Old version datasheet]   3-Channel SDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7314 TI-THS7314 Datasheet
616Kb / 23P
[Old version datasheet]   3-Channel SDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7314 TI1-THS7314_17 Datasheet
972Kb / 31P
[Old version datasheet]   3-Channel SDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7314EVM TI1-THS7314EVM Datasheet
973Kb / 31P
[Old version datasheet]   3-Channel SDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7375 TI-THS7375 Datasheet
918Kb / 36P
[Old version datasheet]   4-Channel SDTV Video Amplifier with 6th-Order Filters and 5.6-V/V Gain
THS7316 TI-THS7316_07 Datasheet
859Kb / 30P
[Old version datasheet]   3-Channel HDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7316 TI1-THS7316_17 Datasheet
1Mb / 31P
[Old version datasheet]   3-Channel HDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7316 TI-THS7316 Datasheet
813Kb / 28P
[Old version datasheet]   3-Channel HDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7316 TI1-THS7316_14 Datasheet
1Mb / 29P
[Old version datasheet]   3-Channel HDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com