Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WM8761GED Datasheet(PDF) 4 Page - Wolfson Microelectronics plc

Part # WM8761GED
Description  24BIT 192KHZ STEREO DAC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8761GED Datasheet(HTML) 4 Page - Wolfson Microelectronics plc

  WM8761GED Datasheet HTML 1Page - Wolfson Microelectronics plc WM8761GED Datasheet HTML 2Page - Wolfson Microelectronics plc WM8761GED Datasheet HTML 3Page - Wolfson Microelectronics plc WM8761GED Datasheet HTML 4Page - Wolfson Microelectronics plc WM8761GED Datasheet HTML 5Page - Wolfson Microelectronics plc WM8761GED Datasheet HTML 6Page - Wolfson Microelectronics plc WM8761GED Datasheet HTML 7Page - Wolfson Microelectronics plc WM8761GED Datasheet HTML 8Page - Wolfson Microelectronics plc WM8761GED Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
WM8761
Production Data
w
PD Rev 4.0 May 2004
4
PIN DESCRIPTION
PIN
NAME
TYPE
DESCRIPTION
1
LRCIN
Digital input
Sample rate clock input
2
DIN
Digital input
Serial audio data input
3
BCKIN
Digital input
Bit clock input
4
NC
No connect
No internal connection
5
CAP
Analogue output
Analogue internal reference
6
VOUTR
Analogue output
Right channel DAC output
7
GND
Supply
Negative supply
8
VDD
Supply
Positive supply
9
VOUTL
Analogue output
Left channel DAC output
10
MUTE
Digital input
Soft mute control, Internal pull down
High Impedance = Automute
High = Mute ON
Low = Mute OFF
11
NC
No connect
No internal connection
12
DEEMPH
Digital input
De-emphasis select, Internal pull up
High = de-emphasis ON
Low = de-emphasis OFF
13
FORMAT
Digital input
Data input format select, Internal pull up
Low = 24-bit right justified or DSP ‘late’
High = 16-24-bit I
2S or DSP ‘early’
14
MCLK
Digital input
Master clock input
Note:
1.
Digital input pins have Schmitt trigger input buffers.


Similar Part No. - WM8761GED

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
WM8761 CIRRUS-WM8761 Datasheet
173Kb / 23P
   24-bit 192kHz Stereo DAC
logo
Wolfson Microelectronic...
WM8761CGED WOLFSON-WM8761CGED Datasheet
173Kb / 23P
   24-bit 192kHz Stereo DAC
WM8761CGED/R WOLFSON-WM8761CGED/R Datasheet
173Kb / 23P
   24-bit 192kHz Stereo DAC
WM8761 WOLFSON-WM8761_11 Datasheet
173Kb / 23P
   24-bit 192kHz Stereo DAC
More results

Similar Description - WM8761GED

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4387-SB AKM-AKD4387-SB Datasheet
282Kb / 26P
   192kHz sampling 24Bit DAC
AKD4395-SBW AKM-AKD4395-SBW Datasheet
282Kb / 30P
   192kHz sampling 24Bit ?誇 DAC
AKD4384-SC AKM-AKD4384-SC Datasheet
450Kb / 32P
   192kHz sampling 24Bit ?誇 DAC
AKD4388-SB AKM-AKD4388-SB Datasheet
443Kb / 26P
   192kHz sampling 24Bit ?誇 DAC
AKD4341-SB AKM-AKD4341-SB Datasheet
419Kb / 23P
   192kHz sampling 24Bit ?誇 DAC
AKD4394 AKM-AKD4394_07 Datasheet
531Kb / 32P
   192kHz sampling 24Bit ?誇 DAC.
AKD4396-SBW AKM-AKD4396-SBW Datasheet
297Kb / 30P
   192kHz sampling 24Bit ?誇 DAC
AKD4340-SB AKM-AKD4340-SB Datasheet
340Kb / 31P
   192kHz sampling 24Bit ?誇 DAC
AKD4382A-SB AKM-AKD4382A-SB Datasheet
482Kb / 31P
   192kHz sampling 24Bit ?誇 DAC
AKD4385-SC AKM-AKD4385-SC Datasheet
320Kb / 31P
   192kHz sampling 24Bit ?誇 DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com