Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XCST50 Datasheet(PDF) 5 Page - Sony Corporation

Part # XCST50
Description  CCD B/W VIDEO CAMERA MODULE
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

XCST50 Datasheet(HTML) 5 Page - Sony Corporation

  XCST50 Datasheet HTML 1Page - Sony Corporation XCST50 Datasheet HTML 2Page - Sony Corporation XCST50 Datasheet HTML 3Page - Sony Corporation XCST50 Datasheet HTML 4Page - Sony Corporation XCST50 Datasheet HTML 5Page - Sony Corporation XCST50 Datasheet HTML 6Page - Sony Corporation XCST50 Datasheet HTML 7Page - Sony Corporation XCST50 Datasheet HTML 8Page - Sony Corporation XCST50 Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
3
XC-ST50/50CE
XC-ST30/30CE
MAIN SPECIFICATIONS
Image pickup device
XC-ST50/50CE:
1/2-inch interline transfer CCD
XC-ST30/30CE:
1/3-inch interline transfer CCD
Number of effective pixels
XC-ST50/ST30:
768(H)
x 494(V)
XC-ST50CE/ST30CE: 752(H)
x 582(V)
CCD horizontal driving frequency
XC-ST50/ST30:
14.318 MHz
XC-ST50CE/ST30CE: 14.187 MHz
CCD vertical driving frequency
XC-ST50/ST30:
15.734 kHz
XC-ST50CE/ST30CE: 15.625 kHz
Signal system
EIA/CCIR
Cell size
XC-ST50:
8.4(H)
x 9.8(V) um
XC-ST50CE:
8.6(H)
x 8.3(V) um
XC-ST30:
6.35(H)
x7.4(V) um
XC-ST30CE:
6.5(H)
x6.25(V) um
Lens mount
C mount
Flange back
17.526 mm
Synchronization system
Internal/external
(Selected automatically)
External sync input/output
HD/VD (2 to 5 Vp-p)
VS (Sync level: 0.3 Vp-p+0.3V )
*
Automatically selected according
to the existence of an input signal
when the selection switch on the
rear panel is set to EXT.
Allowable frequency deviation of external synchronization
± 1 %
(in horizontal synchronous frequency)
Jitter
Within
± 50 nsec
Scanning system
2:1 interlaced
Non-interlaced
(during external sync input)
Horizontal resolution
XC-ST50/ST30:
570 TV lines
XC-ST50CE/ST30CE: 560 TV lines
Sensitivity
XC/ST50/50CE:
400 l
x F8 (r=ON,0 dB)
XC/ST30/30CE:
400 l
x F5.6 (r=ON,0 dB)
S/N ratio
XC-ST50/50CE:
60 dB/58dB
XC-ST30/30CE:
56 dB/54dB
Minimum illuminance
0.3 lx (F1.4, AGC ON)
Gain
AGC/Manual/Fixed
(Can be selected using the
switch on the rear panel.)
Gamma correction
ON/OFF
(Can be selected using the
switch on the rear panel.)
Electronic shutter
XC-ST50/ST30:
1/100 to 1/10,000 seconds
XC-ST50CE/ST30CE: 1/120 to 1/10,000 seconds
External trigger shutter
XC-ST50/ST30:
1/4 to 1/10,000 seconds
XC-ST50CE/ST30CE: 1/4 to 1/8,000 seconds
*
Set using the DIP switch on the rear panel, or
continuously variable with the trigger pulse width.
Supply voltage
+12 VDC (
+10.5 V to 15V)
Power consumption
XC-ST50/50CE: 2.0 W
XC-ST30/30CE: 1.9 W
Operating temperature
–5 ˚C to +45 ˚C
Storage temperature
–30 ˚C to +60 ˚C
Performance assurance temperature
0 ˚C to +40 ˚C
Operating humidity
20 to 80 % (Non-condensing)
Storage humidity
20 to 95 % (Non-condensing)
Vibration resistance
10G
(For 20 minutes in the X, Y, and
Z directions at 20 to 200 Hz)
Shock resistance
70G
Outside dimensions
44(W)
x 29(H) x 57.5(D) mm
Weight
110 g
Standards
UL1492, FCC Class A Digital
Device, and CE (EN50081-2 +
EN50082-2)
Other
Restart Reset function
Frame or field integration can be
selected.
Conforms to new 12-pin EIAJ
assignment.
Accessories
Lens mount cap (1)
Instruction Manual (1)
External synchronization for each mode
Mode
Normal
Normal shutter
Restart Reset
Mode 1
Mode 2
Trigger signal
generates an
internal VD
(single) signal.
Internal sync
External sync
HD/VD
×
: Can be used.
×: Cannot be used.
VS
×
×
×
×
–0.15 V


Similar Part No. - XCST50

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
XCSTA591 SCHNEIDER-XCSTA591 Datasheet
112Kb / 2P
   plastic safety switch XCSTA - 1 NC 2 NO - slow break - 1 entry tapped Pg 11
XCSTA592 SCHNEIDER-XCSTA592 Datasheet
99Kb / 2P
   plastic safety switch XCSTA - 1 NC 2 NO - slow break - 2 entries tapped M16
XCSTA593 SCHNEIDER-XCSTA593 Datasheet
113Kb / 2P
   plastic safety switch XCSTA - 1NC 2NOslow break - 2 entries tapped 1/2" NPT
XCSTA791 SCHNEIDER-XCSTA791 Datasheet
112Kb / 2P
   plastic safety switch XCSTA - 2 NC 1 NO slow break- 2 entries tapped Pg 11
XCSTA792 SCHNEIDER-XCSTA792 Datasheet
113Kb / 2P
   plastic safety switch XCSTA - 2 NC 1 NO - slow break - 2 entries tappedM16
More results

Similar Description - XCST50

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX063AL SONY-ICX063AL Datasheet
225Kb / 16P
   Diagonal 11mm (Type 2/3) CCD Image Sensor for CCIR B/W Video Camera
ICX062AL SONY-ICX062AL Datasheet
225Kb / 16P
   Diagonal 11mm (Type 2/3) CCD Image Sensor for EIA B/W Video Camera
logo
A1 PROs co., Ltd.
AI2410 A1PROS-AI2410 Datasheet
639Kb / 27P
   Signal Processor for Single-Chip CCD B/W Camera
logo
Sony Corporation
CXD3152R SONY-CXD3152R Datasheet
322Kb / 45P
   Signal Processor LSI for Single-chip CCD B/W Camera
CXD3152AR SONY-CXD3152AR Datasheet
326Kb / 45P
   Signal Processor LSI for Single-chip CCD B/W Camera
logo
Hamamatsu Corporation
C5403-30 HAMAMATSU-C5403-30 Datasheet
104Kb / 2P
   1/3-inch CCD Video Camera
logo
ADTech
ADT7200 ADTECH-ADT7200 Datasheet
242Kb / 6P
   Multi-CH Power Supply IC for B/W CCD Camera
logo
Panasonic Semiconductor
AN2145NFHP PANASONIC-AN2145NFHP Datasheet
108Kb / 6P
   CCD Video Camera Signal Processor ICs
logo
Hamamatsu Corporation
C3077 HAMAMATSU-C3077 Datasheet
103Kb / 2P
   2/3-inch CCD Video Camera
C2741-32A HAMAMATSU-C2741-32A Datasheet
50Kb / 2P
   PHOTON COUNTING I-CCD VIDEO CAMERA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com