Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS34C86TN Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS34C86TN
Description  Quad CMOS Differential Line Receiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS34C86TN Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DS34C86TN Datasheet HTML 1Page - National Semiconductor (TI) DS34C86TN Datasheet HTML 2Page - National Semiconductor (TI) DS34C86TN Datasheet HTML 3Page - National Semiconductor (TI) DS34C86TN Datasheet HTML 4Page - National Semiconductor (TI) DS34C86TN Datasheet HTML 5Page - National Semiconductor (TI) DS34C86TN Datasheet HTML 6Page - National Semiconductor (TI) DS34C86TN Datasheet HTML 7Page - National Semiconductor (TI) DS34C86TN Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Absolute Maximum Ratings (Notes 1, 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
CC)7V
Input Common Mode Range (V
CM
)
±14V
Differential Input Voltage (V
DIFF)
±14V
Enable Input Voltage (V
IN)
7V
Storage Temperature Range (T
STG
)
−65˚C to +150˚C
Lead Temperature (Soldering 4
sec)
260˚C
Maximum Power Dissipation at 25˚C (Note 5)
Plastic “N” Package
1645 mW
SOIC Package
1190 mW
Current Per Output
±25 mA
This device does not meet 2000V ESD rating. (Note 4)
Operating Conditions
Min
Max
Unit
Supply Voltage (V
CC)
4.50
5.50
V
Operating Temperature Range (T
A)
−40
+85
˚C
Enable Input Rise or Fall Times
500
ns
DC Electrical Characteristics (Note 3)
V
CC = 5V ±10% (unless otherwise specified)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
V
TH
Minimum Differential
V
OUT = V OH or VOL
−200
35
+200
mV
Input Voltage
−7V < V
CM< +7V
R
IN
Input Resistance
V
IN = −7V, +7V
5.0
6.8
10
k
(Other Input = GND)
I
IN
Input Current
V
IN = +10V, Other Input =
GND
+1.1
+1.5
mA
(Under Test)
V
IN = −10V, Other Input =
GND
−2.0
−2.5
mA
V
OH
Minimum High Level
V
CC = Min., V(DIFF) = +1V
3.8
4.2
V
Output Voltage
I
OUT = −6.0 mA
V
OL
Maximum Low Level
V
CC = Max., V(DIFF) = −1V
0.2
0.3
V
Output Voltage
I
OUT = 6.0 mA
V
IH
Minimum Enable High
2.0
V
Input Level Voltage
V
IL
Maximum Enable Low
0.8
V
Input Level Voltage
I
OZ
Maximum TRI-STATE
V
OUT = V CC or GND,
Output Leakage Current
TRI-STATE Control = V
IL
±0.5
±5.0
µA
I
I
Maximum Enable Input
V
IN = V CC or GND
±1.0
µA
Current
I
CC
Quiescent Power
V
CC = Max., V(DIFF) = +1V
16
23
mA
Supply Current
V
HYST
Input Hysteresis
V
CM = 0V
60
mV
AC Electrical Characteristics (Note 3)
V
CC = 5V ±10% (unless otherwise specified) (Figures 1, 2, 3)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
t
PLH,
Propagation Delay
C
L = 50 pF
t
PHL
Input to Output
V
DIFF = 2.5V
19
30
ns
V
CM = 0V
t
RISE,
Output Rise and
C
L = 50 pF
t
FALL
Fall Times
V
DIFF = 2.5V
4
9
ns
V
CM = 0V
t
PLZ,
Propagation Delay
C
L = 50 pF
t
PHZ
ENABLE to Output
R
L = 1000Ω
13
18
ns
V
DIFF = 2.5V
www.national.com
2


Similar Part No. - DS34C86TN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS34C86T TI-DS34C86T Datasheet
839Kb / 13P
[Old version datasheet]   DS34C86T Quad CMOS Differential Line Receiver
logo
ARTSCHIP ELECTRONICS CO...
DS34C86T ARTSCHIP-DS34C86T Datasheet
215Kb / 6P
   Quad CMOS Differential Line Receiver
logo
Texas Instruments
DS34C86TM TI-DS34C86TM Datasheet
839Kb / 13P
[Old version datasheet]   DS34C86T Quad CMOS Differential Line Receiver
DS34C86TM/NOPB TI-DS34C86TM/NOPB Datasheet
839Kb / 13P
[Old version datasheet]   DS34C86T Quad CMOS Differential Line Receiver
DS34C86TMX TI-DS34C86TMX Datasheet
839Kb / 13P
[Old version datasheet]   DS34C86T Quad CMOS Differential Line Receiver
More results

Similar Description - DS34C86TN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90C032 TI1-DS90C032_16 Datasheet
864Kb / 18P
[Old version datasheet]   Quad CMOS Differential Line Receiver
logo
ARTSCHIP ELECTRONICS CO...
DS34C86T ARTSCHIP-DS34C86T Datasheet
215Kb / 6P
   Quad CMOS Differential Line Receiver
logo
National Semiconductor ...
MNDS90C032-X-RH NSC-MNDS90C032-X-RH Datasheet
281Kb / 10P
   LVDS Quad CMOS Differential Line Receiver
logo
Texas Instruments
DS34C86TMX TI-DS34C86TMX Datasheet
839Kb / 13P
[Old version datasheet]   DS34C86T Quad CMOS Differential Line Receiver
DS90C032QML TI1-DS90C032QML_13 Datasheet
722Kb / 19P
[Old version datasheet]   LVDS Quad CMOS Differential Line Receiver
DS90C032B TI1-DS90C032B Datasheet
1Mb / 16P
[Old version datasheet]   LVDS Quad CMOS Differential Line Receiver
logo
National Semiconductor ...
DS90C032 NSC-DS90C032_07 Datasheet
352Kb / 12P
   LVDS Quad CMOS Differential Line Receiver
DS90C032B NSC-DS90C032B_03 Datasheet
193Kb / 9P
   LVDS Quad CMOS Differential Line Receiver
DS90C032 NSC-DS90C032 Datasheet
231Kb / 12P
   LVDS Quad CMOS Differential Line Receiver
DS90C032B NSC-DS90C032B Datasheet
160Kb / 9P
   LVDS Quad CMOS Differential Line Receiver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com