Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP3872ES-1.8 Datasheet(PDF) 9 Page - Texas Instruments

Part # LP3872ES-1.8
Description  1.5-A Fast Ultra-Low-Dropout Linear Regulators
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3872ES-1.8 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LP3872ES-1.8 Datasheet HTML 5Page - Texas Instruments LP3872ES-1.8 Datasheet HTML 6Page - Texas Instruments LP3872ES-1.8 Datasheet HTML 7Page - Texas Instruments LP3872ES-1.8 Datasheet HTML 8Page - Texas Instruments LP3872ES-1.8 Datasheet HTML 9Page - Texas Instruments LP3872ES-1.8 Datasheet HTML 10Page - Texas Instruments LP3872ES-1.8 Datasheet HTML 11Page - Texas Instruments LP3872ES-1.8 Datasheet HTML 12Page - Texas Instruments LP3872ES-1.8 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
LP3872, LP3875
www.ti.com
SNVS227H – FEBRUARY 2003 – REVISED JANUARY 2015
Feature Description (continued)
7.3.2 Load Voltage Sense
In applications where the regulator output is not very close to the load, LP3875 can provide better remote load
regulation using the SENSE pin. Figure 10 depicts the advantage of the SENSE option. LP3872 regulates the
voltage at the OUT pin. Hence, the voltage at the remote load will be the regulator output voltage minus the drop
across the trace resistance. For example, in the case of a 3.3-V output, if the trace resistance is 100 m
Ω, the
voltage at the remote load will be 3.15 V with 1.5 A of load current, ILOAD. The LP3875 regulates the voltage at
the sense pin. Connecting the sense pin to the remote load will provide regulation at the remote load, as shown
in Figure 10. If the sense option pin is not required, the SENSE pin must be connected to the OUT pin.
Figure 10. Improving Remote Load Regulation Using LP3875
7.3.3 Short-Circuit Protection
The LP3872 and LP3875 devices are short-circuit protected and in the event of a peak overcurrent condition, the
short-circuit control loop will rapidly drive the output PMOS pass element off. Once the power pass element shuts
down, the control loop will rapidly cycle the output on and off until the average power dissipation causes the
thermal shutdown circuit to respond to servo the on/off cycling to a lower frequency.
7.3.4 Low Dropout Voltage
The LP387x devices feature an ultra-low-dropout voltage, typically 38 mV at 150-mA load current and 380 mV at
1.5-A load current.
7.4 Device Functional Modes
7.4.1 Shutdown Mode
A CMOS Logic low level signal at the shutdown (SD) pin will turn off the regulator. The SD pin must be actively
terminated through a 10-k
Ω pullup resistor for a proper operation. If this pin is driven from a source that actively
pulls high and low (such as a CMOS rail to rail comparator), the pullup resistor is not required. This pin must be
tied to VIN if not used.
7.4.2 Active Mode
When voltage at SD pin of the LP387x device is at logic high level, the device is in normal mode of operation.
7.4.3 ERROR Flag Operation
The LP3872 and LP3875 produces a logic low signal at the ERROR Flag pin when the output drops out of
regulation due to low input voltage, current limiting, or thermal limiting. This flag has a built-in hysteresis. The
timing diagram in Figure 11 shows the relationship between the ERROR flag and the output voltage. In this
example, the input voltage is changed to demonstrate the functionality of the ERROR Flag.
Copyright © 2003–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LP3872 LP3875


Similar Part No. - LP3872ES-1.8

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3872ES-1.8 NSC-LP3872ES-1.8 Datasheet
742Kb / 18P
   1.5A Fast Ultra Low Dropout Linear Regulators
logo
Texas Instruments
LP3872ES-1.8 TI1-LP3872ES-1.8 Datasheet
2Mb / 25P
[Old version datasheet]   LP3872/LP3875 1.5A Fast Ultra Low Dropout Linear Regulators
LP3872ES-1.8/NOPB TI1-LP3872ES-1.8/NOPB Datasheet
2Mb / 25P
[Old version datasheet]   LP3872/LP3875 1.5A Fast Ultra Low Dropout Linear Regulators
More results

Similar Description - LP3872ES-1.8

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3852 TI-LP3852_15 Datasheet
2Mb / 32P
[Old version datasheet]   1.5-A Fast Response Ultra-Low Dropout Linear Regulators
LP3872 TI-LP3872_15 Datasheet
2Mb / 28P
[Old version datasheet]   LP387x 1.5-A Fast Ultra-Low-Dropout Linear Regulators
LP3871 TI-LP3871_15 Datasheet
1Mb / 26P
[Old version datasheet]   LP387x 0.8-A Fast Ultra-Low-Dropout Linear Regulators
logo
National Semiconductor ...
LP3871 NSC-LP3871 Datasheet
311Kb / 14P
   0.8A Fast Ultra Low Dropout Linear Regulators
LP3963 NSC-LP3963_03 Datasheet
388Kb / 17P
   3A Fast Ultra Low Dropout Linear Regulators
LP3961 NSC-LP3961 Datasheet
376Kb / 20P
   800mA Fast Ultra Low Dropout Linear Regulators
logo
Texas Instruments
LP3873 TI-LP3873_15 Datasheet
2Mb / 24P
[Old version datasheet]   3A Fast Ultra Low Dropout Linear Regulators
LP3875-ADJ TI-LP3875-ADJ_15 Datasheet
1Mb / 20P
[Old version datasheet]   1.5A Fast Ultra Low Dropout Linear Regulators
logo
National Semiconductor ...
LP3872 NSC-LP3872 Datasheet
742Kb / 18P
   1.5A Fast Ultra Low Dropout Linear Regulators
LP3962EP NSC-LP3962EP Datasheet
897Kb / 20P
   1.5A Fast Ultra Low Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com