Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP3872ES-1.8 Datasheet(PDF) 7 Page - Texas Instruments

Part # LP3872ES-1.8
Description  1.5-A Fast Ultra-Low-Dropout Linear Regulators
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3872ES-1.8 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LP3872ES-1.8 Datasheet HTML 3Page - Texas Instruments LP3872ES-1.8 Datasheet HTML 4Page - Texas Instruments LP3872ES-1.8 Datasheet HTML 5Page - Texas Instruments LP3872ES-1.8 Datasheet HTML 6Page - Texas Instruments LP3872ES-1.8 Datasheet HTML 7Page - Texas Instruments LP3872ES-1.8 Datasheet HTML 8Page - Texas Instruments LP3872ES-1.8 Datasheet HTML 9Page - Texas Instruments LP3872ES-1.8 Datasheet HTML 10Page - Texas Instruments LP3872ES-1.8 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
FREQUENCY (Hz)
0.000
0.500
1.000
1.500
2.000
2.500
3.000
100
1k
10k
100k
IL = 100mA
CIN = COUT = 102F
-40
-20
0
20
40
60
80
100
125
JUNCTION TEMPERATURE (
oC)
0
0.5
1
1.5
2
2.5
3
-40
-20
0
20
40
60
80
100
125
JUNCTION TEMPERATURE (
oC)
0
0.5
1
1.5
2
2.5
3
LP3872, LP3875
www.ti.com
SNVS227H – FEBRUARY 2003 – REVISED JANUARY 2015
Typical Characteristics (continued)
Unless otherwise specified: TJ = 25°C, COUT = 10 µF, CIN = 10 µF, SD pin is tied to VIN, VOUT = 2.5 V, VIN = VO(NOM) + 1 V, IL =
10 mA
Figure 5. DC Load Reg. vs Junction Temperature
Figure 6. DC Line Regulation vs Temperature
Figure 7. Noise vs Frequency
Copyright © 2003–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LP3872 LP3875


Similar Part No. - LP3872ES-1.8

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3872ES-1.8 NSC-LP3872ES-1.8 Datasheet
742Kb / 18P
   1.5A Fast Ultra Low Dropout Linear Regulators
logo
Texas Instruments
LP3872ES-1.8 TI1-LP3872ES-1.8 Datasheet
2Mb / 25P
[Old version datasheet]   LP3872/LP3875 1.5A Fast Ultra Low Dropout Linear Regulators
LP3872ES-1.8/NOPB TI1-LP3872ES-1.8/NOPB Datasheet
2Mb / 25P
[Old version datasheet]   LP3872/LP3875 1.5A Fast Ultra Low Dropout Linear Regulators
More results

Similar Description - LP3872ES-1.8

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3852 TI-LP3852_15 Datasheet
2Mb / 32P
[Old version datasheet]   1.5-A Fast Response Ultra-Low Dropout Linear Regulators
LP3872 TI-LP3872_15 Datasheet
2Mb / 28P
[Old version datasheet]   LP387x 1.5-A Fast Ultra-Low-Dropout Linear Regulators
LP3871 TI-LP3871_15 Datasheet
1Mb / 26P
[Old version datasheet]   LP387x 0.8-A Fast Ultra-Low-Dropout Linear Regulators
logo
National Semiconductor ...
LP3871 NSC-LP3871 Datasheet
311Kb / 14P
   0.8A Fast Ultra Low Dropout Linear Regulators
LP3963 NSC-LP3963_03 Datasheet
388Kb / 17P
   3A Fast Ultra Low Dropout Linear Regulators
LP3961 NSC-LP3961 Datasheet
376Kb / 20P
   800mA Fast Ultra Low Dropout Linear Regulators
logo
Texas Instruments
LP3873 TI-LP3873_15 Datasheet
2Mb / 24P
[Old version datasheet]   3A Fast Ultra Low Dropout Linear Regulators
LP3875-ADJ TI-LP3875-ADJ_15 Datasheet
1Mb / 20P
[Old version datasheet]   1.5A Fast Ultra Low Dropout Linear Regulators
logo
National Semiconductor ...
LP3872 NSC-LP3872 Datasheet
742Kb / 18P
   1.5A Fast Ultra Low Dropout Linear Regulators
LP3962EP NSC-LP3962EP Datasheet
897Kb / 20P
   1.5A Fast Ultra Low Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com