Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP3470IM5-4.38 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LP3470IM5-4.38
Description  Voltage Supervisor With Programmable Delay
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3470IM5-4.38 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LP3470IM5-4.38 Datasheet HTML 7Page - Texas Instruments LP3470IM5-4.38 Datasheet HTML 8Page - Texas Instruments LP3470IM5-4.38 Datasheet HTML 9Page - Texas Instruments LP3470IM5-4.38 Datasheet HTML 10Page - Texas Instruments LP3470IM5-4.38 Datasheet HTML 11Page - Texas Instruments LP3470IM5-4.38 Datasheet HTML 12Page - Texas Instruments LP3470IM5-4.38 Datasheet HTML 13Page - Texas Instruments LP3470IM5-4.38 Datasheet HTML 14Page - Texas Instruments LP3470IM5-4.38 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
11
LP3470
www.ti.com
SNVS003G – JUNE 1999 – REVISED APRIL 2016
Product Folder Links: LP3470
Submit Documentation Feedback
Copyright © 1999–2016, Texas Instruments Incorporated
8.2.2 Detailed Design Procedure
The minimum application circuit requires the LP3470 Power-On Reset Circuit IC and a pullup resistor connecting
the reset pin to VCC. The reset delay can be programmed with an additional capacitor connected from the SRT
pin to GND. See Reset Time-Out Period and Pullup Resistor Selection for information on choosing specific
values for components.
8.2.3 Application Curves
Two capacitor values for CD (0.1 µF and 1 µF) are used as examples to show the programmability of the output
time delay as shown in Figure 11 and Figure 12.
Figure 11. 0.1-µF Capacitor Programmed Delay
Figure 12. 1-µF Capacitor Programmed Delay


Similar Part No. - LP3470IM5-4.38

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3470IM5-4.38 NSC-LP3470IM5-4.38 Datasheet
568Kb / 8P
   Tiny Power On Reset Circuit
More results

Similar Description - LP3470IM5-4.38

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X80130 INTERSIL-X80130 Datasheet
336Kb / 18P
   Voltage Supervisor/Sequencer Triple Programmable Time Delay with Local/Remote Voltage Monitors
logo
Renesas Technology Corp
X80120 RENESAS-X80120 Datasheet
715Kb / 17P
   Voltage Supervisor/Sequencer Dual Programmable Time Delay with Local/Remote Voltage Monitors
January 20, 2005
X80130 RENESAS-X80130 Datasheet
748Kb / 18P
   Voltage Supervisor/Sequencer Triple Programmable Time Delay with Local/Remote Voltage Monitors
January 20, 2005
logo
Intersil Corporation
X80120 INTERSIL-X80120 Datasheet
318Kb / 17P
   Voltage Supervisor/Sequencer Dual Programmable Time Delay with Local/Remote Voltage Monitors
X80140 INTERSIL-X80140 Datasheet
341Kb / 18P
   Voltage Supervisor/Sequencer Quad Programmable Time Delay with Local/Remote Voltage Monitors
logo
Renesas Technology Corp
X80140 RENESAS-X80140 Datasheet
748Kb / 18P
   Voltage Supervisor/Sequencer Quad Programmable Time Delay with Local/Remote Voltage Monitors
January 20, 2005
logo
Texas Instruments
TPS3840 TI1-TPS3840 Datasheet
857Kb / 31P
[Old version datasheet]   Nano Power, High Input Voltage Supervisor With MR and Programmable Delay
TPS3760 TI-TPS3760_V01 Datasheet
1Mb / 40P
[Old version datasheet]   TPS3760 High Voltage Supervisor with Programmable Sense and Reset Delay Function
MARCH 2022
TPS3840 TI1-TPS3840_V01 Datasheet
1Mb / 38P
[Old version datasheet]   Nano Power, High Input Voltage Supervisor With MR and Programmable Delay
TPS3840-Q1 TI1-TPS3840-Q1 Datasheet
987Kb / 34P
[Old version datasheet]   Nano Power, High Input Voltage Supervisor With MR and Programmable Delay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com