Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS7353PWR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # THS7353PWR
Description  3-Channel Low Power Video Buffer with I2C Control, Selectable Filters, External Gain Control, 2:1 Input MUX, and Selectable Input Modes
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS7353PWR Datasheet(HTML) 4 Page - Texas Instruments

  THS7353PWR Datasheet HTML 1Page - Texas Instruments THS7353PWR Datasheet HTML 2Page - Texas Instruments THS7353PWR Datasheet HTML 3Page - Texas Instruments THS7353PWR Datasheet HTML 4Page - Texas Instruments THS7353PWR Datasheet HTML 5Page - Texas Instruments THS7353PWR Datasheet HTML 6Page - Texas Instruments THS7353PWR Datasheet HTML 7Page - Texas Instruments THS7353PWR Datasheet HTML 8Page - Texas Instruments THS7353PWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 57 page
background image
THS7353
SLOS484B – NOVEMBER 2005 – REVISED AUGUST 2012
www.ti.com
ELECTRICAL CHARACTERISTICS, VS+ = 3.3 V (continued)
RL = 150 Ω to GND, Filter Select = 9 MHz, Input Bias = dc, Gain Adjust pin shorted to the output pin (unless otherwise
noted).
TYP
OVERTEMPERATURE
PARAMETER
TEST CONDITIONS
–40°C to
25°C
25°C
0°C to 70°C
UNITS
MIN/MAX
85°C
Filter Select = 9 MHz: at 5.1 MHz
75
dB
Filter Select = 16 MHz: at 11 MHz
74
dB
MUX Isolation
Filter Select = 35 MHz: at 27 MHz
74
dB
Filter Select = Bypass: at 60 MHz
75
dB
Output impedance
f = 10 MHz
0.8
DC PERFORMANCE
Output offset voltage
Bias = dc
20
70
80
85
mV
Max
Average offset voltage drift
Bias = dc
20
μV/°C
Bias = dc + 250 mV, VI = 0 V
255
210/300
200/310
190/320
mV
Min/Max
Bias output voltage
Bias = ac
1.05
0.9/1.2
0.85/1.25
0.85/1.25
V
Min/Max
Sync tip clamp voltage
Bias = ac STC, clamp voltage
250
190/310
180/320
175/325
mV
Min/Max
Input bias current
Bias = dc - implies Ib out of the pin
–0.6
–4
–5
–5
μA
Max
Average bias current drift
Bias = dc
10
nA/°C
Bias = ac STC, low bias
1.6
0.6/3.3
0.5/3.5
0.4/3.6
μA
Min/Max
Sync tip clamp bias current
Bias = ac STC, mid bias
5.8
4.3/8.2
4.1/8.4
4/8.5
μA
Min/Max
Bias = ac STC, high bias
7.4
6.2/10.8
6/11
5.9/11.1
μA
Min/Max
INPUT CHARACTERISTICS
Input voltage range
Bias = dc - ensured by output
0/2.1
0/1.8
0/1.7
0/1.6
V
Min/Max
Bias = ac bias mode
21
k
Input resistance
Bias = dc, dc + 250 mV, ac STC
3
M
Input capacitance
2
pF
OUTPUT CHARACTERISTICS
RL = 150 Ω to Midrail
2.1
V
High output voltage swing
RL = 150 Ω to GND
2.1
1.8
1.7
1.6
V
Min
(limited by input voltage with
RL = 75 Ω to Midrail
2.1
V
gain = 0 dB)
RL = 75 Ω to GND
2.1
V
RL = 150 Ω to Midrail
0.14
0.24
0.27
0.28
V
Max
RL = 150 Ω to GND
0.09
0.17
0.2
0.21
V
Max
Low output voltage swing
RL = 75 Ω to Midrail
0.24
0.33
0.36
0.37
V
Max
RL = 75 Ω to GND
0.09
0.17
0.2
0.21
V
Max
RL = 10 Ω to GND, sourcing
70
mA
Output current
RL = 10 Ω to Midrail, sinking
70
45
42
40
mA
Min
4
Copyright © 2005–2012, Texas Instruments Incorporated


Similar Part No. - THS7353PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS7353PWR TI-THS7353PWR Datasheet
6Mb / 51P
[Old version datasheet]   3-Channel Low Power Video Buffer with I2C Control, Selectable Filters, External Gain Control, 2:1 Input MUX, and Selectable Input Modes
More results

Similar Description - THS7353PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS7353 TI-THS7353 Datasheet
6Mb / 51P
[Old version datasheet]   3-Channel Low Power Video Buffer with I2C Control, Selectable Filters, External Gain Control, 2:1 Input MUX, and Selectable Input Modes
THS7327 TI-THS7327 Datasheet
395Kb / 26P
[Old version datasheet]   3-Channel RGBHV Video Buffer with I2C Control, Selectable Filters, Monitor Pass-Thru,2:1 Input MUX, and Selectable Input Bias Modes
THS7303 TI-THS7303 Datasheet
5Mb / 43P
[Old version datasheet]   3-Channel Low Power Video Amplifier with I2C Control, Selectable Filters, 6-dB Gain, SAG Correction, 2:1 Input MUX, and Selectable Input Bias Modes
THS7347 TI1-THS7347_15 Datasheet
1Mb / 33P
[Old version datasheet]   3-Channel RGBHV Video Buffer with I2C Control, 2:1 Input Mux, Monitor Pass-Through, and Selectable Input Bias Modes
THS7347 TI-THS7347 Datasheet
481Kb / 28P
[Old version datasheet]   3-Channel RGBHV Video Buffer with I2C??Control, 2:1 Input Mux, Monitor Pass-Through, and Selectable Input Bias Modes
THS7313 TI-THS7313 Datasheet
5Mb / 48P
[Old version datasheet]   3-Channel Low Power SDTV Video Amplifier with I2C Control, 6-dB Gain, SAG Correction, 2:1 Input MUX, and Selectable Input Bias Modes
TPA0222 TI-TPA0222 Datasheet
522Kb / 33P
[Old version datasheet]   STEREO 2-W AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS AND MUX CONTROL
TPA0212 TI-TPA0212 Datasheet
475Kb / 33P
[Old version datasheet]   STEREO 2-W AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS AND MUX CONTROL
logo
Unisonic Technologies
PA3212 UTC-PA3212_09 Datasheet
485Kb / 9P
   2.6W STEREO AUDIO AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS AND MUX CONTROL
logo
BCD Semiconductor Manuf...
AA4006 BCDSEMI-AA4006 Datasheet
433Kb / 2P
   2.7W stereo audio power Amplifier with 4 Selectable Gain Setups and Input Mux
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com