Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP2980IM5-3.0 Datasheet(PDF) 10 Page - Texas Instruments

Part # LP2980IM5-3.0
Description  Micropower 50-mA Ultra Low-Dropout Regulator in SOT-23 Package
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP2980IM5-3.0 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LP2980IM5-3.0 Datasheet HTML 6Page - Texas Instruments LP2980IM5-3.0 Datasheet HTML 7Page - Texas Instruments LP2980IM5-3.0 Datasheet HTML 8Page - Texas Instruments LP2980IM5-3.0 Datasheet HTML 9Page - Texas Instruments LP2980IM5-3.0 Datasheet HTML 10Page - Texas Instruments LP2980IM5-3.0 Datasheet HTML 11Page - Texas Instruments LP2980IM5-3.0 Datasheet HTML 12Page - Texas Instruments LP2980IM5-3.0 Datasheet HTML 13Page - Texas Instruments LP2980IM5-3.0 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
LP2980-N
SNOS733O – APRIL 2000 – REVISED JUNE 2015
www.ti.com
Typical Characteristics (continued)
Unless otherwise specified: TA = 25°C, VIN = VO(NOM) + 1 V, COUT = 2.2 μF, all voltage options, ON/OFF pin tied to VIN.
Figure 25. Ripple Rejection
Figure 26. Input to Output Leakage vs Temperature
Figure 28. Turn-On Waveform
Figure 27. Output Reverse Leakage vs Temperature
Figure 29. Turn-Off Waveform
Figure 30. ON/OFF Pin Current vs VON/OFF
10
Submit Documentation Feedback
Copyright © 2000–2015, Texas Instruments Incorporated
Product Folder Links: LP2980-N


Similar Part No. - LP2980IM5-3.0

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2980IM5-3.0 NSC-LP2980IM5-3.0 Datasheet
423Kb / 18P
   Micropower 50 mA Ultra Low-Dropout Regulator
logo
Texas Instruments
LP2980IM5-3.0 TI1-LP2980IM5-3.0 Datasheet
433Kb / 18P
[Old version datasheet]   Micropower 50 mA Ultra Low-Dropout Regulator In SOT-23 Package
LP2980IM5-3.0 TI1-LP2980IM5-3.0 Datasheet
1Mb / 24P
[Old version datasheet]   Micropower 50 mA Ultra Low-Dropout Regulator In SOT-23 Package
LP2980IM5-3.0 TI-LP2980IM5-3.0 Datasheet
1Mb / 24P
[Old version datasheet]   LP2980-N Micropower 50 mA Ultra Low-Dropout Regulator In SOT-23 Package
LP2980IM5-3.0 TI-LP2980IM5-3.0 Datasheet
1Mb / 24P
[Old version datasheet]   LP2980-N Micropower 50 mA Ultra Low-Dropout Regulator In SOT-23 Package
More results

Similar Description - LP2980IM5-3.0

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2980-N TI1-LP2980-N Datasheet
1Mb / 24P
[Old version datasheet]   Micropower 50 mA Ultra Low-Dropout Regulator In SOT-23 Package
LP2980 TI1-LP2980 Datasheet
433Kb / 18P
[Old version datasheet]   Micropower 50 mA Ultra Low-Dropout Regulator In SOT-23 Package
LP2982 TI-LP2982_15 Datasheet
1Mb / 21P
[Old version datasheet]   LP2982 Micropower 50 mA Ultra Low-Dropout Regulator in SOT-23 Package
LP2980-N_15 TI-LP2980-N_15_15 Datasheet
1Mb / 30P
[Old version datasheet]   LP2980-N Micropower 50-mA Ultra Low-Dropout Regulator in SOT-23 Package
LP2980IM5-3.3 TI-LP2980IM5-3.3 Datasheet
1Mb / 24P
[Old version datasheet]   LP2980-N Micropower 50 mA Ultra Low-Dropout Regulator In SOT-23 Package
LP2980AIM5-3.3 TI-LP2980AIM5-3.3 Datasheet
1Mb / 24P
[Old version datasheet]   LP2980-N Micropower 50 mA Ultra Low-Dropout Regulator In SOT-23 Package
LP2981AIM5X-2.5 TI1-LP2981AIM5X-2.5 Datasheet
423Kb / 18P
[Old version datasheet]   Micropower 100 mA Ultra Low-Dropout Regulator in SOT-23 Package
LP2980AIM5-5.0 TI-LP2980AIM5-5.0 Datasheet
1Mb / 24P
[Old version datasheet]   LP2980-N Micropower 50 mA Ultra Low-Dropout Regulator In SOT-23 Package
LP2981-N TI1-LP2981-N Datasheet
1Mb / 24P
[Old version datasheet]   Micropower 100 mA Ultra Low-Dropout Regulator in SOT-23 Package
LP2981AIM5-33 TI1-LP2981AIM5-33 Datasheet
1Mb / 24P
[Old version datasheet]   LP2981-N Micropower 100 mA Ultra Low-Dropout Regulator in SOT-23 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com