Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WM8761EDR Datasheet(PDF) 11 Page - Wolfson Microelectronics plc

Part # WM8761EDR
Description  24BIT 192KHZ STEREO DAC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8761EDR Datasheet(HTML) 11 Page - Wolfson Microelectronics plc

Back Button WM8761EDR Datasheet HTML 7Page - Wolfson Microelectronics plc WM8761EDR Datasheet HTML 8Page - Wolfson Microelectronics plc WM8761EDR Datasheet HTML 9Page - Wolfson Microelectronics plc WM8761EDR Datasheet HTML 10Page - Wolfson Microelectronics plc WM8761EDR Datasheet HTML 11Page - Wolfson Microelectronics plc WM8761EDR Datasheet HTML 12Page - Wolfson Microelectronics plc WM8761EDR Datasheet HTML 13Page - Wolfson Microelectronics plc WM8761EDR Datasheet HTML 14Page - Wolfson Microelectronics plc WM8761EDR Datasheet HTML 15Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
WM8761
Production Data
w
PD Rev 4.0 May 2004
11
LEFT CHANNEL
RIGHT CHANNEL
LRCIN
BCKIN
DIN
1/fs
n
3
2
1
n-2 n-1
LSB
MSB
n
3
2
1
n-2 n-1
LSB
MSB
1 BCKIN
1 BCKIN
Figure 3 I
2S Mode Timing Diagram
RIGHT JUSTIFIED MODE
The WM8761 supports word lengths of 24-bits in right justified mode.
In right justified mode, the digital audio interface receives data on the DIN input. Audio Data is
time multiplexed with LRCIN indicating whether the left or right channel is present. LRCIN is also
used as a timing reference to indicate the beginning or end of the data words.
In right justified mode, the minimum number of BCKINs per LRCIN period is 2 times the selected
word length. LRCIN must be high for a minimum of word length BCKINs and low for a minimum of
word length BCKINs. Any mark to space ratio on LRCIN is acceptable provided the above
requirements are met.
In right justified mode, the LSB is sampled on the rising edge of BCKIN preceding a LRCIN
transition. LRCIN is high during the left samples and low during the right samples.
LEFT CHANNEL
RIGHT CHANNEL
LRCIN
BCKIN
DIN
1/fs
24
3
2
1
22
23
LSB
MSB
24
3
2
1
22
23
LSB
MSB
Figure 4 Right Justified Mode Timing Diagram
DSP MODE
A DSP compatible, time division multiplexed format is also supported by the WM8761. This
format is of the type where a ‘synch’ pulse is followed by two data words (left and right) of
predetermined word length. (16-bits). The ‘synch’ pulse replaces the normal duration LRCIN, and
DSP mode is auto-detected by the shorter than normal duration of the LRCIN. If LRCIN is of 4
BCKIN or less duration, the DSP compatible format is selected. Early and Late clock formats are
supported, selected by the state of the FORMAT pin.


Similar Part No. - WM8761EDR

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
WM8761 CIRRUS-WM8761 Datasheet
173Kb / 23P
   24-bit 192kHz Stereo DAC
logo
Wolfson Microelectronic...
WM8761CGED WOLFSON-WM8761CGED Datasheet
173Kb / 23P
   24-bit 192kHz Stereo DAC
WM8761CGED/R WOLFSON-WM8761CGED/R Datasheet
173Kb / 23P
   24-bit 192kHz Stereo DAC
WM8761 WOLFSON-WM8761_11 Datasheet
173Kb / 23P
   24-bit 192kHz Stereo DAC
More results

Similar Description - WM8761EDR

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4387-SB AKM-AKD4387-SB Datasheet
282Kb / 26P
   192kHz sampling 24Bit DAC
AKD4395-SBW AKM-AKD4395-SBW Datasheet
282Kb / 30P
   192kHz sampling 24Bit ?誇 DAC
AKD4384-SC AKM-AKD4384-SC Datasheet
450Kb / 32P
   192kHz sampling 24Bit ?誇 DAC
AKD4388-SB AKM-AKD4388-SB Datasheet
443Kb / 26P
   192kHz sampling 24Bit ?誇 DAC
AKD4341-SB AKM-AKD4341-SB Datasheet
419Kb / 23P
   192kHz sampling 24Bit ?誇 DAC
AKD4394 AKM-AKD4394_07 Datasheet
531Kb / 32P
   192kHz sampling 24Bit ?誇 DAC.
AKD4396-SBW AKM-AKD4396-SBW Datasheet
297Kb / 30P
   192kHz sampling 24Bit ?誇 DAC
AKD4340-SB AKM-AKD4340-SB Datasheet
340Kb / 31P
   192kHz sampling 24Bit ?誇 DAC
AKD4382A-SB AKM-AKD4382A-SB Datasheet
482Kb / 31P
   192kHz sampling 24Bit ?誇 DAC
AKD4385-SC AKM-AKD4385-SC Datasheet
320Kb / 31P
   192kHz sampling 24Bit ?誇 DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com