Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP2982 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LP2982
Description  Micropower Ultra-Low-Dropout LDO in SOT-23 Package
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP2982 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LP2982 Datasheet HTML 7Page - Texas Instruments LP2982 Datasheet HTML 8Page - Texas Instruments LP2982 Datasheet HTML 9Page - Texas Instruments LP2982 Datasheet HTML 10Page - Texas Instruments LP2982 Datasheet HTML 11Page - Texas Instruments LP2982 Datasheet HTML 12Page - Texas Instruments LP2982 Datasheet HTML 13Page - Texas Instruments LP2982 Datasheet HTML 14Page - Texas Instruments LP2982 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
11
LP2982
www.ti.com
SNVS128K – MARCH 2000 – REVISED JUNE 2016
Product Folder Links: LP2982
Submit Documentation Feedback
Copyright © 2000–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
Unless otherwise specified: TA = 25°C, VIN = VO(NOM) + 1 V, COUT = 4.7 μF, CIN = 1 μF, all voltage options, ON/OFF pin tied to
VIN.
Figure 25. ON/OFF Pin Current VsvON/OFF
Figure 26. ON/OFF Threshold vs Temperature
Figure 27. Input-to-Output Leakage vs Temperature
Figure 28. Output Reverse Leakage vs Temperature
Figure 29. Output Noise Density
Figure 30. Output Noise Density


Similar Part No. - LP2982

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2982 NSC-LP2982 Datasheet
411Kb / 17P
   Micropower 50 mA Ultra Low-Dropout Regulator
LP2982AIBP-2.8 NSC-LP2982AIBP-2.8 Datasheet
411Kb / 17P
   Micropower 50 mA Ultra Low-Dropout Regulator
LP2982AIBP-3.0 NSC-LP2982AIBP-3.0 Datasheet
411Kb / 17P
   Micropower 50 mA Ultra Low-Dropout Regulator
LP2982AIBPX-2.8 NSC-LP2982AIBPX-2.8 Datasheet
411Kb / 17P
   Micropower 50 mA Ultra Low-Dropout Regulator
LP2982AIBPX-3.0 NSC-LP2982AIBPX-3.0 Datasheet
411Kb / 17P
   Micropower 50 mA Ultra Low-Dropout Regulator
More results

Similar Description - LP2982

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2980-N TI1-LP2980-N_16 Datasheet
1Mb / 30P
[Old version datasheet]   Micropower 50-mA Ultra Low-Dropout Regulator in SOT-23 Package
LP2981AIM5X-2.5 TI1-LP2981AIM5X-2.5 Datasheet
423Kb / 18P
[Old version datasheet]   Micropower 100 mA Ultra Low-Dropout Regulator in SOT-23 Package
LP2980-N TI1-LP2980-N Datasheet
1Mb / 24P
[Old version datasheet]   Micropower 50 mA Ultra Low-Dropout Regulator In SOT-23 Package
LP2980 TI1-LP2980 Datasheet
433Kb / 18P
[Old version datasheet]   Micropower 50 mA Ultra Low-Dropout Regulator In SOT-23 Package
LP2981-N TI1-LP2981-N Datasheet
1Mb / 24P
[Old version datasheet]   Micropower 100 mA Ultra Low-Dropout Regulator in SOT-23 Package
LP2982 TI-LP2982_15 Datasheet
1Mb / 21P
[Old version datasheet]   LP2982 Micropower 50 mA Ultra Low-Dropout Regulator in SOT-23 Package
LP2981AIM5-33 TI1-LP2981AIM5-33 Datasheet
1Mb / 24P
[Old version datasheet]   LP2981-N Micropower 100 mA Ultra Low-Dropout Regulator in SOT-23 Package
LP2981IM5-3.3 TI-LP2981IM5-3.3 Datasheet
1Mb / 24P
[Old version datasheet]   LP2981-N Micropower 100 mA Ultra Low-Dropout Regulator in SOT-23 Package
LP2981-N_15 TI-LP2981-N_15_15 Datasheet
1Mb / 29P
[Old version datasheet]   LP2981-N Micropower 100-mA Ultra-Low Dropout Regulator in SOT-23 Package
LP2980-N_15 TI-LP2980-N_15_15 Datasheet
1Mb / 30P
[Old version datasheet]   LP2980-N Micropower 50-mA Ultra Low-Dropout Regulator in SOT-23 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com