Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS7002CPWPR Datasheet(PDF) 10 Page - Texas Instruments

Part # THS7002CPWPR
Description  70-MHz PROGRAMMABLE-GAIN AMPLIFIERS
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS7002CPWPR Datasheet(HTML) 10 Page - Texas Instruments

Back Button THS7002CPWPR Datasheet HTML 6Page - Texas Instruments THS7002CPWPR Datasheet HTML 7Page - Texas Instruments THS7002CPWPR Datasheet HTML 8Page - Texas Instruments THS7002CPWPR Datasheet HTML 9Page - Texas Instruments THS7002CPWPR Datasheet HTML 10Page - Texas Instruments THS7002CPWPR Datasheet HTML 11Page - Texas Instruments THS7002CPWPR Datasheet HTML 12Page - Texas Instruments THS7002CPWPR Datasheet HTML 13Page - Texas Instruments THS7002CPWPR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
THS7001, THS7002
70MHz PROGRAMMABLEGAIN AMPLIFIERS
SLOS214C − OCTOBER 1998 − REVISED MARCH 2007
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 12
PREAMP OPEN LOOP GAIN AND
PHASE RESPONSE
vs
FREQUENCY
100
80
60
40
20
0
100
1k
10k
100k
1M
10M
100M
1G
VCC = ±15 V and ±5 V
RL = 250 Ω
f − Frequency − Hz
Gain
Phase
0
−20
45
_
0
_
−45
_
−90
_
−135
_
−180
_
−225
_
Figure 13
PREAMP INPUT REFERRED VOLTAGE NOISE
AND CURRENT NOISE
vs
FREQUENCY
20
10
10
100
1k
f − Frequency − Hz
1
10k
0.1
100k
VCC = ±15 V and ±5 V
TA = 25 _C
IN
VN
Figure 14
f − Frequency − Hz
100k
1M
10M
100M
8
7
6
5
4
3
2
1
0
−1
500M
PREAMP OUTPUT AMPLITUDE
vs
FREQUENCY
VCC = ±5 V
G = 2
RL = 150 Ω
VO(PP) = 0.4 V
RF = 100 Ω
RF = 499 Ω
RF = 1 kΩ
Figure 15
f − Frequency − Hz
100k
1M
10M
100M
VCC = ±15 V
G = 2
RL = 150 Ω
VO(PP) = 0.4 V
RF = 100 Ω
RF = 499 Ω
RF = 1 kΩ
8
7
6
5
4
3
2
1
0
−1
500M
PREAMP OUTPUT AMPLITUDE
vs
FREQUENCY
Figure 16
f − Frequency − Hz
100k
1M
10M
100M
2
1
0
−1
−2
−3
−4
−5
−6
−7
500M
PREAMP OUTPUT AMPLITUDE
vs
FREQUENCY
VCC = ±5 V
G = −1
RL = 150 Ω
VO(PP) = 0.4 V
RF = 1 kΩ
RF = 499 Ω
RF = 100 Ω
Figure 17
f − Frequency − Hz
100k
1M
10M
100M
2
1
0
−1
−2
−3
−4
−5
−6
−7
500M
PREAMP OUTPUT AMPLITUDE
vs
FREQUENCY
VCC = ±15 V
G = −1
RL = 150 Ω
VO(PP) = 0.4 V
RF = 1 kΩ
RF = 499 Ω
RF = 100 Ω
Figure 18
f − Frequency − Hz
100k
1M
10M
100M
16
14
12
10
8
6
4
2
0
−1
500M
PREAMP OUTPUT AMPLITUDE
vs
FREQUENCY
VCC = ±5 V
G = 5
RL = 150 Ω
VO(PP) = 0.4 V
RF = 499 Ω
RF = 5.1 kΩ
Figure 19
f − Frequency − Hz
100k
1M
10M
100M
16
14
12
10
8
6
4
2
0
−1
500M
PREAMP OUTPUT AMPLITUDE
vs
FREQUENCY
VCC = ±15 V
G = 5
RL = 150 Ω
VO(PP) = 0.4 V
RF = 499 Ω
RF = 5.1 kΩ


Similar Part No. - THS7002CPWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS7002CPWP TI-THS7002CPWP Datasheet
597Kb / 32P
[Old version datasheet]   70-MHz PROGRAMMABLE-GAIN AMPLIFIERS
More results

Similar Description - THS7002CPWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS7001 TI-THS7001 Datasheet
597Kb / 32P
[Old version datasheet]   70-MHz PROGRAMMABLE-GAIN AMPLIFIERS
logo
Analog Devices
ADRF6510 AD-ADRF6510 Datasheet
563Kb / 28P
   30 MHz Dual Programmable Filters and Variable Gain Amplifiers
REV. 0
ADRF6518 AD-ADRF6518 Datasheet
1Mb / 36P
   63 MHz Dual Programmable Filters and Variable Gain Amplifiers
Rev. PrA
logo
Texas Instruments
THS4051 TI-THS4051 Datasheet
487Kb / 30P
[Old version datasheet]   70-MHz HIGH-SPEED AMPLIFIERS
THS4051 TI1-THS4051_18 Datasheet
1Mb / 38P
[Old version datasheet]   70-MHz HIGH-SPEED AMPLIFIERS
logo
National Semiconductor ...
THS4051 NSC-THS4051 Datasheet
883Kb / 36P
   70 MHz High Speed AMPLIFIERS
logo
Analog Devices
ADRF6510 AD-ADRF6510_17 Datasheet
1Mb / 32P
   Dual Programmable Filters Variable Gain Amplifiers
logo
M/A-COM Technology Solu...
MAALSS0034 MA-COM-MAALSS0034 Datasheet
152Kb / 5P
   Miniature Broadband Gain Stage 70 - 3000 MHz
logo
Tyco Electronics
MAALSS0034 MACOM-MAALSS0034 Datasheet
195Kb / 5P
   Miniature Broadband Gain Stage 70 - 3000 MHz
MAALSS0038 MACOM-MAALSS0038 Datasheet
264Kb / 6P
   Miniature Broadband Gain Stage 70 - 3000 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com