Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP2953QML Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LP2953QML
Description  Adjustable Micropower Low-Dropout Voltage Regulators
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP2953QML Datasheet(HTML) 5 Page - Texas Instruments

  LP2953QML Datasheet HTML 1Page - Texas Instruments LP2953QML Datasheet HTML 2Page - Texas Instruments LP2953QML Datasheet HTML 3Page - Texas Instruments LP2953QML Datasheet HTML 4Page - Texas Instruments LP2953QML Datasheet HTML 5Page - Texas Instruments LP2953QML Datasheet HTML 6Page - Texas Instruments LP2953QML Datasheet HTML 7Page - Texas Instruments LP2953QML Datasheet HTML 8Page - Texas Instruments LP2953QML Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
LP2953QML, LP2953QML-SP
www.ti.com
SNVS395C – NOVEMBER 2010 – REVISED APRIL 2013
Quality Conformance Inspection
Table 1. Mil-Std-883, Method 5005 - Group A
Subgroup
Description
Temp (°C)
1
Static tests at
+25
2
Static tests at
+125
3
Static tests at
-55
4
Dynamic tests at
+25
5
Dynamic tests at
+125
6
Dynamic tests at
-55
7
Functional tests at
+25
8A
Functional tests at
+125
8B
Functional tests at
-55
9
Switching tests at
+25
10
Switching tests at
+125
11
Switching tests at
-55
12
Settling time at
+25
13
Settling time at
+125
14
Settling time at
-55
LP2953A Electrical Characteristics DC Parameters
The following conditions apply, unless otherwise specified.
VI = 6V, IL = 1mA, CL = 2.2µF, VO = 5V
Feedback pin is tied to 5V Tap pin. Output pin is tied to Output Sense Pin.
Sub-
Parameter
Test Conditions
Notes
Min
Max
Units
groups
4.975
5.025
V
1
VO
Output Voltage
4.94
5.06
V
2, 3
1mA
≤ IL ≤ 250mA
4.93
5.07
V
1, 2, 3
ΔVO / VO
Output Voltage Line
VI = 6V to 30V
0.1
%
1
Regulation
0.2
%
2, 3
0.16
%
1
IL = 1mA to 250mA
0.2
%
2, 3
Output Voltage Load
ΔVO / VO
Regulation
0.16
%
1
IL = 0.1mA to 1mA
0.2
%
2, 3
100
mV
1
IL = 1mA
See(1)
150
mV
2, 3
300
mV
1
IL = 50mA
See(1)
420
mV
2, 3
VI - VO
Dropout Voltage
400
mV
1
IL = 100mA
See(1)
520
mV
2, 3
600
mV
1
IL = 250mA
See(1)
800
mV
2, 3
(1)
Dropout voltage is defined as the input to output differential at which the output voltage drops 100 mV below the value measured with a
1V differential. At very low values of programmed output voltage, the input voltage minimum of 2V (2.3V over temperature) must be
observed.
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LP2953QML LP2953QML-SP


Similar Part No. - LP2953QML

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2953QML TI1-LP2953QML Datasheet
439Kb / 24P
[Old version datasheet]   Adjustable Micropower Low-Dropout Voltage Regulators
LP2953QML-SP TI-LP2953QML-SP_15 Datasheet
718Kb / 26P
[Old version datasheet]   LP2953QML Adjustable Micropower Low-Dropout Voltage Regulators
More results

Similar Description - LP2953QML

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2952 NSC-LP2952 Datasheet
1Mb / 22P
   Adjustable Micropower Low-Dropout Voltage Regulators
logo
Texas Instruments
LP2953QML TI1-LP2953QML Datasheet
439Kb / 24P
[Old version datasheet]   Adjustable Micropower Low-Dropout Voltage Regulators
LP2952 TI1-LP2952 Datasheet
1Mb / 24P
[Old version datasheet]   Adjustable Micropower Low-Dropout Voltage Regulators
LP2952A TI-LP2952A_15 Datasheet
2Mb / 41P
[Old version datasheet]   LP295x Adjustable Micropower Low-Dropout Voltage Regulators
LP2952-N TI1-LP2952-N Datasheet
2Mb / 41P
[Old version datasheet]   LP295x Adjustable Micropower Low-Dropout Voltage Regulators
LP2952-N TI-LP2952-N_15 Datasheet
2Mb / 41P
[Old version datasheet]   LP295x Adjustable Micropower Low-Dropout Voltage Regulators
LP2953QML-SP TI-LP2953QML-SP_15 Datasheet
718Kb / 26P
[Old version datasheet]   LP2953QML Adjustable Micropower Low-Dropout Voltage Regulators
LP2953 TI-LP2953_15 Datasheet
2Mb / 41P
[Old version datasheet]   LP295x Adjustable Micropower Low-Dropout Voltage Regulators
logo
National Semiconductor ...
LP2954 NSC-LP2954 Datasheet
336Kb / 13P
   5V and Adjustable Micropower Low-Dropout Voltage Regulators
LP2960 NSC-LP2960 Datasheet
452Kb / 17P
   Adjustable Micropower 0.5A Low-Dropout Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com