Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS7001CPWP Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # THS7001CPWP
Description  70-MHz PROGRAMMABLE-GAIN AMPLIFIERS
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS7001CPWP Datasheet(HTML) 5 Page - Texas Instruments

  THS7001CPWP Datasheet HTML 1Page - Texas Instruments THS7001CPWP Datasheet HTML 2Page - Texas Instruments THS7001CPWP Datasheet HTML 3Page - Texas Instruments THS7001CPWP Datasheet HTML 4Page - Texas Instruments THS7001CPWP Datasheet HTML 5Page - Texas Instruments THS7001CPWP Datasheet HTML 6Page - Texas Instruments THS7001CPWP Datasheet HTML 7Page - Texas Instruments THS7001CPWP Datasheet HTML 8Page - Texas Instruments THS7001CPWP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
THS7001, THS7002
70MHz PROGRAMMABLEGAIN AMPLIFIERS
SLOS214C − OCTOBER 1998 − REVISED MARCH 2007
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
preamp electrical characteristics, G = 2, TA = 25°C, RL = 150 Ω, (unless otherwise noted)
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
VCC
Supply voltage operating range
Split supply
±4.5
±16.5
V
RL = 1 kΩ
VCC = ±5 V
±3.6
±3.8
VOM
Maximum output voltage swing
RL = 1 kΩ
VCC = ±15 V
±13
±13.6
V
VOM
Maximum output voltage swing
RL = 150 Ω
VCC = ±5 V
±3.5
±3.7
V
RL = 250 Ω
VCC = ±15 V
±11
±12.6
VIO
Input offset voltage
VCC = ±5 V or ±15 V
TA = 25°C
1
5
mV
VIO
Input offset voltage
VCC = ±5 V or ±15 V
TA = full range
7
mV
Input offset voltage drift
10
µV/°C
VICR
Common-mode input voltage range
VCC = ±5 V
±3.8
±4.2
V
VICR
Common-mode input voltage range
VCC = ±15 V
±13.8
±14
V
IO
Output current (see Note 3)
RL = 20 Ω
VCC = ±5 V
40
70
mA
IO
Output current (see Note 3)
RL = 20 Ω
VCC = ±15 V
60
95
mA
IOC
Short-circuit output current (see Note 3)
VCC = ±15 V
120
mA
IIB
Input bias current
VCC = ±5 V or ±15 V
TA = 25°C
2.5
6
A
IIB
Input bias current
VCC = ±5 V or ±15 V
TA = full range
8
µA
IIO
Input offset current
VCC = ±5 V or ±15 V
TA = 25°C
30
175
nA
IIO
Input offset current
VCC = ±5 V or ±15 V
TA = full range
400
nA
Input offset current drift
0.3
nA/
°C
VCC = ±5 V,
TA = 25°C
80
89
CMRR
Common-mode rejection ratio
VCC = ±5 V,
VIC = ±2.5 V
TA = full range
78
dB
CMRR
Common-mode rejection ratio
VCC = ±15 V,
TA = 25°C
80
88
dB
VCC = ±15 V,
VIC = ±12 V
TA = full range
78
PSRR
Power supply rejection ratio
VCC = ±5 V or ±15 V
TA = 25°C
85
100
dB
PSRR
Power supply rejection ratio
VCC = ±5 V or ±15 V
TA = full range
80
dB
RI
Input resistance
1
M
CI
Input capacitance
1.5
pF
RO
Output resistance
Open loop
13
VCC = ±5 V
TA = 25°C
5.5
7
ICC
Quiescent current (per channel)
VCC = ±5 V
TA = full range
8
mA
ICC
Quiescent current (per channel)
VCC = ±15 V
TA = 25°C
7
8
mA
VCC = ±15 V
TA = full range
9
† Full range for the THS7001/02C is 0°C to 70°C. Full range for the THS7001/022I is −40°C to 85°C.
NOTE 3: A heatsink may be required to keep the junction temperature below absolute maximum when an output is heavily loaded or shorted.
(See absolute maximum ratings and thermal information section.)


Similar Part No. - THS7001CPWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS7001CPWP TI-THS7001CPWP Datasheet
597Kb / 32P
[Old version datasheet]   70-MHz PROGRAMMABLE-GAIN AMPLIFIERS
More results

Similar Description - THS7001CPWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS7001 TI-THS7001 Datasheet
597Kb / 32P
[Old version datasheet]   70-MHz PROGRAMMABLE-GAIN AMPLIFIERS
logo
Analog Devices
ADRF6510 AD-ADRF6510 Datasheet
563Kb / 28P
   30 MHz Dual Programmable Filters and Variable Gain Amplifiers
REV. 0
ADRF6518 AD-ADRF6518 Datasheet
1Mb / 36P
   63 MHz Dual Programmable Filters and Variable Gain Amplifiers
Rev. PrA
logo
Texas Instruments
THS4051 TI-THS4051 Datasheet
487Kb / 30P
[Old version datasheet]   70-MHz HIGH-SPEED AMPLIFIERS
THS4051 TI1-THS4051_18 Datasheet
1Mb / 38P
[Old version datasheet]   70-MHz HIGH-SPEED AMPLIFIERS
logo
National Semiconductor ...
THS4051 NSC-THS4051 Datasheet
883Kb / 36P
   70 MHz High Speed AMPLIFIERS
logo
Analog Devices
ADRF6510 AD-ADRF6510_17 Datasheet
1Mb / 32P
   Dual Programmable Filters Variable Gain Amplifiers
logo
M/A-COM Technology Solu...
MAALSS0034 MA-COM-MAALSS0034 Datasheet
152Kb / 5P
   Miniature Broadband Gain Stage 70 - 3000 MHz
logo
Tyco Electronics
MAALSS0034 MACOM-MAALSS0034 Datasheet
195Kb / 5P
   Miniature Broadband Gain Stage 70 - 3000 MHz
MAALSS0038 MACOM-MAALSS0038 Datasheet
264Kb / 6P
   Miniature Broadband Gain Stage 70 - 3000 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com