Electronic Components Datasheet Search |
|
DSC1001CL5 Datasheet(PDF) 1 Page - Micrel Semiconductor |
|
DSC1001CL5 Datasheet(HTML) 1 Page - Micrel Semiconductor |
1 / 7 page Page 1 DSC1001 1.8~3.3V Low-Power Precision CMOS Oscillator MK-Q-B-P-D-050610-01-9 General Description The DSC1001 is a silicon MEMS based CMOS oscillator offering excellent jitter and stability performance over a wide range of supply voltages and temperatures. The device operates from 1 to 150MHz with supply voltages between 1.8 to 3.3 Volts and temperature ranges up to -40ºC to 105ºC. The DSC1001 incorporates an all silicon resonator that is extremely robust and nearly immune to stress related fractures, common to crystal based oscillators. Without sacrificing the performance and stability required of today’s systems, a crystal-less design allows for a higher level of reliability, making the DSC1001 ideal for rugged, industrial, and portable applications where stress, shock, and vibration can damage quartz crystal based systems. Available in industry standard packages, the DSC1001 can be “dropped-in” to the same PCB footprint as standard crystal oscillators. Block Diagram Standby# PFD VCO Frac-N PLL Resonator Output V DD GND (pin1) Standby# PFD VCO Frac-N PFD VCO Frac-N PLL Resonator Output V DD GND (pin1) Features Frequency Range: 1 to 150MHz Exceptional Stability over Temperature o ±10 PPM, ±25 PPM, ±50 PPM Operating voltage o 1.7 to 3.6V Operating Temperature Range o Ext. Industrial -40ºC to 105ºC o Industrial -40ºC to 85ºC o Ext. Commercial -20ºC to 70ºC o Commercial 0ºC to 70ºC Low Operating and Standby Current o 5mA Operating (40MHz) o 15uA Standby Ultra Miniature Footprint o 2.5 x 2.0 x 0.85 mm o 3.2 x 2.5 x 0.85 mm o 5.0 x 3.2 x 0.85 mm o 7.0 x 5.0 x 0.85 mm MIL-STD 883 Shock and Vibration Resistant Pb Free, RoHS, Reach SVHC Compliant AEC-Q100 Reliability Qualified Benefits Pin for pin “drop in” replacement for industry standard oscillators Semiconductor level reliability, significantly higher than quartz Short mass production lead-times Longer Battery Life / Reduced Power Compact Plastic package Cost Effective Applications Mobile Applications Consumer Electronics Portable Electronics DVR, CCTV, Surveillance Cameras Low Profile Applications Industrial Applications |
Similar Part No. - DSC1001CL5 |
|
Similar Description - DSC1001CL5 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |