Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS6184PWPR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # THS6184PWPR
Description  DUAL-PORT, LOW-POWER DIFFERENTIAL xDSL LINE DRIVER AMPLIFIERS
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS6184PWPR Datasheet(HTML) 7 Page - Texas Instruments

Back Button THS6184PWPR Datasheet HTML 3Page - Texas Instruments THS6184PWPR Datasheet HTML 4Page - Texas Instruments THS6184PWPR Datasheet HTML 5Page - Texas Instruments THS6184PWPR Datasheet HTML 6Page - Texas Instruments THS6184PWPR Datasheet HTML 7Page - Texas Instruments THS6184PWPR Datasheet HTML 8Page - Texas Instruments THS6184PWPR Datasheet HTML 9Page - Texas Instruments THS6184PWPR Datasheet HTML 10Page - Texas Instruments THS6184PWPR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
THS6184
www.ti.com ................................................................................................................................................. SLLS635D – AUGUST 2005 – REVISED JANUARY 2009
ELECTRICAL CHARACTERISTICS (continued)
At VS = ±5 V: RF = 3 kΩ, RL = 50 Ω, G = 5, Radj = 0, full bias (unless otherwise noted). Each amplifier independently tested
TYP
OVER TEMPERATURE
PARAMETER
CONDITIONS
0°C to
–40°C
MIN/
25°C
25°C
UNITS
70°C
to 85°C
MAX
D1 to D2, D3 to D4
–35
dB
Typ
f = 1 MHz,
Crosstalk
VO = 2 VPP
D1 to D3, D2 to D4
–70
dB
Typ
POWER SUPPLY
Maximum operating voltage
±16
±16
±16
V
Max
Minimum operating voltage
±4
±4
±4
V
Min
Per amplifier, Full (Bias-1 = 0, Bias-2 = 0)
3.9
4.4
4.5
4.6
mA
Max
Per amplifier, Mid (Bias-1 = 1, Bias-2 = 0)
2.9
Maximum Is+ quiescent current
Per amplifier, Low (Bias-1 = 0, Bias-2 = 1)
2
mA
Typ
Per amplifier, Off (Bias-1 = 1, Bias-2 = 1)
0.2
Minimum Is+ quiescent current
Per amplifier, Full (Bias-1 = 0, Bias-2 = 0)
3.9
3.2
3
3
mA
Min
Per amplifier, Full (Bias-1 = 0, Bias-2 = 0)
3.7
4.2
4.3
4.4
mA
Max
Per amplifier, Mid (Bias-1 = 1, Bias-2 = 0)
2.7
Maximum ls– quiescent current
Per amplifier, Low (Bias-1 = 0, Bias-2 = 1)
1.8
mA
Typ
Per amplifier, Off (Bias-1 = 1, Bias-2 = 1)
0.01
Minimum Is- quiescent current
Per amplifier, Full Bias
3.7
3.1
2.9
2.9
mA
Min
Current through GND pin
Per amplifier, Full (Bias-1 = 0, Bias-2 = 0)
0.2
mA
Typ
Power supply rejection (+PSRR)
VS+ = 6 V to 4 V, VS– = –5 V
76
70
68
67
dB
Min
Power supply rejection (–PSRR)
VS+ = 5 V, VS– = –6 V to –4 V
70
64
62
61
dB
Min
LOGIC CHARACTERISTICS
Logic 1, with respect to GND pin(1)
≥2.6
V
Typ
Bias control pin logic threshold
Logic 0, with respect to GND pin(1)
≤0.8
V
Typ
Bias-X = 0.5 V (Logic 0)
1
10
15
15
Bias pin quiescent current
µA
Max
Bias-X = 3.3 V (Logic 1)
10
20
30
30
Turn on time delay(t(ON))
1
Time for IS to reach 50% of final value
µs
Typ
Turn off time delay (t(Off))
1
Bias pin input impedance
50
k
Typ
Amplifier output impedance
Off (Bias-1 = 1, bias-2 = 1)
10||5
k
Ω||pF
Typ
(1)
GND pin useable range is from VS– to (VS+ – 2.5 V).
Table 2. LOGIC TABLE(1)
BIAS-1
BIAS-2
FUNCTION
DESCRIPTION
0
0
Full Bias Mode
Amplifiers ON with lowest distortion possible (default state)
1
0
Mid Bias Mode
Amplifiers ON with power savings with a reduction in distortion performance
0
1
Low Bias Mode
Amplifiers ON with enhanced power savings and a reduction of performance
1
1
Shutdown Mode
Amplifiers OFF and output has high impedance
(1)
Logic pins should not be left floating and should be held by external circuitry to a logic-1 or a logic-0.
Copyright © 2005–2009, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): THS6184


Similar Part No. - THS6184PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS6184 TI-THS6184 Datasheet
86Kb / 4P
[Old version datasheet]   DUAL-PORT, LOW-POWER DIFFERENTIAL xDSL LINE DRIVER AMPLIFIERS
THS6184RHFR TI-THS6184RHFR Datasheet
86Kb / 4P
[Old version datasheet]   DUAL-PORT, LOW-POWER DIFFERENTIAL xDSL LINE DRIVER AMPLIFIERS
THS6184RHFRG4 TI-THS6184RHFRG4 Datasheet
86Kb / 4P
[Old version datasheet]   DUAL-PORT, LOW-POWER DIFFERENTIAL xDSL LINE DRIVER AMPLIFIERS
THS6184RHFT TI-THS6184RHFT Datasheet
86Kb / 4P
[Old version datasheet]   DUAL-PORT, LOW-POWER DIFFERENTIAL xDSL LINE DRIVER AMPLIFIERS
THS6184RHFTG4 TI-THS6184RHFTG4 Datasheet
86Kb / 4P
[Old version datasheet]   DUAL-PORT, LOW-POWER DIFFERENTIAL xDSL LINE DRIVER AMPLIFIERS
More results

Similar Description - THS6184PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS6184 TI-THS6184 Datasheet
86Kb / 4P
[Old version datasheet]   DUAL-PORT, LOW-POWER DIFFERENTIAL xDSL LINE DRIVER AMPLIFIERS
THS6204 TI1-THS6204 Datasheet
1Mb / 43P
[Old version datasheet]   Dual-Port, Differential VDSL2 Line Driver Amplifiers
logo
Intersil Corporation
ISL1557IRZ INTERSIL-ISL1557IRZ Datasheet
110Kb / 2P
   xDSL Differential Line Driver
February 26, 2008
logo
Renesas Technology Corp
ISL1557 RENESAS-ISL1557 Datasheet
868Kb / 12P
   xDSL Differential Line Driver
logo
Intersil Corporation
ISL1556 INTERSIL-ISL1556 Datasheet
31Kb / 2P
   xDSL Differential Line Driver
EL1517B INTERSIL-EL1517B Datasheet
31Kb / 2P
   xDSL Differential Line Driver
ISL1558 INTERSIL-ISL1558 Datasheet
31Kb / 2P
   xDSL Differential Line Driver
ISL1557 INTERSIL-ISL1557_08 Datasheet
31Kb / 2P
   xDSL Differential Line Driver
logo
Texas Instruments
THS6214 TI-THS6214 Datasheet
1Mb / 41P
[Old version datasheet]   Dual-Port, Differential, VDSL2 Line Driver Amplifiers
THS6204 TI-THS6204 Datasheet
1Mb / 43P
[Old version datasheet]   Dual-Port, Differential VDSL2 Line Driver Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com