Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSC1101DL5 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # DSC1101DL5
Description  Low-Jitter Precision CMOS Oscillator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

DSC1101DL5 Datasheet(HTML) 4 Page - Micrel Semiconductor

  DSC1101DL5 Datasheet HTML 1Page - Micrel Semiconductor DSC1101DL5 Datasheet HTML 2Page - Micrel Semiconductor DSC1101DL5 Datasheet HTML 3Page - Micrel Semiconductor DSC1101DL5 Datasheet HTML 4Page - Micrel Semiconductor DSC1101DL5 Datasheet HTML 5Page - Micrel Semiconductor DSC1101DL5 Datasheet HTML 6Page - Micrel Semiconductor DSC1101DL5 Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
______________________________________________________________________________________________________________________________________________
DSC1101 | DSC1121
Page 4
MK-Q-B-P-D-110410-01-6
DSC1101
Low-Jitter Precision CMOS Oscillator
DSC1121
Test Circuit
Board Layout (recommended)
Solder Reflow Profile
0.1uF
VDD
15pF
IDD
VDA
4
1
2
3
MSL 1 @ 260°C refer to JSTD-020C
Ramp-Up Rate (200°C to Peak Temp)
3°C/Sec Max.
Preheat Time 150°C to 200°C
60-180 Sec
Time maintained above 217°C
60-150 Sec
Peak Temperature
255-260°C
Time within 5°C of actual Peak
20-40 Sec
Ramp-Down Rate
6°C/Sec Max.
Time 25°C to Peak Temperature
8 min Max.
60-150
Sec
20-40
Sec
60-180
Sec
8 min max
Pre heat
Reflow
Cool
Time
200°C
217°C
150°C
25°C
260°C
60-150
Sec
20-40
Sec
60-180
Sec
8 min max
Pre heat
Reflow
Cool
Time
200°C
217°C
150°C
25°C
260°C
60-150
Sec
20-40
Sec
60-180
Sec
8 min max
Pre heat
Reflow
Cool
Time
200°C
217°C
150°C
25°C
260°C
2
3
4
5
6
1


Similar Part No. - DSC1101DL5

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DSC1101DL5-T MICROCHIP-DSC1101DL5-T Datasheet
408Kb / 30P
   Low-Jitter Precision CMOS Oscillator
2017
More results

Similar Description - DSC1101DL5

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DSC1101 MICROCHIP-DSC1101 Datasheet
408Kb / 30P
   Low-Jitter Precision CMOS Oscillator
2017
logo
Micrel Semiconductor
DSC8101 MICREL-DSC8101 Datasheet
682Kb / 6P
   Programmable Low-Jitter Precision CMOS Oscillator
logo
Microchip Technology
DSC1105 MICROCHIP-DSC1105 Datasheet
472Kb / 28P
   Low EMI, Low-Jitter Precision CMOS Oscillator
10/25/17
DSA1101 MICROCHIP-DSA1101 Datasheet
513Kb / 24P
   Low-Jitter Precision CMOS Oscillator for Automotive
10/25/17
logo
Golledge Electronics Lt...
MCSO2F GOLLEDGE-MCSO2F_16 Datasheet
141Kb / 1P
   CMOS Oscillator Low Jitter
MCSOF GOLLEDGE-MCSOF_16 Datasheet
147Kb / 1P
   CMOS Oscillator Low Jitter
MCSO1F GOLLEDGE-MCSO1F_16 Datasheet
143Kb / 1P
   CMOS Oscillator Low Jitter
logo
EUROQUARTZ limited
EMEM1103 EUROQUARTZ-EMEM1103 Datasheet
431Kb / 4P
   Low Jitter Precision LVDS Oscillator
logo
Microchip Technology
DSC1102 MICROCHIP-DSC1102 Datasheet
1Mb / 28P
   Low-Jitter Precision LVPECL Oscillator
05/14/19
logo
EUROQUARTZ limited
EMEM1102 EUROQUARTZ-EMEM1102 Datasheet
428Kb / 4P
   Low Jitter Precision LVPECL Oscillator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com