Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS6184PWP Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # THS6184PWP
Description  DUAL-PORT, LOW-POWER DIFFERENTIAL xDSL LINE DRIVER AMPLIFIERS
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS6184PWP Datasheet(HTML) 9 Page - Texas Instruments

Back Button THS6184PWP Datasheet HTML 5Page - Texas Instruments THS6184PWP Datasheet HTML 6Page - Texas Instruments THS6184PWP Datasheet HTML 7Page - Texas Instruments THS6184PWP Datasheet HTML 8Page - Texas Instruments THS6184PWP Datasheet HTML 9Page - Texas Instruments THS6184PWP Datasheet HTML 10Page - Texas Instruments THS6184PWP Datasheet HTML 11Page - Texas Instruments THS6184PWP Datasheet HTML 12Page - Texas Instruments THS6184PWP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
TYPICAL CHARACTERISTICS
THS6184
www.ti.com ................................................................................................................................................. SLLS635D – AUGUST 2005 – REVISED JANUARY 2009
Table 3. Table of Graphs: ±12-V Operation
GRAPH TITLE
CONDITIONS
FIGURE
Small Signal Single-Ended Frequency
G = 10, RL = 50 Ω, VO = 200 mVPP
4
Response
G = 10, RL = 100 Ω, VO = 200 mVPP
5
Large Signal Single-Ended Output Response,
G = 10, RL = 50 Ω
6
vs Frequency
Full Bias
G = 5, RL = 50 Ω
7
Small Signal Differential Frequency Response
G = 5, RL = 50 Ω, VO = 200 mVPP
8
G = 10, RL = 100 Ω
9
Large Signal Differential Output Response, Full
vs Frequency
Bias
G = 5, RL = 100 Ω
10
G = 5, RL = 100 Ω, VO = 2VPP, RF = 3 kΩ,
11
RG = 1.5kΩ
G = 5, RL = 50 Ω, VO = 2VPP, RF = 3 kΩ,
12
RG = 1.5 kΩ
G = 10, RL = 100 Ω, VO = 2VPP, RF = 3 kΩ,
13
RG = 665Ω
Differential Harmonic Distortion
vs Frequency
G = 10, RL = 50 Ω, VO = 2 VPP, RF = 3 kΩ,
14
RG = 665Ω
G = 10, RL = 100 Ω, VO = 2 VPP, RF = 5 kΩ,
15
RG = 1.1 kΩ
G = 10, RL = 50 Ω, VO = 2 VPP, RF = 5 kΩ,
16
RG = 1.1 kΩ
Single-Ended 2nd-Order Harmonic Distortion
G = 5, RL = 50 Ω, VO = 2 VPP
17
vs Frequency
Single-Ended 3rd-Order Harmonic Distortion
18
Single-Ended 2nd-Order Harmonic Distortion
G = 10, RL = 50 Ω, VO = 2 VPP
19
vs Frequency
Single-Ended 3rd-Order Harmonic Distortion
20
Differential Crosstalk—Gain = 10 V/V
G = 10, RF = 4 kΩ, RG = 884 Ω, VS = ±12 V
21
Single-Ended Crosstalk—Gain = 10 V/V
G = 10, RF = 4 kΩ, RG = 442 Ω, VS = ±12 V
22
Single-Ended Crosstalk—Gain = 1 V/V
G = 1, RF = 4 kΩ, VS = ±12 V
23
Transimpedance Gain and Phase
vs Frequency
RL = 100 Ω
24
Input Referred Noise
vs Frequency
25
Small Signal Single-Ended Transient Response
vs Time
G = 5, RL = 100 Ω, VO = 200 mVPP
27
Large Signal Single-Ended Transient Response
vs Time
G = 5, RL = 100 Ω, VO = 5 VPP
27
Overdrive Recovery
vs Time
G = 5, RL = 100 Ω
28
Single-Ended Transition Rate
vs Output Voltage
G = 5, RL = 100 Ω
29
Differential Transition Rate
vs Output Voltage
G = 5, RL = 100 Ω
30
Positive Output Voltage Headroom
vs Temperature
RL = 100 Ω
31
Negative Output Voltage Headroom
vs Temperature
RL = 100 Ω
32
vs Supply Voltage
33
vs Free-Air Temperature
34
Input Offset Voltage
vs Input Common-Mode
35
Range
Input Bias Current
vs Supply Voltage
36
Single-Ended Rejection Ratios
vs Frequency
G = 2, RL = 50 Ω
37
Differential Rejection Ratio
vs Frequency
G = 10, RL = 100 Ω
38
Output Impedance
vs Frequency
G = 10
39
G = 5
40
Copyright © 2005–2009, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): THS6184


Similar Part No. - THS6184PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS6184 TI-THS6184 Datasheet
86Kb / 4P
[Old version datasheet]   DUAL-PORT, LOW-POWER DIFFERENTIAL xDSL LINE DRIVER AMPLIFIERS
THS6184RHFR TI-THS6184RHFR Datasheet
86Kb / 4P
[Old version datasheet]   DUAL-PORT, LOW-POWER DIFFERENTIAL xDSL LINE DRIVER AMPLIFIERS
THS6184RHFRG4 TI-THS6184RHFRG4 Datasheet
86Kb / 4P
[Old version datasheet]   DUAL-PORT, LOW-POWER DIFFERENTIAL xDSL LINE DRIVER AMPLIFIERS
THS6184RHFT TI-THS6184RHFT Datasheet
86Kb / 4P
[Old version datasheet]   DUAL-PORT, LOW-POWER DIFFERENTIAL xDSL LINE DRIVER AMPLIFIERS
THS6184RHFTG4 TI-THS6184RHFTG4 Datasheet
86Kb / 4P
[Old version datasheet]   DUAL-PORT, LOW-POWER DIFFERENTIAL xDSL LINE DRIVER AMPLIFIERS
More results

Similar Description - THS6184PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS6184 TI-THS6184 Datasheet
86Kb / 4P
[Old version datasheet]   DUAL-PORT, LOW-POWER DIFFERENTIAL xDSL LINE DRIVER AMPLIFIERS
THS6204 TI1-THS6204 Datasheet
1Mb / 43P
[Old version datasheet]   Dual-Port, Differential VDSL2 Line Driver Amplifiers
logo
Intersil Corporation
ISL1557IRZ INTERSIL-ISL1557IRZ Datasheet
110Kb / 2P
   xDSL Differential Line Driver
February 26, 2008
logo
Renesas Technology Corp
ISL1557 RENESAS-ISL1557 Datasheet
868Kb / 12P
   xDSL Differential Line Driver
logo
Intersil Corporation
ISL1556 INTERSIL-ISL1556 Datasheet
31Kb / 2P
   xDSL Differential Line Driver
EL1517B INTERSIL-EL1517B Datasheet
31Kb / 2P
   xDSL Differential Line Driver
ISL1558 INTERSIL-ISL1558 Datasheet
31Kb / 2P
   xDSL Differential Line Driver
ISL1557 INTERSIL-ISL1557_08 Datasheet
31Kb / 2P
   xDSL Differential Line Driver
logo
Texas Instruments
THS6214 TI-THS6214 Datasheet
1Mb / 41P
[Old version datasheet]   Dual-Port, Differential, VDSL2 Line Driver Amplifiers
THS6204 TI-THS6204 Datasheet
1Mb / 43P
[Old version datasheet]   Dual-Port, Differential VDSL2 Line Driver Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com