Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62208 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62208
Description  HIGH-EFFICIENCY, SOT23 STEP-DOWN, DC-DC CONVERTER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62208 Datasheet(HTML) 2 Page - Texas Instruments

  TPS62208 Datasheet HTML 1Page - Texas Instruments TPS62208 Datasheet HTML 2Page - Texas Instruments TPS62208 Datasheet HTML 3Page - Texas Instruments TPS62208 Datasheet HTML 4Page - Texas Instruments TPS62208 Datasheet HTML 5Page - Texas Instruments TPS62208 Datasheet HTML 6Page - Texas Instruments TPS62208 Datasheet HTML 7Page - Texas Instruments TPS62208 Datasheet HTML 8Page - Texas Instruments TPS62208 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
www.ti.com
3
2
4
5
DBV PACKAGE
(TOP VIEW)
1
VI
GND
EN
SW
FB
TPS62200
,, TPS62201
TPS62202, TPS62203, TPS62207
TPS62204, TPS62205, TPS62208
SLVS417E – MARCH 2002 – REVISED MAY 2006
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be
more susceptible to damage because very small parametric changes could cause the device not to meet its published
specifications.
ORDERING INFORMATION (1)
TA
OUTPUT VOLTAGE
SOT23 PACKAGE
SYMBOL
Adjustable
TPS62200DBV
PHKI
1.2 V
TPS62207DBV
PJGI
1.5 V
TPS62201DBV
PHLI
1.6 V
TPS62204DBV
PHSI
-40°C to 85°C
1.8 V
TPS62202DBV
PHMI
1.875 V
TPS62208DBV
ALW
2.5 V
TPS62205DBV
PHTI
3.3 V
TPS62203DBV
PHNI
(1)
The DBV package is available in tape and reel. Add R suffix (DBVR) to order quantities of 3000 parts.
Add T suffix (DBVT) to order quantities of 250 parts
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
This is the enable pin of the device. Pulling this pin to ground forces the device into shutdown mode. Pulling this
EN
3
I
pin to Vin enables the device. This pin must not be left floating and must be terminated.
This is the feedback pin of the device. Connect this pin directly to the output if the fixed output voltage version is
FB
4
I
used. For the adjustable version an external resistor divider is connected to this pin. The internal voltage divider
is disabled for the adjustable version.
GND
2
Ground
SW
5
I/O
Connect the inductor to this pin. This pin is the switch pin and is connected to the internal MOSFET switches.
VI
1
I
Supply voltage pin
2
Submit Documentation Feedback


Similar Part No. - TPS62208

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62208 TI1-TPS62208 Datasheet
905Kb / 24P
[Old version datasheet]   HIGH-EFFICIENCY, SOT23 STEP-DOWN, DC-DC CONVERTER
TPS62208DBVR TI1-TPS62208DBVR Datasheet
905Kb / 24P
[Old version datasheet]   HIGH-EFFICIENCY, SOT23 STEP-DOWN, DC-DC CONVERTER
TPS62208DBVRG4 TI1-TPS62208DBVRG4 Datasheet
905Kb / 24P
[Old version datasheet]   HIGH-EFFICIENCY, SOT23 STEP-DOWN, DC-DC CONVERTER
TPS62208DBVT TI1-TPS62208DBVT Datasheet
905Kb / 24P
[Old version datasheet]   HIGH-EFFICIENCY, SOT23 STEP-DOWN, DC-DC CONVERTER
TPS62208DBVTG4 TI1-TPS62208DBVTG4 Datasheet
905Kb / 24P
[Old version datasheet]   HIGH-EFFICIENCY, SOT23 STEP-DOWN, DC-DC CONVERTER
More results

Similar Description - TPS62208

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62203-DIE TI1-TPS62203-DIE Datasheet
70Kb / 4P
[Old version datasheet]   HIGH-EFFICIENCY, SOT23 STEP-DOWN, DC-DC CONVERTER
TPS62205 TI-TPS62205 Datasheet
264Kb / 19P
[Old version datasheet]   HIGH-EFFICIENCY, SOT23 STEP-DOWN, DC-DC CONVERTER
TPS62200 TI1-TPS62200_13 Datasheet
905Kb / 24P
[Old version datasheet]   HIGH-EFFICIENCY, SOT23 STEP-DOWN, DC-DC CONVERTER
TPS62200 TI-TPS62200_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPS6220x High-Efficiency, SOT23 Step-Down, DC-DC Converter
logo
Semtech Corporation
SC1578 SEMTECH-SC1578 Datasheet
130Kb / 5P
   HIGH-EFFICIENCY STEP-DOWN DC-DC CONVERTER
logo
Fairchild Semiconductor
FAN5307 FAIRCHILD-FAN5307 Datasheet
623Kb / 13P
   High-Efficiency Step-Down DC-DC Converter
logo
Analog Intergrations Co...
AIC1578 AIC-AIC1578 Datasheet
266Kb / 7P
   High-Efficiency, Step-Down DC/DC Converter
logo
Shindengen Electric Mfg...
MD1422N SHINDENGEN-MD1422N Datasheet
41Kb / 2P
   high-efficiency step down DC-DC converter
logo
Fairchild Semiconductor
FAN5308 FAIRCHILD-FAN5308_07 Datasheet
472Kb / 11P
   800mA High-Efficiency Step-Down DC-DC Converter
FAN2001 FAIRCHILD-FAN2001 Datasheet
329Kb / 11P
   1A High-Efficiency Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com