Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSC1001BI5 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # DSC1001BI5
Description  Low-Power Precision CMOS Oscillator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

DSC1001BI5 Datasheet(HTML) 2 Page - Micrel Semiconductor

  DSC1001BI5 Datasheet HTML 1Page - Micrel Semiconductor DSC1001BI5 Datasheet HTML 2Page - Micrel Semiconductor DSC1001BI5 Datasheet HTML 3Page - Micrel Semiconductor DSC1001BI5 Datasheet HTML 4Page - Micrel Semiconductor DSC1001BI5 Datasheet HTML 5Page - Micrel Semiconductor DSC1001BI5 Datasheet HTML 6Page - Micrel Semiconductor DSC1001BI5 Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Page 2
MK-Q-B-P-D-050610-01-9
DSC1001
1.8~3.3V
Low-Power Precision CMOS Oscillator
Absolute Maximum Ratings1
Item
Min
Max
Unit
Condition
Input Voltage
-0.3
VDD+0.3
V
Junction Temp
-
+150
°C
Storage Temp
-55
+150
°C
Soldering Temp
-
+260
°C
40 sec max.
ESD
HBM
MM
CDM
-
4000
200
1500
V
Ordering Code
Recommended Operating Conditions
Specifications (VDD = 1.8 to 3.3v) TA=850C unless otherwise specified
Parameter
Symbol
Range
Supply Voltage
VDD
1.7 – 3.6V
Output Load
ZL
R>10KΩ, C≤15pF
Operating Temperature
Option 1
Option 2
Option 3
Option 4
T
-40 to +105 °C
-40 to +85 °C
-20 to +70 °C
0 to +70 °C
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Frequency
f0
Single Frequency
1
150
MHz
Frequency Tolerance
Δf
Includes frequency
variations due to initial
tolerance, temperature
and power supply voltage
±10,±25,±50
ppm
Aging
Δf1
First year @25°C
-5
+5
ppm
Δf2
Per year after 1st year
@25°C
-1
+1
ppm
Supply Current, standby
IDD
T=25°C
15
uA
Output Logic Levels
Output logic high
Output logic low
VOH
VOL
-4mA
4mA
0.8*VDD
-
-
0.2*VDD
Volts
Startup Time2
tSU
90% VDD to stable clock
output
1.0
1.5
ms
Output Disable Time
tDA
See Output Waveform for
more detail
20
100
ns
Output Enable Time2
tEN
See Output Waveform for
more detail
1.0
1.5
ms
Output Duty Cycle
SYM
45
55
%
Input Logic Levels
Input logic high
Input logic low
VIH
VIL
0.75*VDD
-
-
0.25* VDD
Volts
DSC1001
032.0000
Family
Output Freq
1.0 to 150MHz
CE1
Package, Temp
& Stability
-
T
Tape/
Reel
* See Ordering Information for details


Similar Part No. - DSC1001BI5

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DSC1001BI5-T MICROCHIP-DSC1001BI5-T Datasheet
597Kb / 24P
   1.8V-3.3V Low-Power Precision CMOS Oscillators
10/25/17
More results

Similar Description - DSC1001BI5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
DSC1004 MICREL-DSC1004 Datasheet
757Kb / 7P
   Low-Power Precision CMOS Oscillator
DSC1003 MICREL-DSC1003 Datasheet
757Kb / 7P
   Low-Power Precision CMOS Oscillator
DSC8001 MICREL-DSC8001 Datasheet
611Kb / 8P
   Programmable Low-Power Precision CMOS Oscillator
DSC8003 MICREL-DSC8003 Datasheet
546Kb / 7P
   Programmable Low-Power Precision CMOS Oscillator
DSC1101 MICREL-DSC1101 Datasheet
697Kb / 7P
   Low-Jitter Precision CMOS Oscillator
logo
Microchip Technology
DSC1101 MICROCHIP-DSC1101 Datasheet
408Kb / 30P
   Low-Jitter Precision CMOS Oscillator
2017
logo
Micrel Semiconductor
DSC8101 MICREL-DSC8101 Datasheet
682Kb / 6P
   Programmable Low-Jitter Precision CMOS Oscillator
logo
Microchip Technology
DSC1105 MICROCHIP-DSC1105 Datasheet
472Kb / 28P
   Low EMI, Low-Jitter Precision CMOS Oscillator
10/25/17
logo
EUROQUARTZ limited
EMEM1001 EUROQUARTZ-EMEM1001 Datasheet
580Kb / 5P
   Low Power Precision CMOS
logo
Microchip Technology
DSA1101 MICROCHIP-DSA1101 Datasheet
513Kb / 24P
   Low-Jitter Precision CMOS Oscillator for Automotive
10/25/17
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com