Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EGP30F Datasheet(PDF) 2 Page - Diode Semiconductor Korea

Part # EGP30F
Description  HIGH EFFICIENCY RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

EGP30F Datasheet(HTML) 2 Page - Diode Semiconductor Korea

  EGP30F Datasheet HTML 1Page - Diode Semiconductor Korea EGP30F Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FIG.2 -- TYPICAL FORWARD CHARACTERISTIC
FIG.3 -- FORWARD DERATING CURVE
z
FIG.4 -- TYPICAL JUNCTION CAPACITANCE
FIG.5 -- PEAK FORWARD SURGE CURRENT
AMBIENT TEMPERATURE,
NUMBER OF CYCLES AT 60Hz
REVERSE VOLTAGE,VOLTS
SET TIME BASE FOR 20/30 ns/cm
NOTES:1.RISE TIME = 7ns MAX.INPUT IMPEDANCE = 1M .22pF.
JJJJJ2.RISE TIME =10ns MAX.SOURCE IMPEDANCE=50
.
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
FIG.1 -- TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTIC
EGP30A(Z)---EGP30K(Z)
TJ=25
Pulse Width=300
µS
0.2
0
0.1
1
10
100
1.4
0.8
0.4 0.6
1
1.2
EGP30A-EGP30D
2
1.6
1.8
EGP30F-EGP30G
0
0.1
1
10
100
EGP30A-EGP30D
EGP30F&EGP30K
1000
     TJ=25
25
50
75
100
125
150
175
4
(+)
PULSE
GENERATOR
(NOTE2)
(-)
D.U.T.
1
NONIN-
DUCTIVE
50
N1.
10
N1.
OSCILLOSCOPE
(NOTE1)
(+)
25VDC
(approx)
(-)
-1 .0 A
-0 .2 5 A
0
+0.5A
t rr
1c m
EGP30J-EGP30K
0
1.0
2.0
3.0
0
25
50
75
100
125
150
Single Phase
Half W ave 60Hz
Resistive or
Inductive Load
0
1
10
100
TJ=125 .
3ms Single Half
Sine-Wave
25
50
75
100
125
150
175
Diode Semiconductor Korea
www.diode.kr


Similar Part No. - EGP30F

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
EGP30F ZOWIE-EGP30F Datasheet
63Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION HIGH EFFICIENT RECTIFIER
logo
Rugao Dachang Electroni...
EGP30F DACHANG-EGP30F Datasheet
121Kb / 2P
   Plastic Ultra-Fast Recover Rectifier Reverse Voltage 50 to 400V Forward Current 3.0A
logo
General Semiconductor
EGP30F GE-EGP30F Datasheet
71Kb / 2P
   GLASS PASSIVATED FAST EFFICIENT RECTIFIER
logo
Shenzhen Luguang Electr...
EGP30F LUGUANG-EGP30F Datasheet
202Kb / 2P
   High Efficiency Rectifiers
logo
Micro Commercial Compon...
EGP30F MCC-EGP30F Datasheet
82Kb / 3P
   3.0 Amp Glass Passivated High Efficient Rectifiers 50 to 800 Volts
More results

Similar Description - EGP30F

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
HER510T LUGUANG-HER510T Datasheet
208Kb / 2P
   High Efficiency Rectifiers
HER1010 LUGUANG-HER1010 Datasheet
209Kb / 2P
   High Efficiency Rectifiers
HER601 LUGUANG-HER601 Datasheet
290Kb / 2P
   High Efficiency Rectifiers
EG01Y LUGUANG-EG01Y Datasheet
174Kb / 2P
   High Efficiency Rectifiers
EGP50A LUGUANG-EGP50A Datasheet
215Kb / 2P
   High Efficiency Rectifiers
logo
Microdiode Electronics ...
1H2 CHENDA-1H2 Datasheet
74Kb / 2P
   HIGH EFFICIENCY RECTIFIERS
logo
Leshan Radio Company
HER103 LRC-HER103_15 Datasheet
201Kb / 7P
   High Efficiency Rectifiers
HER208 LRC-HER208_15 Datasheet
153Kb / 7P
   High Efficiency Rectifiers
HER305 LRC-HER305_15 Datasheet
195Kb / 7P
   High Efficiency Rectifiers
logo
Shenzhen Luguang Electr...
ERB32-01 LUGUANG-ERB32-01 Datasheet
1Mb / 2P
   High Efficiency Rectifiers
logo
Diode Semiconductor Kor...
TVR1B DSK-TVR1B Datasheet
282Kb / 2P
   HIGH EFFICIENCY RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com