Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CL1N3-G Datasheet(PDF) 7 Page - Supertex, Inc

Part # CL1N3-G
Description  Simple 90V 20mA Temperature Compensated Constant Current LED Driver IC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

CL1N3-G Datasheet(HTML) 7 Page - Supertex, Inc

  CL1N3-G Datasheet HTML 1Page - Supertex, Inc CL1N3-G Datasheet HTML 2Page - Supertex, Inc CL1N3-G Datasheet HTML 3Page - Supertex, Inc CL1N3-G Datasheet HTML 4Page - Supertex, Inc CL1N3-G Datasheet HTML 5Page - Supertex, Inc CL1N3-G Datasheet HTML 6Page - Supertex, Inc CL1N3-G Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Supertex inc. does not recommend the use of its products in life support applications, and will not knowingly sell them for use in such applications unless it receives an
adequate “product liability indemnification insurance agreement.”
Supertex inc. does not assume responsibility for use of devices described, and limits its liability to the
replacement of the devices determined defective due to workmanship. No responsibility is assumed for possible omissions and inaccuracies. Circuitry and specifications
are subject to change without notice. For the latest product specifications refer to the
Supertex inc. website: http//www.supertex.com.
©2009
All rights reserved. Unauthorized use or reproduction is prohibited.
1235 Bordeaux Drive, Sunnyvale, CA 94089
Tel: 408-222-8888
www.supertex.com
7
CL1
(The package drawings in this data sheet may not reflect the most current specifications. For the latest package outline
information go to http://www.supertex.com/packaging.html.)
Doc.# DSFP-CL1
C092409
3-Lead TO-243AA (SOT-89) Package Outline (N8)
Symbol
A
b
b1
C
D
D1
E
E1
e
e1
H
L
Dimensions
(mm)
MIN
1.40
0.44
0.36
0.35
4.40
1.62
2.29
2.00
1.50
BSC
3.00
BSC
3.94
0.89
NOM
-
-
-
-
-
-
-
-
-
-
MAX
1.60
0.56
0.48
0.44
4.60
1.83
2.60
2.29
4.25
1.20
JEDEC Registration TO-243, Variation AA, Issue C, July 1986.
† This dimension differs from the JEDEC drawing
Drawings not to scale.
Supertex Doc. #: DSPD-3TO243AAN8, Version E051509.
b
b1


Similar Part No. - CL1N3-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
CL1N3-G SUTEX-CL1N3-G Datasheet
1Mb / 7P
   Simple 90V 20mA Temperature Compensated Constant Current LED Driver IC
More results

Similar Description - CL1N3-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
CL2 SUTEX-CL2 Datasheet
256Kb / 7P
   Simple 90V 20mA Temperature Compensated Constant Current LED Driver IC
CL1 SUTEX-CL1 Datasheet
1Mb / 7P
   Simple 90V 20mA Temperature Compensated Constant Current LED Driver IC
CL2K4-G SUTEX-CL2K4-G Datasheet
932Kb / 7P
   Simple 90V, 20mA, Temperature Compensated Constant Current LED Driver IC
CL2N8-G SUTEX-CL2N8-G Datasheet
932Kb / 7P
   Simple 90V, 20mA, Temperature Compensated Constant Current LED Driver IC
CL25 SUTEX-CL25_11 Datasheet
667Kb / 6P
   Simple 90V, 25mA, Temperature Compensated, Constant Current, LED Driver IC
CL25 SUTEX-CL25 Datasheet
508Kb / 5P
   Simple 90V, 25mA, Temperature Compensated, Constant Current, LED Driver IC
CL220 SUTEX-CL220 Datasheet
1Mb / 7P
   Simple, 220V, 20mA, Temperature-Compensated, Constant Current, LED Driver IC
logo
Microchip Technology
CL220 MICROCHIP-CL220 Datasheet
396Kb / 13P
   Simple, 220V, 20mA, Temperature-Compensated, Constant-Current, LED Driver IC
01/27/15
CL2 MICROCHIP-CL2 Datasheet
426Kb / 15P
   Simple 90V, 20mA, Temperature Compensated
07/14/15
logo
SHENZHEN FUMAN ELECTRON...
TC1360 FUMAN-TC1360 Datasheet
350Kb / 10P
   LED constant current driver IC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com