Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CL520N3-GP014 Datasheet(PDF) 6 Page - Supertex, Inc

Part # CL520N3-GP014
Description  Linear, Fixed Constant Current LED Driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

CL520N3-GP014 Datasheet(HTML) 6 Page - Supertex, Inc

  CL520N3-GP014 Datasheet HTML 1Page - Supertex, Inc CL520N3-GP014 Datasheet HTML 2Page - Supertex, Inc CL520N3-GP014 Datasheet HTML 3Page - Supertex, Inc CL520N3-GP014 Datasheet HTML 4Page - Supertex, Inc CL520N3-GP014 Datasheet HTML 5Page - Supertex, Inc CL520N3-GP014 Datasheet HTML 6Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Supertex inc.
does not recommend the use of its products in life support applications, and will not knowingly sell them for use in such applications unless it receives
an adequate “product liability indemnification insurance agreement.” Supertex inc. does not assume responsibility for use of devices described, and limits its liability
to the replacement of the devices determined defective due to workmanship. No responsibility is assumed for possible omissions and inaccuracies. Circuitry and
specifications are subject to change without notice. For the latest product specifications refer to the Supertex inc. (website: http//www.supertex.com)
©2013 Supertex inc. All rights reserved. Unauthorized use or reproduction is prohibited.
Supertex inc.
1235 Bordeaux Drive, Sunnyvale, CA 94089
Tel: 408-222-8888
www.supertex.com
6
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline
information go to http://www.supertex.com/packaging.html.)
CL520
Doc.# DSFP-CL520
A052013
3-Lead TO-92 Package Outline (N3)
Symbol
A
b
c
D
E
E1
e
e1
L
Dimensions
(inches)
MIN
.170
.014
.014
.175
.125
.080
.095
.045
.500
NOM
-
-
-
-
-
-
-
-
-
MAX
.210
.022
.022
.205
.165
.105
.105
.055
.610*
JEDEC Registration TO-92.
* This dimension is not specified in the JEDEC drawing.
† This dimension differs from the JEDEC drawing.
Drawings not to scale.
Supertex Doc.#: DSPD-3TO92N3, Version E041009.
Seating
Plane
1
2
3
Front View
Side View
Bottom View
E1
E
D
e1
L
e
c
1
2
3
b
A


Similar Part No. - CL520N3-GP014

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
CL525 SUTEX-CL525 Datasheet
827Kb / 6P
   Linear, Fixed Constant Current LED Driver
CL525K4-G SUTEX-CL525K4-G Datasheet
827Kb / 6P
   Linear, Fixed Constant Current LED Driver
CL525N3-G SUTEX-CL525N3-G Datasheet
827Kb / 6P
   Linear, Fixed Constant Current LED Driver
CL525N3-GP002 SUTEX-CL525N3-GP002 Datasheet
827Kb / 6P
   Linear, Fixed Constant Current LED Driver
CL525N3-GP003 SUTEX-CL525N3-GP003 Datasheet
827Kb / 6P
   Linear, Fixed Constant Current LED Driver
More results

Similar Description - CL520N3-GP014

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
CL525 SUTEX-CL525 Datasheet
827Kb / 6P
   Linear, Fixed Constant Current LED Driver
logo
SamHop Microelectronics...
SM6801A SAMHOP-SM6801A Datasheet
92Kb / 1P
   Linear Constant Current LED Driver, Fixed 100mA
logo
Supertex, Inc
CL6 SUTEX-CL6 Datasheet
549Kb / 5P
   Linear, Fixed, 100mA Constant Current LED Driver
logo
M.S. Kennedy Corporatio...
SM6801A MSK-SM6801A Datasheet
92Kb / 1P
   Linear Constant Current LED Driver, Fixed 100mA
logo
Supertex, Inc
CL6 SUTEX-CL6_13 Datasheet
785Kb / 5P
   Linear, Fixed, 100mA Constant Current LED Driver
logo
Maxic Technology Corpor...
MT7603 MAXIC-MT7603 Datasheet
98Kb / 1P
   Linear Constant - Current LED Driver
logo
E-CMOS Corporation
EC4211 E-CMOS-EC4211 Datasheet
482Kb / 8P
   Constant Current Linear LED Driver
logo
Maxic Technology Corpor...
MT7604 MAXIC-MT7604 Datasheet
99Kb / 1P
   Linear Constant - Current LED Driver
MT7652H MAXIC-MT7652H Datasheet
79Kb / 1P
   Linear Dimmable Constant Current LED Driver
MT7651H MAXIC-MT7651H Datasheet
80Kb / 1P
   Linear Dimmable Constant Current LED Driver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com