Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSC1104DE5 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # DSC1104DE5
Description  Low-Jitter Precision HCSL Oscillator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

DSC1104DE5 Datasheet(HTML) 1 Page - Micrel Semiconductor

  DSC1104DE5 Datasheet HTML 1Page - Micrel Semiconductor DSC1104DE5 Datasheet HTML 2Page - Micrel Semiconductor DSC1104DE5 Datasheet HTML 3Page - Micrel Semiconductor DSC1104DE5 Datasheet HTML 4Page - Micrel Semiconductor DSC1104DE5 Datasheet HTML 5Page - Micrel Semiconductor DSC1104DE5 Datasheet HTML 6Page - Micrel Semiconductor DSC1104DE5 Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
______________________________________________________________________________________________________________________________________________
DSC1104 | DSC1124
Page 1
MK-Q-B-P-D-110410-04-6
Low-Jitter Precision HCSL Oscillator
DSC1104
DSC1124
General Description
The DSC1104 & DSC1124 series of high
performance oscillators utilizes a proven
silicon MEMS technology to provide excellent
jitter and stability over a wide range of
supply voltages and temperatures.
By
eliminating the need for quartz or SAW
technology, MEMS oscillators significantly
enhance reliability and accelerate product
development, while meeting stringent clock
performance
criteria
for
a
variety
of
communications, storage, and networking
applications.
DSC1104 has a standby feature allowing it to
completely power-down when EN pin is
pulled low; whereas for DSC1124, only the
outputs are disabled when EN is low. Both
oscillators are available in industry standard
packages, including the small 3.2x2.5 mm2,
and are “drop-in” replacements for standard
6-pin HCSL quartz crystal oscillators.
Block Diagram
Output Enable Modes
EN Pin
DSC1104
DSC1124
High
Outputs Active
Outputs Active
NC
Outputs Active
Outputs Active
Low
Standby
Outputs Disabled
Features
Low RMS Phase Jitter: <1 ps (typ)
High Stability: ±10, ±25, ±50 ppm
Wide Temperature Range
o
Industrial: -40° to 85° C
o
Ext. commercial: -20° to 70° C
High Supply Noise Rejection: -50 dBc
Short Lead Time: 2 Weeks
Wide Freq. Range: 2.3 to 460 MHz
Small Industry Standard Footprints
o
2.5x2.0, 3.2x2.5, 5.0x3.2, & 7.0x5.0 mm
Excellent Shock & Vibration Immunity
o
Qualified to MIL-STD-883
High Reliability
o
20x better MTF than quartz oscillators
Low Current Consumption
Supply Range of 2.25 to 3.6 V
Standby & Output Enable Function
Lead Free & RoHS Compliant
LVPECL & LVDS Versions Available
Applications
Storage Area Networks
o
SATA, SAS, Fibre Channel
Passive Optical Networks
o
EPON, 10G-EPON, GPON, 10G-PON
Ethernet
o
1G, 10GBASE-T/KR/LR/SR, and FCoE
HD/SD/SDI Video & Surveillance
PCI Express: Gen 1 & Gen 2
DisplayPort


Similar Part No. - DSC1104DE5

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DSC1104DE5T MICROCHIP-DSC1104DE5T Datasheet
496Kb / 28P
   Low Jitter Precision HCSL Oscillator
10/25/17
More results

Similar Description - DSC1104DE5

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DSC1104 MICROCHIP-DSC1104 Datasheet
496Kb / 28P
   Low Jitter Precision HCSL Oscillator
10/25/17
logo
Micrel Semiconductor
DSC8004 MICREL-DSC8004 Datasheet
687Kb / 6P
   Programmable Low-Jitter Precision HCSL Oscillator
DSC2040 MICREL-DSC2040 Datasheet
521Kb / 5P
   Low-Jitter Configurable HCSL Oscillator
DSC2042 MICREL-DSC2042 Datasheet
527Kb / 6P
   Low-Jitter Configurable HCSL-LVPECL Oscillator
DSC2044 MICREL-DSC2044 Datasheet
529Kb / 6P
   Low-Jitter Configurable Dual HCSL Oscillator
DSC2043 MICREL-DSC2043 Datasheet
534Kb / 6P
   Low-Jitter Configurable HCSL-LVDS Oscillator
DSC2140 MICREL-DSC2140 Datasheet
558Kb / 5P
   Low-Jitter I2C/SPI Programmable HCSL Oscillator
DSC2041 MICREL-DSC2041 Datasheet
537Kb / 6P
   Low-Jitter Configurable Dual HCSL-CMOS Oscillator
DSC2143 MICREL-DSC2143 Datasheet
568Kb / 6P
   Low-Jitter I2C/SPI Programmable HCSL-LVDS Oscillator
DSC2142 MICREL-DSC2142 Datasheet
674Kb / 6P
   Low-Jitter I2C/SPI Programmable HCSL-LVPECL Oscillator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com